Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSP430F2101TRGET Datasheet(PDF) 8 Page - Texas Instruments

Part # MSP430F2101TRGET
Description  MIXED SIGNAL MICROCONTROLLER
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F2101TRGET Datasheet(HTML) 8 Page - Texas Instruments

Back Button MSP430F2101TRGET Datasheet HTML 4Page - Texas Instruments MSP430F2101TRGET Datasheet HTML 5Page - Texas Instruments MSP430F2101TRGET Datasheet HTML 6Page - Texas Instruments MSP430F2101TRGET Datasheet HTML 7Page - Texas Instruments MSP430F2101TRGET Datasheet HTML 8Page - Texas Instruments MSP430F2101TRGET Datasheet HTML 9Page - Texas Instruments MSP430F2101TRGET Datasheet HTML 10Page - Texas Instruments MSP430F2101TRGET Datasheet HTML 11Page - Texas Instruments MSP430F2101TRGET Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
MSP430x21x1
MIXED SIGNAL MICROCONTROLLER
SLAS439C − SEPTEMBER 2004 − REVISED JULY 2006
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
memory organization
MSP430F2101
MSP430F2111
MSP430F2121
MSP430F2131
Memory
Main: interrupt vector
Main: code memory
Size
Flash
Flash
1KB Flash
0FFFFh−0FFE0h
0FFFFh−0FC00h
2KB Flash
0FFFFh−0FFE0h
0FFFFh−0F800h
4KB Flash
0FFFFh−0FFE0h
0FFFFh−0F000h
8KB Flash
0FFFFh−0FFE0h
0FFFFh−0E000h
Information memory
Size
Flash
256 Byte
010FFh − 01000h
256 Byte
010FFh − 01000h
256 Byte
010FFh − 01000h
256 Byte
010FFh − 01000h
Boot memory
Size
ROM
1KB
0FFFh − 0C00h
1KB
0FFFh − 0C00h
1KB
0FFFh − 0C00h
1KB
0FFFh − 0C00h
RAM
Size
128 Byte
027Fh − 0200h
128 Byte
027Fh − 0200h
256 Byte
02FFh − 0200h
256 Byte
02FFh − 0200h
Peripherals
16-bit
8-bit
8-bit SFR
01FFh − 0100h
0FFh − 010h
0Fh − 00h
01FFh − 0100h
0FFh − 010h
0Fh − 00h
01FFh − 0100h
0FFh − 010h
0Fh − 00h
01FFh − 0100h
0FFh − 010h
0Fh − 00h
bootstrap loader (BSL)
The MSP430 bootstrap loader (BSL) enables users to program the flash memory or RAM using a UART serial
interface. Access to the MSP430 memory via the BSL is protected by user-defined password. A bootstrap loader
security key is provided at address 0FFDEh to disable the BSL completely or to disable the erasure of the flash
if an invalid password is supplied. For complete description of the features of the BSL and its implementation,
see the Application report Features of the MSP430 Bootstrap Loader, Literature Number SLAA089.
BSLKEY
Description
00000h
Erasure of flash disabled if an invalid password is supplied
0AA55h
BSL disabled
any other value
BSL enabled
BSL Function
DW, PW & DGV Package Pins
RGE Package Pins
Data Transmit
14 - P1.1
14 - P1.1
Data Receive
10 - P2.2
8 - P2.2
flash memory
The flash memory can be programmed via the JTAG port, the bootstrap loader, or in-system by the CPU. The
CPU can perform single-byte and single-word writes to the flash memory. Features of the flash memory include:
D Flash memory has n segments of main memory and four segments of information memory (A to D) of 64
bytes each. Each segment in main memory is 512 bytes in size.
D Segments 0 to n may be erased in one step, or each segment may be individually erased.
D Segments A to D can be erased individually, or as a group with segments 0−n.
Segments A to D are also called information memory.
D Segment A contains calibration data. After reset segment A is protected against programming or erasing.
It can be unlocked but care should be taken not to erase this segment if the calibration data is required.


Similar Part No. - MSP430F2101TRGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F2101TRGET TI-MSP430F2101TRGET Datasheet
1Mb / 53P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F2101TRGET TI-MSP430F2101TRGET Datasheet
1Mb / 62P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F2101TRGET TI-MSP430F2101TRGET Datasheet
1Mb / 57P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F2101TRGET TI-MSP430F2101TRGET Datasheet
1Mb / 60P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F2101TRGET TI1-MSP430F2101TRGET Datasheet
1Mb / 62P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results

Similar Description - MSP430F2101TRGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com