Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH4000 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # SFH4000
Description  Schnelle IR-Lumineszenzdiode High Speed Infrared Emitter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4000 Datasheet(HTML) 5 Page - OSRAM GmbH

  SFH4000 Datasheet HTML 1Page - OSRAM GmbH SFH4000 Datasheet HTML 2Page - OSRAM GmbH SFH4000 Datasheet HTML 3Page - OSRAM GmbH SFH4000 Datasheet HTML 4Page - OSRAM GmbH SFH4000 Datasheet HTML 5Page - OSRAM GmbH SFH4000 Datasheet HTML 6Page - OSRAM GmbH SFH4000 Datasheet HTML 7Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SFH 4000
2004-01-28
5
Relative Spectral Emission
I
rel = f (λ)
Forward Current
I
F = f (VF) single pulse, tp = 20 µs
Radiation Characteristics
I
rel = f (ϕ)
OHF00777
nm
800
Ι
erel
λ
0
850
900
950 1000
1100
20
40
60
80
100
OHF00784
10
-3
V
mA
0
Ι
F
V
F
0.5 1 1.5 2 2.5 3 3.5
4.5
10
-2
10
-1
10
0
10
1
10
2
10
3
10
4
OHF00614
20˚
40˚
60˚
80˚
100˚
120˚
0.4
0.6
0.8
1.0
100˚
90˚
80˚
70˚
60˚
50˚
10˚
20˚
30˚
40˚
0
0.2
0.4
0.6
0.8
1.0
ϕ
Radiant Intensity
Single pulse,
t
p = 20 µs
Permissible Pulse Handling
Capability
I
F = f (τ), TA = 25 °C,
duty cycle
D = parameter
Ι
e
Ι
e 100 mA
=
f (I
F)
e
e (100 mA)
mA
OHF00809
F
Ι
Ι
Ι
10
4
0
10
10
1
10
23
10
10 -3
10 -2
10
10 -1
0
10 2
OHF00040
10
-5
F
I
T
P
t
=
D
P
t
T
p
t
F
I
0.005
0.01
0.02
0.05
D
10
-4 10-3 10-2 10-1 100 101
2
10
s
0.1
0.2
0.5
1
=
-1
10
5
1
10
10
0
5
A
Max. Permissible Forward Current
I
F = f (TA)
2004-01-28
OHR00883
0
F
Ι
0
20
40
60
80
100
120
20
40
60
80
100
120
mA
˚C
T
A
R
thjA = 450 K/W


Similar Part No. - SFH4000

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH400 SIEMENS-SFH400 Datasheet
64Kb / 7P
   GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter
logo
OSRAM GmbH
SFH400 OSRAM-SFH400 Datasheet
231Kb / 8P
   GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter Lead (Pb) Free Product - RoHS Compliant
logo
Siemens Semiconductor G...
SFH400-3 SIEMENS-SFH400-3 Datasheet
64Kb / 7P
   GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter
More results

Similar Description - SFH4000

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH4590 SIEMENS-SFH4590 Datasheet
58Kb / 6P
   Schnelle GaAlAs-IR-Lumineszenzdiode High-Speed GaAlAs Infrared Emitter
SFH4591 SIEMENS-SFH4591 Datasheet
50Kb / 5P
   Schnelle GaAlAs-IR-Lumineszenzdiode High-Speed GaAlAs Infrared Emitter
logo
Infineon Technologies A...
SFH4200 INFINEON-SFH4200 Datasheet
81Kb / 7P
   Schnelle GaAs-IR-Lumineszenzdiode (950 nm),High-Speed GaAs Infrared Emitter (950 nm)
2000-01-01
logo
OSRAM GmbH
LD271 OSRAM-LD271 Datasheet
143Kb / 8P
   IR-Lumineszenzdiode Infrared Emitter
SFH4271 OSRAM-SFH4271 Datasheet
86Kb / 10P
   IR-Lumineszenzdiode Infrared Emitter
SFH4209 OSRAM-SFH4209 Datasheet
64Kb / 6P
   Leistungsstarke IR-Lumineszenzdiode High Power Infrared Emitter
SFH4203 OSRAM-SFH4203 Datasheet
59Kb / 6P
   Leistungsstarke IR-Lumineszenzdiode High Power Infrared Emitter
SFH-4203 OSRAM-SFH-4203 Datasheet
218Kb / 7P
   Leistungsstarke IR-Lumineszenzdiode High Power Infrared Emitter
SFH-4209 OSRAM-SFH-4209 Datasheet
233Kb / 9P
   Leistungsstarke IR-Lumineszenzdiode High Power Infrared Emitter
logo
Siemens Semiconductor G...
SFH495P SIEMENS-SFH495P Datasheet
43Kb / 4P
   GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com