Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH426 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # SFH426
Description  GaAlAs Infrared Emitter in SMT Package
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH426 Datasheet(HTML) 2 Page - OSRAM GmbH

  SFH426 Datasheet HTML 1Page - OSRAM GmbH SFH426 Datasheet HTML 2Page - OSRAM GmbH SFH426 Datasheet HTML 3Page - OSRAM GmbH SFH426 Datasheet HTML 4Page - OSRAM GmbH SFH426 Datasheet HTML 5Page - OSRAM GmbH SFH426 Datasheet HTML 6Page - OSRAM GmbH SFH426 Datasheet HTML 7Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2002-03-14
2
SFH 421, SFH 426
Grenzwerte (
T
A = 25 °C)
Maximum Ratings
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit
Betriebs- und Lagertemperatur
Operating and storage temperature range
T
op; Tstg
– 40
… + 100
°C
Sperrspannung
Reverse voltage
V
R
5V
Durchlaßstrom
Forward current
I
F
100
mA
Stoßstrom,
τ = 10 µs, D = 0
Surge current
I
FSM
2.5
A
Verlustleistung
Power dissipation
P
tot
180
mW
Wärmewiderstand Sperrschicht - Umgebung bei
Montage auf FR4 Platine, Padgröße je 16 mm
2
Thermal resistance junction - ambient mounted
on PC-board (FR4), padsize 16 mm
2 each
Wärmewiderstand Sperrschicht - Lötstelle bei
Montage auf Metall-Block
Thermal resistance junction - soldering point,
mounted on metal block
R
thJA
R
thJS
450
≈ 200
K/W
K/W


Similar Part No. - SFH426

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH426 SIEMENS-SFH426 Datasheet
53Kb / 5P
   GaAlAs-IR-Lumineszenzdiode in SMT-Gehause GaAlAs Infrared Emitter in SMT Package
More results

Similar Description - SFH426

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4283 OSRAM-SFH4283 Datasheet
269Kb / 13P
   GaAlAs Infrared Emitter in SMT Package
logo
Siemens Semiconductor G...
SFH421 SIEMENS-SFH421 Datasheet
53Kb / 5P
   GaAlAs-IR-Lumineszenzdiode in SMT-Gehause GaAlAs Infrared Emitter in SMT Package
logo
Vishay Siliconix
TSMF3700 VISHAY-TSMF3700 Datasheet
126Kb / 6P
   GaAlAs/GaAlAs Infrared Emitting Diode in SMT Package
Rev. 1.4, 08-Mar-05
logo
List of Unclassifed Man...
SFH4289 ETC-SFH4289 Datasheet
61Kb / 6P
   GaAlAs-IR-Lumineszenzdiode in SMT-Geh짰se mit Linse GaAlAs Infrared Emitter in SMT Package with lens
logo
OSRAM GmbH
SFH-425 OSRAM-SFH-425 Datasheet
272Kb / 14P
   GaAs Infrared Emitter in SMT Package
SFH-420 OSRAM-SFH-420 Datasheet
275Kb / 14P
   GaAs Infrared Emitter in SMT Package
SFH420 OSRAM-SFH420_01 Datasheet
138Kb / 7P
   GaAs Infrared Emitter in SMT Package
logo
Vishay Siliconix
TSML3710 VISHAY-TSML3710 Datasheet
246Kb / 8P
   GaAs/GaAlAs Infrared Emitting Diode in SMT Package
Rev. 3, 06-Jun-03
TSML3700 VISHAY-TSML3700 Datasheet
55Kb / 6P
   GaAs/GaAlAs Infrared Emitting Diode in SMT Package
Rev. 3, 20-May-99
logo
Siemens Semiconductor G...
SFH480-1 SIEMENS-SFH480-1 Datasheet
81Kb / 2P
   GaAlAs INFRARED EMITTER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com