Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH2430 Datasheet(PDF) 6 Page - OSRAM GmbH

Part # SFH2430
Description  Silicon Photodiode with V貫 Characteristics
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH2430 Datasheet(HTML) 6 Page - OSRAM GmbH

  SFH2430 Datasheet HTML 1Page - OSRAM GmbH SFH2430 Datasheet HTML 2Page - OSRAM GmbH SFH2430 Datasheet HTML 3Page - OSRAM GmbH SFH2430 Datasheet HTML 4Page - OSRAM GmbH SFH2430 Datasheet HTML 5Page - OSRAM GmbH SFH2430 Datasheet HTML 6Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
2007-04-03
6
SFH 2430
Lötbedingungen
Vorbehandlung nach JEDEC Level 4
Soldering Conditions
Preconditioning acc. to JEDEC Level 4
Reflow Lötprofil für bleifreies Löten
(nach J-STD-020C)
Reflow Soldering Profile for lead free soldering
(acc. to J-STD-020C)
Published by
OSRAM Opto Semiconductors GmbH
Wernerwerkstrasse 2, D-93049 Regensburg
www.osram-os.com
© All Rights Reserved.
The information describes the type of component and shall not be considered as assured characteristics.
Terms of delivery and rights to change design reserved. Due to technical requirements components may contain
dangerous substances. For information on the types in question please contact our Sales Organization.
Packing
Please use the recycling operators known to you. We can also help you – get in touch with your nearest sales office.
By agreement we will take packing material back, if it is sorted. You must bear the costs of transport. For packing
material that is returned to us unsorted or which we are not obliged to accept, we shall have to invoice you for any costs
incurred.
Components used in life-support devices or systems must be expressly authorized for such purpose! Critical
components
1 , may only be used in life-support devices or systems 2 with the express written approval of OSRAM OS.
1 A critical component is a component usedin a life-support device or system whose failure can reasonably be expected
to cause the failure of that life-support device or system, or to affect its safety or effectiveness of that device or system.
2 Life support devices or systems are intended (a) to be implanted in the human body, or (b) to support and/or maintain
and sustain human life. If they fail, it is reasonable to assume that the health of the user may be endangered.
OHLA0687
0
0
T
t
˚C
s
120 s max
50
100
150
200
250
300
Ramp Up
100 s max
50
100
150
200
250
300
Ramp Down
6 K/s (max)
3 K/s (max)
25 ˚C
30 s max
260 ˚C
+0 ˚C
-5 ˚C
245 ˚C ±5 ˚C
240 ˚C
255 ˚C
217 ˚C
Maximum Solder Profile
Recommended Solder Profile
235 ˚C -0 ˚C
+5 ˚C
Minimum Solder Profile
10 s min


Similar Part No. - SFH2430

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH2430 OSRAM-SFH2430 Datasheet
395Kb / 8P
   This application note introduces ambient light sensing on a general level. The different types of ambient light sensors are described and related to specific applications.
SFH2430 OSRAM-SFH2430 Datasheet
440Kb / 12P
   Silicon Photodiode with V Characteristic
logo
ams AG
SFH2430 AMSCO-SFH2430 Datasheet
806Kb / 17P
   DIL SMT Ambient Light Sensor Silicon Photodiode with Vλ Characteristic
Version 1.4 2021-06-08
logo
OSRAM GmbH
SFH2430 OSRAM-SFH2430_18 Datasheet
440Kb / 12P
   Silicon Photodiode with V Characteristic
More results

Similar Description - SFH2430

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH-2716 OSRAM-SFH-2716 Datasheet
421Kb / 12P
   Silicon PN Photodiode with V貫 Characteristics
SFH-2440 OSRAM-SFH-2440 Datasheet
519Kb / 12P
   Silicon Photodiode with V貫 Characteristic
SFH-2240 OSRAM-SFH-2240 Datasheet
494Kb / 13P
   Silicon Photodiode with V貫 Characteristic
SFH-2440-L OSRAM-SFH-2440-L Datasheet
453Kb / 12P
   Silicon Photodiode with V貫 Characteristic
SFH-2430 OSRAM-SFH-2430 Datasheet
440Kb / 12P
   Silicon Photodiode with V貫 Characteristic
SFH-3711 OSRAM-SFH-3711 Datasheet
450Kb / 12P
   Silicon NPN Phototransistor with V貫 Characteristics
SFH3310 OSRAM-SFH3310 Datasheet
208Kb / 6P
   Silicon NPN Phototransistor with V貫 Characteristics
SFH-3410 OSRAM-SFH-3410 Datasheet
603Kb / 13P
   Silicon NPN Phototransistor with V貫 Characteristics
SFH-3710 OSRAM-SFH-3710 Datasheet
382Kb / 12P
   Silicon NPN Phototransistor with V貫 Characteristics
SFH-3716 OSRAM-SFH-3716 Datasheet
374Kb / 12P
   Silicon NPN Phototransistor with V貫 Characteristics
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com