Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH409 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # SFH409
Description  GaAs-IR-Lumineszenzdiode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH409 Datasheet(HTML) 4 Page - OSRAM GmbH

  SFH409_03 Datasheet HTML 1Page - OSRAM GmbH SFH409_03 Datasheet HTML 2Page - OSRAM GmbH SFH409_03 Datasheet HTML 3Page - OSRAM GmbH SFH409_03 Datasheet HTML 4Page - OSRAM GmbH SFH409_03 Datasheet HTML 5Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SFH 409
2003-11-11
4
Relative Spectral Emission
I
rel = f (λ)
Forward Current
I
F = f (VF), Single pulse, tp = 20 µs
Radiation Characteristics
Ι
rel = f (ϕ)
OHR01938
λ
rel
Ι
0
880
920
960
1000
nm
1060
20
40
60
80
%
100
V
OHR01041
F
F
Ι
1
1
10
0
10
-1
10
10
-2
A
1.5
2
2.5
33.5
4 V 4.5
max.
typ.
OHR01887
020
40
60
80
100
120
0.4
0.6
0.8
1.0
100
90
80
70
60
50
0
10
20
30
40
0
0.2
0.4
0.6
0.8
1.0
ϕ
Radiant Intensity
Single pulse,
t
p = 20 µs
Permissible Pulse Handling
Capability
I
F = f (τ), TA = 25 °C
duty cycle
D = parameter
Ι
e
Ι
e 100 mA
=
f (I
F)
Ι
OHR00864
F
-1
10
10
-2
-1
10
0
10
A
10
1
10
0
mA)
(100
e
Ι
e
Ι
10
1
τ
OHR00865
-5
10
10
2
Ι
F
10
3
10
4
5
DC
0.2
0.5
0.1
0.005
0.01
0.02
0.05
T
Ι
F
T
D =
5
mA
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
s
D =
τ
τ
Max. Permissible Forward Current
I
F = f (TA)
OHR00883
0
F
Ι
0
20
40
60
80
100
120
20
40
60
80
100
120
mA
˚C
T
A
R
thjA = 450 K/W


Similar Part No. - SFH409_03

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH409-1 SIEMENS-SFH409-1 Datasheet
34Kb / 4P
   GaAs Infrared Emitter
SFH409-2 SIEMENS-SFH409-2 Datasheet
34Kb / 4P
   GaAs Infrared Emitter
logo
OSRAM GmbH
SFH409-2 OSRAM-SFH409-2 Datasheet
138Kb / 7P
   GaAs-IR-Lumineszenzdiode
SFH409 OSRAM-SFH409_12 Datasheet
138Kb / 7P
   GaAs-IR-Lumineszenzdiode
More results

Similar Description - SFH409_03

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH-409 OSRAM-SFH-409 Datasheet
114Kb / 5P
   GaAs-IR-Lumineszenzdiode
SFH405 OSRAM-SFH405_12 Datasheet
130Kb / 7P
   GaAs-IR-Lumineszenzdiode
SFH409 OSRAM-SFH409_12 Datasheet
138Kb / 7P
   GaAs-IR-Lumineszenzdiode
logo
Siemens Semiconductor G...
SFH495P SIEMENS-SFH495P Datasheet
43Kb / 4P
   GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter
LD274 SIEMENS-LD274 Datasheet
34Kb / 4P
   GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter
LD261 SIEMENS-LD261 Datasheet
36Kb / 4P
   GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter
LD271 SIEMENS-LD271 Datasheet
41Kb / 5P
   GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter
SFH405 SIEMENS-SFH405 Datasheet
33Kb / 4P
   GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter
SFH400 SIEMENS-SFH400 Datasheet
64Kb / 7P
   GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter
logo
OSRAM GmbH
SFH4110 OSRAM-SFH4110 Datasheet
143Kb / 8P
   GaAs-IR-Lumineszenzdiode (Mini Sidelooker)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com