Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6219D09AML Datasheet(PDF) 5 Page - Torex Semiconductor

Part # XC6219D09AML
Description  High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6219D09AML Datasheet(HTML) 5 Page - Torex Semiconductor

  XC6219D09AML Datasheet HTML 1Page - Torex Semiconductor XC6219D09AML Datasheet HTML 2Page - Torex Semiconductor XC6219D09AML Datasheet HTML 3Page - Torex Semiconductor XC6219D09AML Datasheet HTML 4Page - Torex Semiconductor XC6219D09AML Datasheet HTML 5Page - Torex Semiconductor XC6219D09AML Datasheet HTML 6Page - Torex Semiconductor XC6219D09AML Datasheet HTML 7Page - Torex Semiconductor XC6219D09AML Datasheet HTML 8Page - Torex Semiconductor XC6219D09AML Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
5/23
XC6219/6211
Series
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS CIRCUIT
IOUT=30mA (*1, 2, 8)
x 0.98
x 1.02
Output Voltage
VOUT(E)
1% accuracy=VOUT(T)>3.0V
x 0.99
VOUT(T)
x 1.01
V
Maximum Output Current
IOUTMAX
Input conditions (E-1)
E-2
-
-
mA
Load Regulation
VOUT
1mA≦IOUT≦100mA
-
15
50
mV
Vdif1
IOUT=30mA (*3, 4, 5)
E-3
mV
Dropout Voltage
Vdif2
IOUT=100mA (*3, 4, 5)
E-4
mV
Supply Current
IDD
VCE=VIN
-
25
50
μ
A
Stand-by Current
Istby
VCE=VSS
-
0.01
0.10
μ
A
Line Regulation
VOUT
VIN・VOUT
VOUT(T) +1.0V≦VIN≦7.0V
IOUT=30mA
-
0.01
0.20
%/V
Input Voltage
VIN
2.0
-
6.0
V
-
Output Voltage
Temperature Characteristics
VOUT
Topr・VOUT
IOUT=30mA
-40℃≦Topr≦85℃
-
100
-
ppm/℃
-
65
-
Ripple Rejection Rate
PSRR
IOUT=50mA,
f=10kHz
VOUT(E)>1.8V
70
dB
XC6219/6211A~D type (*7)
-
300
-
Current Limiter
Ilim
XC6219/6211 E~H type (*7)
380
mA
Short Circuit Current
Ishort
-
50
-
mA
CE ‘High’ Level Voltage
VCEH
1.60
-
VIN
V
CE ‘Low’ Level Voltage
VCEL
-
-
0.25
V
XC6219/11A, E
5.0
CE ‘High’ Level Current
ICEH
VCE=VIN
XC6219/11B, C, D, F, G, H
-0.10
-
0.10
μ
A
XC6219/11D, G
-5.0
CE ‘Low’ Level Current
ICEL
VCE=VSS
XC6219/11A, B, C, E, F, H
-0.10
-
0.10
μ
A
ELECTRICAL CHARACTERISTICS
Ta=25℃
XC6219/6211 series
NOTE: * 1: VOUT(T) = Specified output voltage
* 2: VOUT(E) = Effective output voltage
(I.e. the output voltage when "VOUT(T)+1.0V" is provided at the VIN pin while maintaining a certain IOUT value.)
* 3: Vdif={VIN1(*5)-VOUT1(*4) }
* 4: VOUT1=A voltage equal to 98% of the output voltage whenever an amply stabilized IOUT {VOUT(T)+1.0V} is input.
* 5: VIN1=The Input Voltage when VOUT1 appears as Input Voltage is gradually decreased.
* 6: Unless otherwise stated, VIN=VOUT(T)+1.0V.
* 7: Input conditions of current limit when 0.9V<VOUT(T)<1.75V is VIN=VOUT(T)+2.0V
* 8: The rated value when VOUT(T)<1.5V is VOUT(T)+30mV


Similar Part No. - XC6219D09AML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6219D09AML TOREX-XC6219D09AML Datasheet
248Kb / 18P
   High Speed LDO Regulators Low ESR Cap Compatible ON/OFF Switch
More results

Similar Description - XC6219D09AML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6219 TOREX-XC6219 Datasheet
248Kb / 18P
   High Speed LDO Regulators Low ESR Cap Compatible ON/OFF Switch
XC6209 TOREX-XC6209 Datasheet
224Kb / 19P
   High Speed LDO Regulators Low ESR Cap Compatible Output On/Off Control
XC6212 TOREX-XC6212 Datasheet
66Kb / 7P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Output ON/OFF Control
logo
ZP Semiconductor
XC6219 ZPSEMI-XC6219 Datasheet
810Kb / 18P
   HIGH SPEED LDO REGULATORS, LOW ESR CAP.COMPATIBLE ON/OFF SWITCH
logo
Torex Semiconductor
XC6221 TOREX-XC6221 Datasheet
407Kb / 20P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6221 TOREX-XC6221_1 Datasheet
383Kb / 23P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6221 TOREX-XC6221_2 Datasheet
466Kb / 23P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6209 TOREX-XC6209_1 Datasheet
1Mb / 25P
   High Speed LDO Regulator, Low ESR Cap. Compatible, Output ON/OFF Control
XC6204B182MR TOREX-XC6204B182MR Datasheet
1Mb / 28P
   (Can be used with low ESR Capacitor Compatible. ON-OFF Switch) High Speed LDO Regulators
XC6403 TOREX-XC6403_1 Datasheet
1Mb / 57P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Voltage Detector Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com