Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC610101C116ML Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC610101C116ML
Description  Voltage Detector (VDF=1.6V~5.0V)
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC610101C116ML Datasheet(HTML) 1 Page - Torex Semiconductor

  XC610101C116ML Datasheet HTML 1Page - Torex Semiconductor XC610101C116ML Datasheet HTML 2Page - Torex Semiconductor XC610101C116ML Datasheet HTML 3Page - Torex Semiconductor XC610101C116ML Datasheet HTML 4Page - Torex Semiconductor XC610101C116ML Datasheet HTML 5Page - Torex Semiconductor XC610101C116ML Datasheet HTML 6Page - Torex Semiconductor XC610101C116ML Datasheet HTML 7Page - Torex Semiconductor XC610101C116ML Datasheet HTML 8Page - Torex Semiconductor XC610101C116ML Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
1/27
XC6101~XC6107, XC6111~XC6117 Series
Voltage Detector (VDF=1.6V~5.0V)
■GENERAL DESCRIPTION
The XC6101~XC6107, XC6111~XC6117 series are groups of high-precision, low current consumption voltage detectors with
manual reset input and watchdog functions incorporating CMOS process technology. The series consist of a reference
voltage source, delay circuit, comparator, and output driver. With the built-in delay circuit, the XC6101 ~ XC6107, XC6111 ~
XC6117 series do not require any external components to output signals with release delay time. Moreover, with the manual
reset function, reset can be asserted at any time. The ICs produce two types of output; VDFL (low when detected) and VDFH
(high when detected). With the XC6101 ~ XC6105, XC6111 ~ XC6115 series, the WD pin can be left open if the watchdog
function is not used. Whenever the watchdog pin is opened, the internal counter clears before the watchdog timeout occurs.
Since the manual reset pin is internally pulled up to the VIN pin voltage level, the ICs can be used by leaving the manual reset
pin unconnected if the pin is unused. The detect voltages are internally fixed 1.6V ~ 5.0V in increments of 100mV, using laser
trimming technology. Six watchdog timeout periods are available in a range from 6.25ms to 1.6s. Seven release delay times
are available in a range from 3.13ms to 1.6s.
■APPLICATIONS
●Microprocessor reset circuits
●Memory battery backup circuits
●System power-on reset circuits
●Power failure detection
■TYPICAL APPLICATION CIRCUIT
* Not necessary with CMOS output products.
■FEATURES
Detect Voltage Range
: 1.6V ~ 5.0V, +2%
(100mV increments)
Hysteresis Width
: VDF x 5%, TYP.
(XC6101~XC6107)
VDF x 0.1%, TYP.
(XC6111~XC6117)
Operating Voltage Range
: 1.0V ~ 6.0V
Detect Voltage Temperature
Coefficient
: +100ppm/OC (TYP.)
Output Configuration
: N-channel open drain,
CMOS
Reset Output Options
: VDFL (Low when detected)
VDFH (High when detected)
Watchdog Function
: Watchdog input WD;
If it remains ether high or low for
the duration of the watchdog
timeout period, a reset is
asserted.
Manual Reset Function
: Manual Reset Input MRB;
When it changes from high to
low, a reset is asserted.
Release Delay Time
: 1.6s, 400ms, 200ms, 100ms,
50ms, 25ms, 3.13ms (TYP.)
Watchdog Timeout Period
: 1.6s, 400ms, 200ms, 100ms,
50ms, 6.25ms (TYP.)
Packages
: SOT-25, USP-6C
■TYPICAL PERFORMANCE
CHARACTERISTICS
●Supply Current vs. Input Voltage
XC6101/XC6102
VIN
MRB
VSS
WD
RESETB
Rpull
RESETB
INPUT
I/O
VIN
VSS
VIN
μ
P
* ‘x’ represents both ‘0’ and ‘1’. (ex. XC61x1⇒XC6101 and XC6111)
0
5
10
15
20
25
30
012
3456
Input Voltage: VIN (V)
XC61X1~XC61X5 (2.7V)
Ta=85℃
Ta=-40℃
Ta=25℃
ETR0207_010


Similar Part No. - XC610101C116ML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6101 TOREX-XC6101 Datasheet
521Kb / 26P
   CMOS Voltage Detector
XC6101A016 TOREX-XC6101A016 Datasheet
521Kb / 26P
   CMOS Voltage Detector
XC6101A017 TOREX-XC6101A017 Datasheet
521Kb / 26P
   CMOS Voltage Detector
XC6101A018 TOREX-XC6101A018 Datasheet
521Kb / 26P
   CMOS Voltage Detector
XC6101A019 TOREX-XC6101A019 Datasheet
521Kb / 26P
   CMOS Voltage Detector
More results

Similar Description - XC610101C116ML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6121 TOREX-XC6121_1 Datasheet
426Kb / 23P
   Voltage Detector with Watchdog Function and ON/OFF Control (VDF=1.6V~5.0V)
XC6121_1A TOREX-XC6121_1A Datasheet
464Kb / 23P
   Voltage Detector with Watchdog Function and ON/OFF Control (VDF=1.6V~5.0V)
XC6121 TOREX-XC6121 Datasheet
425Kb / 23P
   Voltage Detector with Watchdog Function and ON/OFF Control (VDF=1.6V~5.0V)
XE61C TOREX-XE61C Datasheet
339Kb / 15P
   Standard Voltage Detectors (VDF=1.6V節?.0V)
XC61G TOREX-XC61G_1 Datasheet
1Mb / 16P
   Low Voltage Detectors (VDF= 0.8V節?.5V) Standard Voltage Detectors (VDF 1.6V節?.0V)
XC61C TOREX-XC61C_1 Datasheet
758Kb / 17P
   Low Voltage Detectors (VDF= 0.8V節?.5V) Standard Voltage Detectors (VDF 1.6V節?.0V)
XC61G TOREX-XC61G Datasheet
1Mb / 14P
   LOW VOLTAGE DETECTORS (VDF=0.8V-1.5V)
logo
Golledge Electronics Lt...
MCSO1HV GOLLEDGE-MCSO1HV_18 Datasheet
566Kb / 4P
   5.0V supply voltage
MCSO1H GOLLEDGE-MCSO1H Datasheet
566Kb / 4P
   5.0V supply voltage
logo
List of Unclassifed Man...
PT7V2727 ETC1-PT7V2727 Datasheet
294Kb / 5P
   3.3v/5.0v operating voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com