Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC62HP2002DR Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC62HP2002DR
Description  Positive Voltage Regulators (Output ON/OFF)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC62HP2002DR Datasheet(HTML) 1 Page - Torex Semiconductor

  XC62HP2002DR Datasheet HTML 1Page - Torex Semiconductor XC62HP2002DR Datasheet HTML 2Page - Torex Semiconductor XC62HP2002DR Datasheet HTML 3Page - Torex Semiconductor XC62HP2002DR Datasheet HTML 4Page - Torex Semiconductor XC62HP2002DR Datasheet HTML 5Page - Torex Semiconductor XC62HP2002DR Datasheet HTML 6Page - Torex Semiconductor XC62HP2002DR Datasheet HTML 7Page - Torex Semiconductor XC62HP2002DR Datasheet HTML 8Page - Torex Semiconductor XC62HP2002DR Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1/19
XC62H Series
Positive Voltage Regulators (Output ON/OFF)
GENERAL DESCRIPTION
The XC62H series are highly precise, low power consumption, positive voltage regulators, manufactured using CMOS and
laser trimming technologies. The series consists of a high precision voltage reference, an error correction circuit, and an
output driver with current limitation.
By way of the CE function, with output turned off, the series enters standby. In the stand-by mode, power consumption is
greatly reduced.
SOT-25 (150mW), SOT-89-5 (500mW) and USP-6B (100mW) packages are available.
In relation to the CE function, as well as the positive logic XC62HR series, a negative logic XC62HP series (custom) is also
available.
APPLICATIONS
Battery powered equipment
Voltage supplies for cellular phones
Cameras, Video recorders
Palmtops
TYPICAL APPLICATION CIRCUIT
FEATURES
Maximum Output Current
: 165mA (within max.power
dissipation, VOUT=3.0V)
Output Voltage Range : 2.0V ~ 6.0V in 100mV increments
(1.5V ~ 1.9V semi-custom)
Highly Accurate
: Set-up Voltage ±2%
(±1% for semi-custom products)
Low Power Consumption
: 3.0μA (TYP.) (VOUT=3.0, Output enabled)
: 0.1μA (TYP.) (Output disabled)
Output Voltage Temperature Characteristics
: ±100ppm /℃ (TYP.)
Line Regulation
: 0.2% / V (TYP.)
CMOS Low Power Consumption
Small Dropout
: 0.18V @ 60mA
: 0.58V @ 160mA
Ultra Small Packages : SOT-25 (150mW) mini-mold
SOT-89-5 (500mW) mini-power mold
USP-6B (100mW)
TYPICAL PERFORMANCE
CHARACTERISTICS
ETR0312_001


Similar Part No. - XC62HP2002DR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC62HP2002DR TOREX-XC62HP2002DR Datasheet
1Mb / 17P
   Positive Voltage Regulators (Output ON/OFF)
More results

Similar Description - XC62HP2002DR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
0203_XC62G TOREX-0203_XC62G Datasheet
229Kb / 13P
   Positive Voltage Regulators (Output On/Off)
XC62H TOREX-XC62H Datasheet
1Mb / 17P
   Positive Voltage Regulators (Output ON/OFF)
XC6204 TOREX-XC6204_1 Datasheet
3Mb / 47P
   High Sprred LDO Regulators Output ON-OFF Control
XC6204_004 TOREX-XC6204_004 Datasheet
1Mb / 49P
   High Speed LDO Regulators Output ON-OFF Control
logo
Sharp Corporation
PQ070VK01FZH SHARP-PQ070VK01FZH Datasheet
410Kb / 6P
   Variable Output, Low Power-Loss Voltage Regulators with Output ON/OFF Control Function
logo
Integral Corp.
IL317 INTEGRAL-IL317 Datasheet
105Kb / 2P
   THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
logo
Cypress Semiconductor
LM317L3 CYPRESS-LM317L3 Datasheet
213Kb / 9P
   Three Terminal Adjustable Output Positive Voltage Regulators
logo
Vishay Siliconix
LM317CM VISHAY-LM317CM Datasheet
123Kb / 6P
   3-Terminal Adjustable Output Positive Voltage Regulators
29-Nov-01
LM317 VISHAY-LM317 Datasheet
118Kb / 6P
   3-Terminal Adjustable Output Positive Voltage Regulators
30-Oct-02
logo
KODENSHI_AUK CORP.
KK317 KODENSHI-KK317 Datasheet
195Kb / 4P
   THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com