Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SII3531ACNU Datasheet(PDF) 10 Page - Silicon image

Part # SII3531ACNU
Description  PCI Express to Serial ATA Controller
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICONIMAGE [Silicon image]
Direct Link  http://www.siliconimage.com
Logo SILICONIMAGE - Silicon image

SII3531ACNU Datasheet(HTML) 10 Page - Silicon image

Back Button SII3531ACNU Datasheet HTML 6Page - Silicon image SII3531ACNU Datasheet HTML 7Page - Silicon image SII3531ACNU Datasheet HTML 8Page - Silicon image SII3531ACNU Datasheet HTML 9Page - Silicon image SII3531ACNU Datasheet HTML 10Page - Silicon image SII3531ACNU Datasheet HTML 11Page - Silicon image SII3531ACNU Datasheet HTML 12Page - Silicon image SII3531ACNU Datasheet HTML 13Page - Silicon image SII3531ACNU Datasheet HTML 14Page - Silicon image Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 81 page
background image
PCI Express to Serial ATA Controller
Data Sheet
Silicon Image, Inc.
© 2006 Silicon Image, Inc.
SiI-DS-0208-C
10
Limits
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VDOUT
TX+/TX- differential peak-
to-peak voltage swing.
Terminated by 50 Ohms.
Tx Swing Value = 1100
400
500
700
mV
VDIN
RX+/RX- differential peak-
to-peak input sensitivity
200
mV
V SATA_SQ
RX+/RX- OOB Signal
Detection Threshold
50
125
200
mV
V SATA_ACCM
Tx AC common-mode
voltage
50
mV
Z SATA_DIN
Tx Pair Differential
impedance
85
100
115
ohms
Z SATA_DOUT
Rx Pair Differential
impedance
85
100
115
ohms
Z SATA_SIN
Tx Single-Ended
impedance
40
ohms
Z SATA_SOUT
Rx Single-Ended
impedance
40
ohms
Table 2-3 SATA Interface DC Specifications
Limits
Symbol
Parameter
Condition
Min
Typ
Max
Unit
V PCI_DOUT
TX+/TX- differential peak-to-
peak voltage swing.
Terminated by 50 Ohms.
800
1000
1200
mV
V PCI_DE-RATIO
Tx De-Emphasized Differential
Output Voltage
Ratio
- 3.0
-3.5
-4.0
dB
V PCI_DIN
RX+/RX- differential peak-to-
peak input sensitivity
175
1200
mV
Z PCI_DIN
Tx Pair Differential impedance
DC impedance
80
100
120
ohms
Z PCI_DOUT
Rx Pair Differential impedance
DC impedance
80
100
120
ohms
Z PCI_SIN
Tx Single-Ended impedance
DC impedance
40
50
60
ohms
Z PCI_SOUT
Rx Single-Ended impedance
DC impedance
40
50
60
ohms
Z PCI_RX-HIGH-
IMP-DC
Rx Powered Down Impedance
DC impedance
200k
ohms
Z PCI_RX-IDLE-
DET-DIFFp-p
Electrical Idle Detect Threshold
Measured at the Rx pins
65
175
mV
Table 2-4 PCI Express Interface DC Specifications
Peak-to peak
Total Jitter
Minimum Amplitude
Maximum Amplitude
Eye Diagram


Similar Part No. - SII3531ACNU

ManufacturerPart #DatasheetDescription
logo
Silicon image
SII3531 SILICONIMAGE-SII3531 Datasheet
217Kb / 2P
   SteelVine??Host Controller
More results

Similar Description - SII3531ACNU

ManufacturerPart #DatasheetDescription
logo
Silicon image
SII3512 SILICONIMAGE-SII3512 Datasheet
586Kb / 2P
   PCI to Serial ATA Controller
SII3114 SILICONIMAGE-SII3114_07 Datasheet
559Kb / 127P
   PCI to Serial ATA Controller
SII3132 SILICONIMAGE-SII3132 Datasheet
161Kb / 2P
   PCI Express to 2-Port Serial ATA II Host Controller
SII3124A SILICONIMAGE-SII3124A Datasheet
591Kb / 88P
   PCI-X to Serial ATA Controller
logo
Intel Corporation
EW31244SL7QV INTEL-EW31244SL7QV Datasheet
3Mb / 252P
   Intel짰 31244 PCI-X to Serial ATA Controller
logo
PLX Technology
OXPCIE954 PLX-OXPCIE954 Datasheet
188Kb / 2P
   PCI Express to Quad Serial Port
OXPCIE958 PLX-OXPCIE958 Datasheet
183Kb / 2P
   PCI Express to Octal Serial Port
USB3380 PLX-USB3380 Datasheet
117Kb / 2P
   PCI Express to USB 3.0 Peripheral Controller
logo
Vitesse Semiconductor C...
VSC7251 VITESSE-VSC7251 Datasheet
261Kb / 2P
   PCI-Express Serial Attached SCSI Single Chip RAID Controller
logo
PLX Technology
USB2380 PLX-USB2380 Datasheet
133Kb / 2P
   PCI Express to USB 2.0 Peripheral Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com