Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC610111A016ML Datasheet(PDF) 11 Page - Torex Semiconductor

Part # XC610111A016ML
Description  Voltage Detector (VDF=1.6V~5.0V)
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC610111A016ML Datasheet(HTML) 11 Page - Torex Semiconductor

Back Button XC610111A016ML Datasheet HTML 7Page - Torex Semiconductor XC610111A016ML Datasheet HTML 8Page - Torex Semiconductor XC610111A016ML Datasheet HTML 9Page - Torex Semiconductor XC610111A016ML Datasheet HTML 10Page - Torex Semiconductor XC610111A016ML Datasheet HTML 11Page - Torex Semiconductor XC610111A016ML Datasheet HTML 12Page - Torex Semiconductor XC610111A016ML Datasheet HTML 13Page - Torex Semiconductor XC610111A016ML Datasheet HTML 14Page - Torex Semiconductor XC610111A016ML Datasheet HTML 15Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
11/27
XC6101 ~ XC6107, XC6111~ XC6117
Series
■NOTES ON USE
1. Please use this IC within the stated maximum ratings. Operation beyond these limits may cause degrading or permanent
damage to the device.
2. When a resistor is connected between the VIN pin and the input, the VIN voltage drops while the IC is operating and a
malfunction may occur as a result of the IC’s through current. For the CMOS output products, the VIN voltage drops while
the IC is operating and malfunction may occur as a result of the IC’s output current. Please be careful with using the
XC6111~XC6117 series (without hysteresis).
3. In order to stabilize the IC’s operations, please ensure that the VIN pin’s input frequency’s rise and fall times are more than
1 μs/V.
4. Noise at the power supply may cause a malfunction of the watchdog operation or the circuit. In such case, please
strength the line between VIN and the GND pin and connect about 0.22μF of a capacitor between the VIN pin and the GND
pin.
5. Protecting against a malfunction while the watchdog time out period, an ignoring time (no reaction time) occurs to the rise
and fall times. Referring to the figure below, the ignoring time (no reaction time) lasts for 900μs at maximum.
6. The watchdog function can be disabled by connecting a three-state device to the WDI pin as a result of the high impedance
state of the WDI pin. This is effective when the watchdog function is not required, for example, during data loading to the
CPU. The WDI input is internally driven through a buffer (LOGIC) and series resistor (RWD) from the watchdog counter as
showed in the block diagrams of page 4 and 5. The WDI input is designed for minimizing the input current by placing the
series resistor (RWD) in the maximum resistance of 880kΩ. A voltage drop occurs in proportion to the leakage current of the
three-state device multiplied by the resistance value of the series resistor (RWD) when the three-state device is in the state
of high impedance. The voltage level must be reaching the threshold level of the WD so that a three-state device with small
leakage current should be selected.
The other series is available in the name of XC6121~XC6124 with the ON/OFF control pin for the watchdog function.
When these series is used, external parts such as the three-state device is not required.
● No Reaction Time
No reaction time
(MAX 900μs)
No reaction time
(MAX 900μs)


Similar Part No. - XC610111A016ML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6101 TOREX-XC6101 Datasheet
521Kb / 26P
   CMOS Voltage Detector
XC6101A016 TOREX-XC6101A016 Datasheet
521Kb / 26P
   CMOS Voltage Detector
XC6101A017 TOREX-XC6101A017 Datasheet
521Kb / 26P
   CMOS Voltage Detector
XC6101A018 TOREX-XC6101A018 Datasheet
521Kb / 26P
   CMOS Voltage Detector
XC6101A019 TOREX-XC6101A019 Datasheet
521Kb / 26P
   CMOS Voltage Detector
More results

Similar Description - XC610111A016ML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6121 TOREX-XC6121_1 Datasheet
426Kb / 23P
   Voltage Detector with Watchdog Function and ON/OFF Control (VDF=1.6V~5.0V)
XC6121_1A TOREX-XC6121_1A Datasheet
464Kb / 23P
   Voltage Detector with Watchdog Function and ON/OFF Control (VDF=1.6V~5.0V)
XC6121 TOREX-XC6121 Datasheet
425Kb / 23P
   Voltage Detector with Watchdog Function and ON/OFF Control (VDF=1.6V~5.0V)
XE61C TOREX-XE61C Datasheet
339Kb / 15P
   Standard Voltage Detectors (VDF=1.6V節?.0V)
XC61G TOREX-XC61G_1 Datasheet
1Mb / 16P
   Low Voltage Detectors (VDF= 0.8V節?.5V) Standard Voltage Detectors (VDF 1.6V節?.0V)
XC61C TOREX-XC61C_1 Datasheet
758Kb / 17P
   Low Voltage Detectors (VDF= 0.8V節?.5V) Standard Voltage Detectors (VDF 1.6V節?.0V)
XC61G TOREX-XC61G Datasheet
1Mb / 14P
   LOW VOLTAGE DETECTORS (VDF=0.8V-1.5V)
logo
Golledge Electronics Lt...
MCSO1HV GOLLEDGE-MCSO1HV_18 Datasheet
566Kb / 4P
   5.0V supply voltage
MCSO1H GOLLEDGE-MCSO1H Datasheet
566Kb / 4P
   5.0V supply voltage
logo
List of Unclassifed Man...
PT7V2727 ETC1-PT7V2727 Datasheet
294Kb / 5P
   3.3v/5.0v operating voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com