Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC2165C28BMR Datasheet(PDF) 4 Page - Torex Semiconductor

Part # XC2165C28BMR
Description  ICs for use with low voltage Crystal Oscillators
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC2165C28BMR Datasheet(HTML) 4 Page - Torex Semiconductor

  XC2165C28BMR Datasheet HTML 1Page - Torex Semiconductor XC2165C28BMR Datasheet HTML 2Page - Torex Semiconductor XC2165C28BMR Datasheet HTML 3Page - Torex Semiconductor XC2165C28BMR Datasheet HTML 4Page - Torex Semiconductor XC2165C28BMR Datasheet HTML 5Page - Torex Semiconductor XC2165C28BMR Datasheet HTML 6Page - Torex Semiconductor XC2165C28BMR Datasheet HTML 7Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4/7
XC2165 Series
PARAMETER
SYMBOL
FUNCTION
MIN.
TYP.
MAX.
UNIT
Operating Voltage
VDD
1.8
2.5
3.6
V
Crystal Oscillation Frequency
Fosc
16
-
120
MHz
‘H’ Level Input Voltage
VIH
/INH pin
0.7VDD
-
-
V
‘L’ Level Input Voltage
VIL
/INH pin
-
-
0.3VDD
V
‘H’ Level Output Voltage
VOH
Q0 pin, VDD=1.8V, IOH= - 2.0mA
1.3
1.4
-
V
‘L’ Level Output Voltage
VOL
Q0 pin, VDD=1.8V, IOL= 2.0mA
-
0.3
0.4
V
XC2165C21Bxx
-
10.0
20.0
XC2165C22Bxx
-
T.B.D.
T.B.D.
XC2165C24Bxx
-
T.B.D.
T.B.D.
Supply Current 1
IDD1
/INH =Open,
f0=120MHz, CL=5pF
XC2165C28Bxx
-
T.B.D.
T.B.D.
mA
Supply Current 2
IDD2
/INH = 'L', f0 = 120MHz, CL=5pF
-
15.0
30.0
μ
A
Input Pull-Up Resistance 1
Rup1
/INH = ‘L’
0.8
2.0
6.0
Input Pull-Up Resistance 2
Rup2
/INH = 0.7VDD
20
50
150
Cg
(*)
-
10
-
pF
Internal Oscillation Capacity (*)
Cd
(*)
-
10
-
pF
Internal Oscillation
Feedback Resistance
Rf
1.2
3.0
5.5
Output Off Leak Current
Ioz
VDD=3.6V, /INH = ‘L’
-
-
1.0
μ
A
PARAMETER
SYMBOL
FUNCTION
MIN.
TYP.
MAX.
UNIT
Output Rise Time (*)
Tr
VDD=2.5V, CL=5pF (10% to 90%)
-
-
4.0
ns
Output Fall Time (*)
Tf
VDD=2.5V, CL=5pF (10% to 90%)
-
-
4.0
ns
Output Duty Cycle
DUTY
CL=5pF @ 0.5VDD
40
-
60
%
Oscillation Start Time (*)
Tosc_on
f0=16MHz
-
-
3.0
ms
ELECTRICAL CHARACTERISTICS (Continued)
XC2165C2xBxx
2.5V Operation (Unless otherwise stated, VDD = 2.5V, f0=120MHz, No Load, Ta = - 40℃ ~ + 85℃)
(*) Designed value
T.B.D.: To be determined
SWITCHING CHARACTERISTICS (Continued)
XC2165C2xBxx
2.5V Operation (Unless otherwise stated, VDD = 2.5V, f0=120MHz, CL=5pF, Ta = - 40℃ ~ + 85℃)
(*) Designed value


Similar Part No. - XC2165C28BMR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC2165C28BMR TOREX-XC2165C28BMR Datasheet
131Kb / 8P
   ICs for use with low voltage Crystal Oscillators
XC2165C28BMR-G TOREX-XC2165C28BMR-G Datasheet
131Kb / 8P
   ICs for use with low voltage Crystal Oscillators
More results

Similar Description - XC2165C28BMR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC2165 TOREX-XC2165_12 Datasheet
131Kb / 8P
   ICs for use with low voltage Crystal Oscillators
XC2165 TOREX-XC2165_15 Datasheet
131Kb / 8P
   ICs for use with low voltage Crystal Oscillators
XC2165 TOREX-XC2165 Datasheet
228Kb / 6P
   ICs for use with low voltage Crystal Oscillators
XC2165-12 TOREX-XC2165-12 Datasheet
131Kb / 8P
   ICs for use with low voltage Crystal Oscillators
XC2151 TOREX-XC2151 Datasheet
145Kb / 8P
   ICS FOR USE WITH CRYSTAL OSCILLATORS
XC2173 TOREX-XC2173_15 Datasheet
137Kb / 10P
   ICs for use with Crystal Oscillators
XC2164 TOREX-XC2164 Datasheet
69Kb / 8P
   ICs for use with Crystal Oscillators
XC2141_001 TOREX-XC2141_001 Datasheet
347Kb / 6P
   ICs for use with Crystal Oscillators
XC2141 TOREX-XC2141_1 Datasheet
394Kb / 5P
   ICs for use with Crystal Oscillators
XC2164_003 TOREX-XC2164_003 Datasheet
220Kb / 12P
   ICs for use with Crystal Oscillators
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com