Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC610111A116ER Datasheet(PDF) 6 Page - Torex Semiconductor

Part # XC610111A116ER
Description  Voltage Detector (VDF=1.6V~5.0V)
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC610111A116ER Datasheet(HTML) 6 Page - Torex Semiconductor

Back Button XC610111A116ER Datasheet HTML 2Page - Torex Semiconductor XC610111A116ER Datasheet HTML 3Page - Torex Semiconductor XC610111A116ER Datasheet HTML 4Page - Torex Semiconductor XC610111A116ER Datasheet HTML 5Page - Torex Semiconductor XC610111A116ER Datasheet HTML 6Page - Torex Semiconductor XC610111A116ER Datasheet HTML 7Page - Torex Semiconductor XC610111A116ER Datasheet HTML 8Page - Torex Semiconductor XC610111A116ER Datasheet HTML 9Page - Torex Semiconductor XC610111A116ER Datasheet HTML 10Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
6/27
XC6101~XC6107, XC6111~XC6117 Series
PARAMETER
SYMBOL
RATINGS
UNITS
VIN
VSS -0.3 ~ 7.0
V
MRB
VSS -0.3 ~ VIN +0.3
V
Input Voltage
WD
VSS -0.3 ~ 7.0
V
Output Current
IOUT
20
mA
CMOS Output
RESETB/RESET
VSS -0.3 ~ VIN +0.3
Output Voltage
N-ch Open Drain Output
RESETB
VSS -0.3 ~ 7.0
V
SOT-25
250
Power Dissipation
USP-6C
Pd
100
mW
Operational Temperature Range
Topr
-40 ~ +85
O
C
Storage Temperature Range
Tstg
-40 ~ +125
O
C
■ABSOLUTE MAXIMUM RATINGS
Ta = 25OC


Similar Part No. - XC610111A116ER

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6101 TOREX-XC6101 Datasheet
521Kb / 26P
   CMOS Voltage Detector
XC6101A016 TOREX-XC6101A016 Datasheet
521Kb / 26P
   CMOS Voltage Detector
XC6101A017 TOREX-XC6101A017 Datasheet
521Kb / 26P
   CMOS Voltage Detector
XC6101A018 TOREX-XC6101A018 Datasheet
521Kb / 26P
   CMOS Voltage Detector
XC6101A019 TOREX-XC6101A019 Datasheet
521Kb / 26P
   CMOS Voltage Detector
More results

Similar Description - XC610111A116ER

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6121 TOREX-XC6121_1 Datasheet
426Kb / 23P
   Voltage Detector with Watchdog Function and ON/OFF Control (VDF=1.6V~5.0V)
XC6121_1A TOREX-XC6121_1A Datasheet
464Kb / 23P
   Voltage Detector with Watchdog Function and ON/OFF Control (VDF=1.6V~5.0V)
XC6121 TOREX-XC6121 Datasheet
425Kb / 23P
   Voltage Detector with Watchdog Function and ON/OFF Control (VDF=1.6V~5.0V)
XE61C TOREX-XE61C Datasheet
339Kb / 15P
   Standard Voltage Detectors (VDF=1.6V節?.0V)
XC61G TOREX-XC61G_1 Datasheet
1Mb / 16P
   Low Voltage Detectors (VDF= 0.8V節?.5V) Standard Voltage Detectors (VDF 1.6V節?.0V)
XC61C TOREX-XC61C_1 Datasheet
758Kb / 17P
   Low Voltage Detectors (VDF= 0.8V節?.5V) Standard Voltage Detectors (VDF 1.6V節?.0V)
XC61G TOREX-XC61G Datasheet
1Mb / 14P
   LOW VOLTAGE DETECTORS (VDF=0.8V-1.5V)
logo
Golledge Electronics Lt...
MCSO1HV GOLLEDGE-MCSO1HV_18 Datasheet
566Kb / 4P
   5.0V supply voltage
MCSO1H GOLLEDGE-MCSO1H Datasheet
566Kb / 4P
   5.0V supply voltage
logo
List of Unclassifed Man...
PT7V2727 ETC1-PT7V2727 Datasheet
294Kb / 5P
   3.3v/5.0v operating voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com