Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6203E18ALL Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC6203E18ALL
Description  Large Current Positive Voltage Regulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6203E18ALL Datasheet(HTML) 1 Page - Torex Semiconductor

  XC6203E18ALL Datasheet HTML 1Page - Torex Semiconductor XC6203E18ALL Datasheet HTML 2Page - Torex Semiconductor XC6203E18ALL Datasheet HTML 3Page - Torex Semiconductor XC6203E18ALL Datasheet HTML 4Page - Torex Semiconductor XC6203E18ALL Datasheet HTML 5Page - Torex Semiconductor XC6203E18ALL Datasheet HTML 6Page - Torex Semiconductor XC6203E18ALL Datasheet HTML 7Page - Torex Semiconductor XC6203E18ALL Datasheet HTML 8Page - Torex Semiconductor XC6203E18ALL Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1/20
XC6203 Series
Large Current Positive Voltage Regulators
■GENERAL DESCRIPTION
The XC6203 series are highly precise, low power consumption, positive voltage regulators manufactured using CMOS and
laser trimming technologies.
The series provides large currents with a significantly small dropout voltage.
The XC6203P consists of a driver transistor, a current limiter, a precision reference voltage and an error amplifier. The
XC6203E is also available but without the current limiter function. Output voltage is selectable in 100mV increments between
a voltage of 1.8V and 6.0V.
SOT-23 (150mW), SOT-89 (500mW), SOT-223 (1200mW) and TO-92 (300mW) package are available.
■APPLICATIONS
●Battery powered equipment
●Reference voltage sources
●Cameras, video cameras
●CD-ROMs, DVDs
●Palmtops
●Portable audio video equipment
■TYPICAL APPLICATION CIRCUIT
■FEATURES
Maximum Output Current
: More than 400mA (3.3V)
Maximum Operating Voltage
: 8.0V
Output Voltage Range
: 1.8V ~ 6.0V (selectable in
100mV increments)
Highly Accurate
: ±2%
Low Power Consumption
: 8.0μA (TYP.)
Line Regulation
: 0.2% / V (TYP.)
Output Voltage Temperature Characteristics
: ±100ppm/℃ (TYP.)
Operational Temperature Range
: -40℃ ~ 85℃
Dropout Voltage
: 150mV @ 100mA,
300mV @ 200mA
Ultra Small Packages
: SOT-23, SOT-89,
SOT-223, TO-92
■TYPICAL PERFORMANCE
CHARACTERISTICS
ETR0303_001


Similar Part No. - XC6203E18ALL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6203E18ALL TOREX-XC6203E18ALL Datasheet
506Kb / 18P
   POSITIVE VOLTAGE REGULATORS
More results

Similar Description - XC6203E18ALL

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1106 UTC-LR1106_17 Datasheet
869Kb / 17P
   LARGE CURRENT POSITIVE VOLTAGE REGULATORS
LR1106 UTC-LR1106 Datasheet
575Kb / 16P
   LARGE CURRENT POSITIVE VOLTAGE REGULATORS
logo
E-Tech Electronics LTD
LR1106 ETL-LR1106 Datasheet
859Kb / 17P
   LARGE CURRENT POSITIVE VOLTAGE REGULATORS
logo
Unisonic Technologies
LR1106 UTC-LR1106_12 Datasheet
866Kb / 17P
   LARGE CURRENT POSITIVE
logo
ON Semiconductor
MC78L00A ONSEMI-MC78L00A Datasheet
101Kb / 16P
   Three-Terminal Low Current Positive Voltage Regulators
December, 2004 ??Rev. 9
logo
Cystech Electonics Corp...
PL78M05XA3 CYSTEKEC-PL78M05XA3 Datasheet
154Kb / 4P
   Three Terminal Medium Current Positive Voltage Regulators
PL78M05XT3 CYSTEKEC-PL78M05XT3 Datasheet
155Kb / 4P
   Three Terminal Medium Current Positive Voltage Regulators
logo
Sirectifier Semiconduct...
BL78LXX SIRECTIFIER-BL78LXX Datasheet
224Kb / 8P
   Three-Terminal Low Current Positive Voltage Regulators
logo
Cystech Electonics Corp...
LM78M05J3 CYSTEKEC-LM78M05J3 Datasheet
466Kb / 12P
   Three Terminal Medium Current Positive Voltage Regulators
LM78MXXJ3 CYSTEKEC-LM78MXXJ3 Datasheet
466Kb / 12P
   Three Terminal Medium Current Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com