Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC62RPP1501TB Datasheet(PDF) 4 Page - Torex Semiconductor

Part # XC62RPP1501TB
Description  Positive Voltage Regulators for Voltage Reference Source
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC62RPP1501TB Datasheet(HTML) 4 Page - Torex Semiconductor

  XC62RPP1501TB Datasheet HTML 1Page - Torex Semiconductor XC62RPP1501TB Datasheet HTML 2Page - Torex Semiconductor XC62RPP1501TB Datasheet HTML 3Page - Torex Semiconductor XC62RPP1501TB Datasheet HTML 4Page - Torex Semiconductor XC62RPP1501TB Datasheet HTML 5Page - Torex Semiconductor XC62RPP1501TB Datasheet HTML 6Page - Torex Semiconductor XC62RPP1501TB Datasheet HTML 7Page - Torex Semiconductor XC62RPP1501TB Datasheet HTML 8Page - Torex Semiconductor XC62RPP1501TB Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4/14
XC62RP Series
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX. UNITS CIRCUIT
Output Voltage
VOUT(E) (*2)
IOUT=100μA
VIN=2.6V
1.568
1.600
1.632
V
1
Maximum Output Current
IOUT max
VIN=2.6V,
VOUT(E)≧VOUT(T) x 0.95
4.0
-
-
mA
1
Load Regulation
VOUT
VIN=2.6 V
100μA≦IOUT≦ 300μA
-
20
40
mV
1
Vdif1
IOUT=100μA
-
30
80
mV
1
Dropout Voltage (*3)
Vdif2
IOUT=300μA
-
50
140
mV
1
Supply Current
ISS
VIN=2.6V
-
3.0
5.8
μ
A2
Line Regulation
VOUT
VIN ・VOUT
IOUT=100μA
2.6V≦VIN≦6.0V
-
0.2
0.3
%/V
1
Input Voltage
VIN
-
-
6.0
V
-
Output Voltage
Temperature Characteristics
VOUT
Topr・VOUT
IOUT=100μA
-30℃≦Topr≦80℃
-
±
100
-
ppm/℃
1
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX. UNITS CIRCUIT
Output Voltage
VOUT(E) (*2)
IOUT=100μA
VIN=3.0V
1.960
2.000
2.040
V
1
Maximum Output Current
IOUT max
VIN=3.0V,
VOUT(E)≧VOUT(T) x 0.95
6.0
-
-
mA
1
Load Regulation
VOUT
VIN=3.0 V
100μA≦IOUT≦300μA
-
20
40
mV
1
Vdif1
IOUT=100μA
-
30
80
mV
1
Dropout Voltage (*3)
Vdif2
IOUT=300μA
-
50
140
mV
1
Supply Current
ISS
VIN=3.0V
-
3.2
6.2
μ
A
2
Line Regulation
VOUT
VIN・VOUT
IOUT=100μA
3.0V≦VIN≦6.0V
-
0.2
0.3
%/V
1
Input Voltage
VIN
-
-
6.0
V
-
Output Voltage
Temperature Characteristics
VOUT
Topr・VOUT
IOUT=100μA
-30℃≦Topr≦80℃
-
±
100
-
ppm/℃
1
ELECTRICAL CHARACTERISTICS
XC62RP1602 VOUT(T)=1.6V (*1)
Ta=25℃
XC62RP2002 VOUT(T)=2.0V (*1)
Ta=25℃


Similar Part No. - XC62RPP1501TB

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6201 TOREX-XC6201 Datasheet
483Kb / 22P
   Positive Voltage Regulators
XC6201 TOREX-XC6201 Datasheet
1Mb / 24P
   Positive Voltage Regulators
XC6201 TOREX-XC6201 Datasheet
1Mb / 24P
   Positive Voltage Regulators
XC6201131DB TOREX-XC6201131DB Datasheet
1Mb / 24P
   Positive Voltage Regulators
XC6201131DH TOREX-XC6201131DH Datasheet
1Mb / 24P
   Positive Voltage Regulators
More results

Similar Description - XC62RPP1501TB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZN423 ETC-ZN423 Datasheet
240Kb / 8P
   PRECISION VOLTAGE REFERENCE SOURCE
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
   Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
   Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
   Positive voltage regulators
logo
AUK corp
S78LXXF AUK-S78LXXF Datasheet
270Kb / 8P
   Positive-Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com