Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6201131LL Datasheet(PDF) 4 Page - Torex Semiconductor

Part # XC6201131LL
Description  Positive Voltage Regulators
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6201131LL Datasheet(HTML) 4 Page - Torex Semiconductor

  XC6201131LL Datasheet HTML 1Page - Torex Semiconductor XC6201131LL Datasheet HTML 2Page - Torex Semiconductor XC6201131LL Datasheet HTML 3Page - Torex Semiconductor XC6201131LL Datasheet HTML 4Page - Torex Semiconductor XC6201131LL Datasheet HTML 5Page - Torex Semiconductor XC6201131LL Datasheet HTML 6Page - Torex Semiconductor XC6201131LL Datasheet HTML 7Page - Torex Semiconductor XC6201131LL Datasheet HTML 8Page - Torex Semiconductor XC6201131LL Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4/24
XC6201 Series
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
CIRCUIT
Output Voltage
VOUT(E)
(*2)
VIN=2.8V
IOUT=40mA
1.764
1.800
1.836
V
Maximum Output Current
IOUTmax
VIN=2.8V
VOUT(E)
≧1.62V
80
-
-
mA
Load Regulation
△VOUT
VIN=2.8V
1mA
≦IOUT≦40mA
-
10
30
mV
Vdif1
IOUT=40mA
-
200
370
Dropout Voltage
(*3)
Vdif2
IOUT=80mA
-
450
710
mV
Supply Current
ISS
VIN=2.8V
-
2.0
5.0
μA
Line Regulation
△VOUT
△VIN・△VOUT
IOUT=40mA
2.8V
≦VIN≦10.0V
-
0.2
0.3
%/V
Input Voltage
VIN
1.8
-
10
V
-
Output Voltage
Temperature Characteristics
△VOUT
△Topr・△VOUT
IOUT=40mA
-40
℃≦Topr≦85℃
-
±100
-
ppm/
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
CIRCUIT
Output Voltage
VOUT(E)
(*2)
VIN=3.7V
IOUT=40mA
2.646
2.700
2.754
V
Maximum Output Current
IOUTmax
VIN=3.7V
VOUT(E)
≧2.43V
100
-
-
mA
Load Regulation
△VOUT
VIN=3.7V
1mA
≦IOUT≦60mA
-
15
40
mV
Vdif1
IOUT=60mA
-
200
370
Dropout Voltage
(*3)
Vdif2
IOUT=120mA
-
450
710
mV
Supply Current
ISS
VIN=3.7V
-
2.0
5.0
μA
Line Regulation
△VOUT
△VIN・△VOUT
IOUT=40mA
3.7V
≦VIN≦10.0V
-
0.2
0.3
%/V
Input Voltage
VIN
1.8
-
10
V
-
Output Voltage
Temperature Characteristics
△VOUT
△Topr・△VOUT
IOUT=40mA
-40
℃≦Topr≦85℃
-
±100
-
ppm/
XC6201P182
VOUT(T)=1.8V
(*1)
Ta=25
XC6201P272
VOUT(T)=2.7V
(*1)
Ta=25
■ELECTRICAL CHARACTERISTICS (Continued)


Similar Part No. - XC6201131LL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6201 TOREX-XC6201 Datasheet
483Kb / 22P
   Positive Voltage Regulators
XC6201 TOREX-XC6201 Datasheet
1Mb / 24P
   Positive Voltage Regulators
XC6201P TOREX-XC6201P Datasheet
483Kb / 22P
   Positive Voltage Regulators
XC6201P131DR TOREX-XC6201P131DR Datasheet
1Mb / 24P
   Positive Voltage Regulators
XC6201P131DR-G TOREX-XC6201P131DR-G Datasheet
1Mb / 24P
   Positive Voltage Regulators
More results

Similar Description - XC6201131LL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
   Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
   Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
   Positive voltage regulators
logo
AUK corp
S78LXXF AUK-S78LXXF Datasheet
270Kb / 8P
   Positive-Voltage Regulators
logo
Micropac Industries
42050 MICROPAC-42050 Datasheet
121Kb / 3P
   POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
L78L00 STMICROELECTRONICS-L78L00 Datasheet
453Kb / 24P
   POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com