Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC61FC1642PL Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC61FC1642PL
Description  Voltage Detectors, Delay Circuit Built-In
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC61FC1642PL Datasheet(HTML) 1 Page - Torex Semiconductor

  XC61FC1642PL Datasheet HTML 1Page - Torex Semiconductor XC61FC1642PL Datasheet HTML 2Page - Torex Semiconductor XC61FC1642PL Datasheet HTML 3Page - Torex Semiconductor XC61FC1642PL Datasheet HTML 4Page - Torex Semiconductor XC61FC1642PL Datasheet HTML 5Page - Torex Semiconductor XC61FC1642PL Datasheet HTML 6Page - Torex Semiconductor XC61FC1642PL Datasheet HTML 7Page - Torex Semiconductor XC61FC1642PL Datasheet HTML 8Page - Torex Semiconductor XC61FC1642PL Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1/12
XC61F Series
Voltage Detectors, Delay Circuit Built-In
GENERAL DESCRIPTION
The XC61F series are highly accurate, low power consumption voltage detectors, manufactured using CMOS and laser
trimming technologies. A delay circuit is built-in to each detector.
Detect voltage is extremely accurate with minimal temperature drift.
Both CMOS and N-channel open drain output configurations are available.
Since the delay circuit is built-in, peripherals are unnecessary and high density mounting is possible.
APPLICATIONS
Microprocessor reset circuitry
Memory battery back-up circuits
Power-on reset circuits
Power failure detection
System battery life and charge voltage monitors
Delay circuitry
TYPICAL PERFORMANCE
CHARACTERISTICS
FEATURES
Highly Accurate
: ± 2%
Low Power Consumption : 1.0μA(TYP.)[ VIN=2.0V ]
Detect Voltage Range
: 1.6V ~ 6.0V in 100mV increments
Operating Voltage Range
: 0.7V ~ 10.0V
Detect Voltage Temperature Characteristics
:±100ppm/℃(TYP.)
Built-In Delay Circuit
: ① 1ms ~ 50ms
50ms ~ 200ms
80ms ~ 400ms
Output Configuration
: N-channel open drain or CMOS
CMOS
Mini Mold Package
Ultra Small Packages
: SOT-23 (150mW) mini-mold
: SOT-89 (500mW) mini-power mold
: TO-92 (300mW)
* No parts are available with an accuracy of ± 1%
TYPICAL APPLICATION CIRCUITS
Ambient Temperature:Ta(℃)
ETR0202_001


Similar Part No. - XC61FC1642PL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC61FC1642PL TOREX-XC61FC1642PL Datasheet
674Kb / 14P
   Voltage Detectors, Delay Circuit Built-In
More results

Similar Description - XC61FC1642PL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC61F TOREX-XC61F_2 Datasheet
674Kb / 14P
   Voltage Detectors, Delay Circuit Built-In
XC61F TOREX-XC61F Datasheet
196Kb / 12P
   Voltage Detectors ( Delay Circuit Built-In)
logo
E-CMOS Corporation
EC95810 E-CMOS-EC95810 Datasheet
931Kb / 15P
   Voltage Detectors with Built-in Delay Circuit
logo
Unisonic Technologies
81CXXX UTC-81CXXX_11 Datasheet
477Kb / 16P
   VOLTAGE DETECTORS WITH BUILT-IN DELAY TIME
81NXX UTC-81NXX_15 Datasheet
492Kb / 16P
   VOLTAGE DETECTORS WITH BUILT-IN DELAY TIME
81CXXX UTC-81CXXX_12 Datasheet
525Kb / 16P
   VOLTAGE DETECTORS WITH BUILT-IN DELAY TIME
81NXX UTC-81NXX Datasheet
492Kb / 16P
   VOLTAGE DETECTORS WITH BUILT-IN DELAY TIME
81CXXX UTC-81CXXX Datasheet
204Kb / 15P
   VOLTAGE DETECTORS WITH BUILT-IN DELAY TIME
logo
AiT Semiconductor Inc.
A4809C AITSEMI-A4809C Datasheet
503Kb / 8P
   SUPERVISOR (RESET IC) VOLTAGE DETECTORS WITH DELAY CIRCUIT BUILT-IN
REV1.2
logo
Seiko Instruments Inc
S-19101C25H-N4T2U SII-S-19101C25H-N4T2U Datasheet
1Mb / 31P
   BUILT-IN DELAY CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com