Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SII1161 Datasheet(PDF) 4 Page - Silicon image

Part # SII1161
Description  PanelLink Receiver
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICONIMAGE [Silicon image]
Direct Link  http://www.siliconimage.com
Logo SILICONIMAGE - Silicon image

SII1161 Datasheet(HTML) 4 Page - Silicon image

  SII1161 Datasheet HTML 1Page - Silicon image SII1161 Datasheet HTML 2Page - Silicon image SII1161 Datasheet HTML 3Page - Silicon image SII1161 Datasheet HTML 4Page - Silicon image SII1161 Datasheet HTML 5Page - Silicon image SII1161 Datasheet HTML 6Page - Silicon image SII1161 Datasheet HTML 7Page - Silicon image SII1161 Datasheet HTML 8Page - Silicon image SII1161 Datasheet HTML 9Page - Silicon image Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 46 page
background image
SiI 1161 PanelLink Receiver
Data Sheet
SiI-DS-0096-D
iv
LIST OF TABLES
Table 1. DC Parametric Specifications ........................................................................................................... 4
Table 2. General AC Specifications ................................................................................................................ 5
Table 3. SiI 161B Mode DC Specifications ..................................................................................................... 7
Table 4. SiI 161B Mode AC Specifications ..................................................................................................... 8
Table 5. SiI 1161 Mode DC Specifications....................................................................................................10
Table 6. SiI 1161 Mode AC Specifications ....................................................................................................11
Table 7. Sample Calculation of Data Output Setup and Hold Times – OCK_INV=0.................................... 13
Table 8. Sample Calculation of Data Output Setup and Hold Times – OCK_INV=1.................................... 14
Table 9. One Pixel per Clock Mode Data Mapping....................................................................................... 24
Table 10. Two Pixel per Clock Mode Data Mapping..................................................................................... 24
Table 11. One Pixel per Clock Input/Output TFT Mode – VESA P&D and FPDI-2
TM Compliant.................. 25
Table 12. Two Pixels per Clock Input/Output TFT Mode .............................................................................. 26
Table 13. 24-bit One Pixel per Clock Input with 24-bit Two Pixels per Clock Output TFT Mode ................. 27
Table 14. 18-bit One Pixel per Clock Input with 18-bit Two Pixels per Clock Output TFT Mode ................. 28
Table 15. Two Pixels per Clock Input with One Pixel per Clock Output TFT Mode ..................................... 29
Table 16. Output Clock Configuration by Typical TFT Panel Application ..................................................... 30
Table 17. New Pin Functions for SiI 1161 in Programmable Mode .............................................................. 31
Table 18. Internal I
2C Registers.................................................................................................................... 33
Table 19: I
2C Register Field Definitions........................................................................................................ 34
Table 20. Recommended Components for 1-2MHz Noise Suppression...................................................... 36
Table 21. Recommended Components for 100-200kHz Noise Suppression on PVCC .............................. 36
LIST OF FIGURES
Figure 1. Functional Block Diagram ............................................................................................................... 2
Figure 2. SiI 161B Mode Control of Output Pin Drive Strength ...................................................................... 6
Figure 3. Output Loading in SiI 161B Mode ................................................................................................... 9
Figure 4. SiI 1161 Mode Control of Output Pin Drive Strength....................................................................... 9
Figure 5. Receiver Output Setup and Hold Times – OCK_INV=0................................................................ 12
Figure 6. Receiver Output Setup and Hold Times – OCK_INV=1................................................................ 13
Figure 7. Digital Output Transition Times ..................................................................................................... 15
Figure 8. Receiver Clock Cycle/High/Low Times ......................................................................................... 15
Figure 9. Channel-to-Channel Skew Timing ................................................................................................ 15
Figure 10. Receiver Clock-to-Output Delay and Duty Cycle Limits ............................................................. 16
Figure 11. Output Signals Disabled Timing from Clock Inactive .................................................................. 16
Figure 12. Wake-Up on Clock Detect .......................................................................................................... 16
Figure 13. Output Signals Disabled Timing from PD# Active .......................................................................17
Figure 14. SCDT Timing from DE Inactive or Active .................................................................................... 17
Figure 15. Two Pixels per Clock Staggered Output Timing Diagram ........................................................... 17
Figure 16. I
2C Data Valid Delay (driving Read Cycle data) .......................................................................... 18
Figure 17. I
2C Reset Timing at Power-Up or Prior to first I2C Acess............................................................ 18
Figure 18. Block Diagram for OCK_INV....................................................................................................... 22
Figure 19. I
2C Byte Read.............................................................................................................................. 23
Figure 20. I
2C Byte Write .............................................................................................................................. 23
Figure 21. RESET Generation Delay ........................................................................................................... 31
Figure 22. Recommended RESET Circuit.................................................................................................... 32
Figure 23. Voltage Regulation using TL431 ................................................................................................. 34
Figure 24. Voltage Regulation using LM317 ................................................................................................ 35
Figure 25. Decoupling and Bypass Capacitor Placement............................................................................35
Figure 26. Decoupling and Bypass Schematic............................................................................................. 36
Figure 27. Receiver Output Series Damping Resistors ............................................................................... 36
Figure 28. General Signal Routing Recommendations................................................................................ 37
Figure 29. Signal Trace Routing Example.................................................................................................... 37
Figure 30. ePad Diagram ............................................................................................................................. 39
Figure 31. Temperature Rise with Frequency and ePad.............................................................................. 40
Figure 32. Package Diagram........................................................................................................................ 41


Similar Part No. - SII1161

ManufacturerPart #DatasheetDescription
logo
Silicon image
SII1160 SILICONIMAGE-SII1160 Datasheet
944Kb / 33P
   PanelLink Transmitter
SII1160CTU SILICONIMAGE-SII1160CTU Datasheet
944Kb / 33P
   PanelLink Transmitter
SII1162 SILICONIMAGE-SII1162 Datasheet
172Kb / 2P
   PanelLink Transmitter
SII1169 SILICONIMAGE-SII1169 Datasheet
207Kb / 2P
   PanelLink Receiver
More results

Similar Description - SII1161

ManufacturerPart #DatasheetDescription
logo
Silicon image
SII9993-35-IP SILICONIMAGE-SII9993-35-IP Datasheet
158Kb / 2P
   PanelLink Receiver
SII9011 SILICONIMAGE-SII9011 Datasheet
230Kb / 2P
   PanelLink Receiver
SII9031 SILICONIMAGE-SII9031 Datasheet
170Kb / 2P
   PanelLink Receiver
SII1151 SILICONIMAGE-SII1151 Datasheet
357Kb / 44P
   PanelLink Receiver
SII1169 SILICONIMAGE-SII1169 Datasheet
207Kb / 2P
   PanelLink Receiver
SII9021 SILICONIMAGE-SII9021 Datasheet
237Kb / 2P
   PanelLink Receiver
SII1171 SILICONIMAGE-SII1171 Datasheet
511Kb / 2P
   PanelLink Receiver
SII169 SILICONIMAGE-SII169 Datasheet
111Kb / 2P
   PanelLink Receiver
logo
List of Unclassifed Man...
SII161A ETC-SII161A Datasheet
260Kb / 22P
   SiI 161A PanelLink Receiver
SII141 ETC1-SII141 Datasheet
84Kb / 12P
   SiI 141B PanelLink Digital Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com