Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LYO285-T2V1-46 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LYO285-T2V1-46
Description  Hyper Oval LED Lamp 4 mm, Colored Diffused High-optical Power LED
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LYO285-T2V1-46 Datasheet(HTML) 1 Page - OSRAM GmbH

  LYO285-T2V1-46 Datasheet HTML 1Page - OSRAM GmbH LYO285-T2V1-46 Datasheet HTML 2Page - OSRAM GmbH LYO285-T2V1-46 Datasheet HTML 3Page - OSRAM GmbH LYO285-T2V1-46 Datasheet HTML 4Page - OSRAM GmbH LYO285-T2V1-46 Datasheet HTML 5Page - OSRAM GmbH LYO285-T2V1-46 Datasheet HTML 6Page - OSRAM GmbH LYO285-T2V1-46 Datasheet HTML 7Page - OSRAM GmbH LYO285-T2V1-46 Datasheet HTML 8Page - OSRAM GmbH LYO285-T2V1-46 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LY O285
Hyper Oval LED Lamp 4 mm, Colored Diffused
High-optical Power LED (HOP)
Lead (Pb) Free Product - RoHS Compliant
Vorläufige Daten für OS-PCN-2004-005-A /
Preliminary Data for OS-PCN-2004-005-A
2004-09-01
1
Besondere Merkmale
• Gehäusetyp: eingefärbtes diffuses 4 mm
ovales Gehäuse
• Besonderheit des Bauteils: ovale
Abstrahlcharakteristik
• Wellenlänge: 587 nm (gelb)
• Abstrahlwinkel: horizontal 100°, vertikal 50°
• Technologie: InGaAlP
• optischer Wirkungsgrad: 16 lm/W
• Gruppierungsparameter: Lichtstärke,
Wellenlänge
• Lötmethode: Wellenlöten (TTW)
• Verpackung: Schüttgut, gegurtet lieferbar
• ESD-Festigkeit: ESD-sicher bis 2 kV nach
JESD22-A114-B
Anwendungen
• Displayanwendungen
• Innenbeleuchtung im Automobilbereich
(z.B. Tastenbeleuchtung, u. ä.)
• Ersatz von Kleinst-Glühlampen
• VMS (Variable Verkehrsleitsysteme)
Features
• package: colored diffused 4 mm oval package
• feature of the device: oval radiation
characteristic
• wavelength: 587 nm (yellow)
• viewing angle: horizontal 100°, vertical 50°
• technology: InGaAlP
• optical efficiency: 16 lm/W
• grouping parameter: luminous intensity,
wavelength
• soldering methods: TTW soldering
• packing: bulk, available taped on reel
• ESD-withstand voltage: up to 2 kV acc. to
JESD22-A114-B
Applications
• display applications
• interior automotive lighting (e.g. key
backlighting, etc.)
• substitution of micro incandescent lamps
• VMS (variable message signs)


Similar Description - LYO285-T2V1-46

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LS3366 SIEMENS-LS3366 Datasheet
52Kb / 7P
   Hyper 3 mm T1 LED, Diffused Hyper-Bright LED
logo
DOMINANT Semiconductors
L3X-C60D0-I2 DOMINANT-L3X-C60D0-I2 Datasheet
1Mb / 15P
   Standard brightness colored diffused LED lamp
logo
OSRAM GmbH
LW3333 OSRAM-LW3333 Datasheet
198Kb / 12P
   Hyper 3 mm (T1) LED, Non Diffused Hyper-Bright LED
logo
Siemens Semiconductor G...
LS3336 SIEMENS-LS3336 Datasheet
52Kb / 7P
   Hyper 3 mm T1 LED, Non Diffused Hyper-Bright LED
LS5436 SIEMENS-LS5436 Datasheet
64Kb / 6P
   Hyper 5 mm T1 LED, Non Diffused Hyper-Bright LED
LSK376 SIEMENS-LSK376 Datasheet
364Kb / 7P
   Hyper ARGUS LED Hyper-Bright, 3 mm T1 LED, Non Diffused
logo
OSRAM GmbH
LB5433 OSRAM-LB5433 Datasheet
121Kb / 11P
   Hyper 5 mm (T1 쩐) LED, Non Diffused Hyper-Bright LED
logo
Siemens Semiconductor G...
LS3386 SIEMENS-LS3386 Datasheet
52Kb / 7P
   Hyper 3 mm T1 LED, Diffused Hyper-Bright, Wide-Angle LED
logo
Agilent(Hewlett-Packard...
HLMP-RG10 HP-HLMP-RG10 Datasheet
274Kb / 8P
   4 mm Oval Precision Optical Performance LED Lamps
logo
Cree, Inc
LO494PPG4-B0G-A3 CREE-LO494PPG4-B0G-A3 Datasheet
336Kb / 5P
   4-mm Oval LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com