Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SII1151 Datasheet(PDF) 7 Page - Silicon image

Part # SII1151
Description  PanelLink Receiver
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICONIMAGE [Silicon image]
Direct Link  http://www.siliconimage.com
Logo SILICONIMAGE - Silicon image

SII1151 Datasheet(HTML) 7 Page - Silicon image

Back Button SII1151 Datasheet HTML 3Page - Silicon image SII1151 Datasheet HTML 4Page - Silicon image SII1151 Datasheet HTML 5Page - Silicon image SII1151 Datasheet HTML 6Page - Silicon image SII1151 Datasheet HTML 7Page - Silicon image SII1151 Datasheet HTML 8Page - Silicon image SII1151 Datasheet HTML 9Page - Silicon image SII1151 Datasheet HTML 10Page - Silicon image SII1151 Datasheet HTML 11Page - Silicon image Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
SiI 1151 PanelLink Receiver
Data Sheet
3
SiI-DS-0023-C
Electrical Specifications
Absolute Maximum Conditions
Symbol
Parameter
Min
Typ
Max
Units
Notes
VCC
Supply Voltage 3.3V
-0.3
4.0
V
1
VI
Input Voltage
-0.3
VCC+ 0.3
V
VO
Output Voltage
-0.3
VCC+ 0.3
V
2
TJ
Junction Temperature
125
°C
TSTG
Storage Temperature
-65
150
°C
Notes
1. Permanent device damage may occur if absolute maximum conditions are exceeded.
2.
Functional operation should be restricted to the conditions described under Normal Operating
Conditions.
Normal Operating Conditions
Symbol
Parameter
Min
Typ
Max
Units
Notes
VCC
Supply Voltage
3.0
3.3
3.6
V
VCCN
VCC, OVCC Supply Voltage Noise
200
mVP-P
AVCCN
AVCC Supply Voltage Noise
100
mVP-P
PVCCN
PVCC Supply Voltage Noise
75
mVP-P
TA
Ambient Temperature (with power applied)
0
25
70
°C
θJA
Thermal Resistance (Junction to Ambient)
49
°C/W
Digital I/O Specifications
Under normal operating conditions unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Notes
VIH
High-level Input Voltage
2
V
VIL
Low-level Input Voltage
0.8
V
VOH
High-level Output Voltage
2.4
V
VOL
Low-level Output Voltage
0.4
V
VOL(SDA)
Low-level Output Voltage on
SDA
IOL(SDA)= 3mA
0.4
V
VCINL
Input Clamp Voltage
ICL = -18mA
GND -0.8
V
1, 2
VCIPL
Input Clamp Voltage
ICL = 18mA
IVCC + 0.8
V
1, 2
VCONL
Output Clamp Voltage
ICL = -18mA
GND -0.8
V
1
VCOPL
Output Clamp Voltage
ICL = 18mA
OVCC + 0.8
V
1
IOL
Output Leakage Current
High Impedance
-10
10
µA
Note
1.
Guaranteed by design. Voltage undershoot or overshoot cannot exceed absolute maximum
conditions for a pulse of greater than 3 ns or one third of the clock cycle.
2.
Applies to toggling inputs only. Strap selected options are fixed at power-up time.


Similar Part No. - SII1151

ManufacturerPart #DatasheetDescription
logo
Silicon image
SII1160 SILICONIMAGE-SII1160 Datasheet
944Kb / 33P
   PanelLink Transmitter
SII1160CTU SILICONIMAGE-SII1160CTU Datasheet
944Kb / 33P
   PanelLink Transmitter
SII1161 SILICONIMAGE-SII1161 Datasheet
378Kb / 46P
   PanelLink Receiver
SII1161CT100 SILICONIMAGE-SII1161CT100 Datasheet
378Kb / 46P
   PanelLink Receiver
SII1161CTU SILICONIMAGE-SII1161CTU Datasheet
378Kb / 46P
   PanelLink Receiver
More results

Similar Description - SII1151

ManufacturerPart #DatasheetDescription
logo
Silicon image
SII9993-35-IP SILICONIMAGE-SII9993-35-IP Datasheet
158Kb / 2P
   PanelLink Receiver
SII1161 SILICONIMAGE-SII1161 Datasheet
378Kb / 46P
   PanelLink Receiver
SII9011 SILICONIMAGE-SII9011 Datasheet
230Kb / 2P
   PanelLink Receiver
SII9031 SILICONIMAGE-SII9031 Datasheet
170Kb / 2P
   PanelLink Receiver
SII1169 SILICONIMAGE-SII1169 Datasheet
207Kb / 2P
   PanelLink Receiver
SII9021 SILICONIMAGE-SII9021 Datasheet
237Kb / 2P
   PanelLink Receiver
SII1171 SILICONIMAGE-SII1171 Datasheet
511Kb / 2P
   PanelLink Receiver
SII169 SILICONIMAGE-SII169 Datasheet
111Kb / 2P
   PanelLink Receiver
logo
List of Unclassifed Man...
SII161A ETC-SII161A Datasheet
260Kb / 22P
   SiI 161A PanelLink Receiver
SII141 ETC1-SII141 Datasheet
84Kb / 12P
   SiI 141B PanelLink Digital Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com