Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC25BS6512ML Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XC25BS6512ML
Description  Divider Signal Output Clock Generator ICs with Built-In Crystal Oscillator Circuit
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC25BS6512ML Datasheet(HTML) 3 Page - Torex Semiconductor

  XC25BS6512ML Datasheet HTML 1Page - Torex Semiconductor XC25BS6512ML Datasheet HTML 2Page - Torex Semiconductor XC25BS6512ML Datasheet HTML 3Page - Torex Semiconductor XC25BS6512ML Datasheet HTML 4Page - Torex Semiconductor XC25BS6512ML Datasheet HTML 5Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3/5
XC25BS6
Series
STANDARD VALUE
PARAMETER
SYMBOL
FUNCTIONS
MIN.
TYP.
MAX.
UNIT
Operating Supply Voltage
VDD
(2.3)
3.0
4.0
V
Crystal Oscillation Frequency
FOSC
Cg=Cd=10pF (External)
2
-
36
MHz
H Level Output Voltage
VOH
VDD=2.7V, IOH= - 4mA
2.3
-
-
V
L Level Output Voltage
VOL
VDD=2.7V, IOL=4mA
-
-
0.4
V
fOSC=4MHz, XC25BS6128
-
(0.4)
(0.8)
fOSC=8MHz, XC25BS6256
-
(0.5)
(1.0)
fOSC=16MHz, XC25BS6512
-
(0.8)
(1.6)
Supply Current 1
IDD1
CE=3.0V
fOSC=36MHz, XC25BS6A24
-
(1.0)
(1.8)
mA
Supply Current 2
IDD2
CE=0V
-
-
0.5
μ
A
CE H Level Voltage
VCEH
2.4
-
-
V
CE L Level Voltage
VCEL
-
-
0.6
V
CE Pull-Down Resistance 1
Rp1
CE=3.0V
0.5
1.6
3.0
CE Pull-Down Resistance 2
Rp2
CE=0.3V
22
55
90
Internal Oscillation Feedback Resistance
Rf
XT Pin, CE=/XT=3.0V
0.2
0.5
1.0
Output Disable Leakage Current
IOZ
Q0 Pin, VDD=4.0V, CE=0V
-
-
0.5
μ
A
STANDARD VALUE
PARAMETER
SYMBOL
FUNCTIONS
MIN.
TYP.
MAX.
UNIT
Output Rise Time
Tr
VDD=3.0V (10% to 90%) *1
-
10
15
ns
Output Fall Time
Tf
VDD=3.0V (10% to 90%) *1
-
10
15
ns
Duty Cycle
DUTY
45
50
55
%
Output Start Time
Ton
*1
-
-
3.0
ms
NOTES ON USE
(1) The oscillation circuit of this IC does not have internal oscillation capacitors.
Please make the oscillation circuitry using an external crystal transducer and oscillation capacitors Cg and Cd.
*) A higher harmonic wave oscillation may occur without Cg and Cd.
*) Cg and Cd can be connected either to GND or VDD.
(Cg and Cd in the above circuit example are connected to GND.)
*) It is recommended to use around for 10pF of Cg and Cd.
For trimmer capacitors, 10pF as a standard value is appropriate.
*) The crystal oscillation frequency should be measured at the output of the Q0 pin.
When a probe is directly connected to the XT pin or the /XT pin, oscillation frequency will change and a precise value can
not be taken.
(2) Please insert a by-pass capacitor of 0.1μF between VDD and GND.
(3) The use of a matching resistor Rq0 of 50Ω connected in series to the Q0 pin is recommended in order to counter
unwanted radiations.
(4) Please place a by-pass capacitor and the matching resistor as close to the IC as possible. If the by-pass capacitor is
placed away from the IC, it may cause abnormal oscillation. If the matching resistor is placed away from the IC, it may
cause unwanted radiations in the pattern between the Q0 pin and the resistor.
(5) When the CE pin is not controlled by external signals, please connect the CE pin to VDD power supply.
*) When the CE pin is not connected, the IC goes into stand-by mode due to the internal pull-down resistor.
(6) As for the supply voltage, it is recommended to apply a low noise power supply, such as a series regulator. Using a
power supply like a switching regulator might lead to an unstable oscillation jitter, which in turn may lead the oscillation
frequency to fluctuate due to the ripple of the switching regulator.
DC ELECTRICAL CHARACTERISTICS
XC25BS6xxxxx
3.0V Operation (unless otherwise stated, VDD=3.0V, FOSC=16MHz, No load, Ta=25℃)
AC ELECTRICAL CHARACTERISTICS
XC25BS6xxxxx
3.0V Operation (unless otherwise stated, VDD=3.0V, FOSC=16MHz, CL=15pF, Ta=25℃)
*External oscillation capacitor
*1 R&D guarantee


Similar Part No. - XC25BS6512ML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC25BS6512ML TOREX-XC25BS6512ML Datasheet
57Kb / 4P
   Divider Signal Output Clock Generator ICs with Built-In Crystal Oscillator Circuit
More results

Similar Description - XC25BS6512ML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC25BS6 TOREX-XC25BS6 Datasheet
57Kb / 4P
   Divider Signal Output Clock Generator ICs with Built-In Crystal Oscillator Circuit
XC25BS5 TOREX-XC25BS5_12 Datasheet
305Kb / 12P
   PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
XC25BS7 TOREX-XC25BS7 Datasheet
289Kb / 13P
   PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
XC25BS7 TOREX-XC25BS7_1 Datasheet
307Kb / 13P
   PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
XC25BS8 TOREX-XC25BS8 Datasheet
567Kb / 14P
   Ultra Small PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
XC25BS8 TOREX-XC25BS8_1 Datasheet
597Kb / 14P
   Ultra Small PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
XC25BS5 TOREX-XC25BS5 Datasheet
191Kb / 8P
   PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits (For Low Frequency range)
XC25BS5_002 TOREX-XC25BS5_002 Datasheet
477Kb / 10P
   PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits(For Low Frequency Range)
logo
Rohm
BU2365FV ROHM-BU2365FV Datasheet
311Kb / 6P
   Clock Generator With Built-in VCXO
logo
Texas Instruments
CDCS502 TI-CDCS502 Datasheet
353Kb / 11P
[Old version datasheet]   Crystal Oscillator / Clock Generator with optional SSC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com