Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC61CC0802MR Datasheet(PDF) 11 Page - Torex Semiconductor

Part # XC61CC0802MR
Description  Low Voltage Detectors (VDF= 0.8V節?.5V) Standard Voltage Detectors (VDF 1.6V節?.0V)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC61CC0802MR Datasheet(HTML) 11 Page - Torex Semiconductor

Back Button XC61CC0802MR Datasheet HTML 7Page - Torex Semiconductor XC61CC0802MR Datasheet HTML 8Page - Torex Semiconductor XC61CC0802MR Datasheet HTML 9Page - Torex Semiconductor XC61CC0802MR Datasheet HTML 10Page - Torex Semiconductor XC61CC0802MR Datasheet HTML 11Page - Torex Semiconductor XC61CC0802MR Datasheet HTML 12Page - Torex Semiconductor XC61CC0802MR Datasheet HTML 13Page - Torex Semiconductor XC61CC0802MR Datasheet HTML 14Page - Torex Semiconductor XC61CC0802MR Datasheet HTML 15Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
11/17
XC61C
Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
Standard Voltage (Continued)
(3) Output Voltage vs. Input Voltage
Note : The N-channel open drain pull up resistance value is 100k
Ω
.
0
1
2
3
01
23
Ta=25℃
0
1
2
3
4
01
23
4
Ta=25℃
0
1
2
3
4
5
012
345
Ta=25℃
0
1
2
01
2
Ta=25℃
XC61CN1802 (1
.8V)
XC61CN2702 (2
.7V)
Input Voltage: VIN (V)
Input Voltage: VIN (V)
XC61CN4502
(4.5V)
XC61CN3602
(3.6V)
Input Voltage: VIN (V)
Input Voltage: VIN (V)
(4) N-ch Driver Output Current vs. VDS
0
2
4
6
8
10
0
0.5
1.0
1.5
2.0
VDS (V)
1.0V
VIN =1.5V
Ta=25℃
0
5
10
15
20
25
30
0
0.5
1.0
1.5
2.0
2.5
3.0
VDS (V)
1.0V
VIN =2.5V
Ta=25℃
1.5V
2.0V
0
10
20
30
40
0
0.5
1.0
1.5
2.0
2.5
3.0
VDS (V)
1.5V
VIN =3.0V
Ta=25℃
2.0V
2.5V
0
10
20
30
40
50
60
70
80
0
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0
VDS (V)
VIN =4.0V
Ta=25℃
1.5V
2.0V
2.5V
3.0V
3.5V
XC61CC1802
(1.8V)
XC61CC2702
(2.7V)
XC61CC4502
(4.5V)
XC61CC3602
(3.6V)
Note : The N-channel open drain pull up resistance value is 100kΩ.
0
10
20
30
40
50
60
70
80
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
VDS (V)
XC61CC4502 (4.5V品)
VIN =4.0V
Ta=25℃
1.5V
2.0V
2.5V
3.0V
3.5V


Similar Part No. - XC61CC0802MR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC61CC0902LB TOREX-XC61CC0902LB Datasheet
892Kb / 19P
   Low Voltage Detectors
XC61CC0902LH TOREX-XC61CC0902LH Datasheet
892Kb / 19P
   Low Voltage Detectors
XC61CC0902LL TOREX-XC61CC0902LL Datasheet
892Kb / 19P
   Low Voltage Detectors
XC61CC0902LR TOREX-XC61CC0902LR Datasheet
892Kb / 19P
   Low Voltage Detectors
XC61CC0902MB TOREX-XC61CC0902MB Datasheet
892Kb / 19P
   Low Voltage Detectors
More results

Similar Description - XC61CC0802MR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC61G TOREX-XC61G_1 Datasheet
1Mb / 16P
   Low Voltage Detectors (VDF= 0.8V節?.5V) Standard Voltage Detectors (VDF 1.6V節?.0V)
XE61C TOREX-XE61C Datasheet
339Kb / 15P
   Standard Voltage Detectors (VDF=1.6V節?.0V)
XC61G TOREX-XC61G Datasheet
1Mb / 14P
   LOW VOLTAGE DETECTORS (VDF=0.8V-1.5V)
XC6101 TOREX-XC6101_1 Datasheet
416Kb / 27P
   Voltage Detector (VDF=1.6V~5.0V)
XC61CC2002MRN TOREX-XC61CC2002MRN Datasheet
655Kb / 17P
   Low Voltage Detectors Standard Voltage Detectors
XC61A TOREX-XC61A Datasheet
136Kb / 6P
   Low Voltage Detectors竊늊DF=0.8V)
logo
Gamma Microelectronics ...
GM5510 GAMMA-GM5510 Datasheet
302Kb / 12P
   STANDARD VOLTAGE DETECTORS
GM5511 GAMMA-GM5511 Datasheet
293Kb / 12P
   STANDARD VOLTAGE DETECTORS
logo
Torex Semiconductor
XC61C TOREX-XC61C Datasheet
892Kb / 19P
   Low Voltage Detectors
logo
Unisonic Technologies
82CXX UTC-82CXX_15 Datasheet
423Kb / 20P
   VOLTAGE DETECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com