Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XB1085K12BJL Datasheet(PDF) 5 Page - Torex Semiconductor

Part # XB1085K12BJL
Description  3.0A Positive Voltage Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XB1085K12BJL Datasheet(HTML) 5 Page - Torex Semiconductor

  XB1085K12BJL Datasheet HTML 1Page - Torex Semiconductor XB1085K12BJL Datasheet HTML 2Page - Torex Semiconductor XB1085K12BJL Datasheet HTML 3Page - Torex Semiconductor XB1085K12BJL Datasheet HTML 4Page - Torex Semiconductor XB1085K12BJL Datasheet HTML 5Page - Torex Semiconductor XB1085K12BJL Datasheet HTML 6Page - Torex Semiconductor XB1085K12BJL Datasheet HTML 7Page - Torex Semiconductor XB1085K12BJL Datasheet HTML 8Page - Torex Semiconductor XB1085K12BJL Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5/11
XB1085
Series
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNIT
CIRCUIT
VIN-VOUT=3.0V
1.238
1.25
1.262
Reference Voltage
VREF
IOUT=10mA
O.T.
(*1)
1.225
-
1.275
V
2.85V
≦VIN≦10V
-
0.015
0.2
Line Regulation
⊿VOUT1
IOUT=10mA
O.T.
(*1)
0.035
0.2
%
VIN-VOUT=3.0V
-
0.1
0.3
Load Regulation
⊿VOUT2
0mA
≦IOUT≦3.0A
O.T.
(*1)
0.2
0.4
%
Dropout Voltage
Vdif
⊿VOUT=1%, IOUT=3.0A
-
1.3
1.5
V
Limit Current
ILIM
VIN-VOUT=3.0V
3.2
4.5
-
A
Temperature Stability
Ts
VIN-VOUT=1.5V
IOUT=10mA
O.T.
(*1)
-
0.5
-
%
-
Minimum
Output Current
IOUTmin
VIN=10V
O.T.
(*1)
-
3
10
mA
Adjust Voltage Pin
Current
IADJ
VIN=4.25V, IOUT=10mA
O.T.
(*1)
-
55
120
μA
XB1085K12BJ
Tj= 25
℃ unless otherwise specified
■ELECTRICAL CHARACTERISTICS (Continued)
Note:
*1: O.T. denotes the specifications which apply over the operating junction Temperature range (0
℃ ≦ Tj ≦125OC).
Please be sure that the power consumption does not exceed the power dissipation rating, 1300mW.
If the power consumption exceeds
the power dissipation rating and the operating junction temperature rises more than the rating, 125
OC, the IC enters thermal shutdown
state.


Similar Part No. - XB1085K12BJL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XB1085K12BJR TOREX-XB1085K12BJR Datasheet
178Kb / 11P
   3.0A Positive voltage Regulator
XB1085K12BJR-G TOREX-XB1085K12BJR-G Datasheet
178Kb / 11P
   3.0A Positive voltage Regulator
More results

Similar Description - XB1085K12BJL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XB1085 TOREX-XB1085_12 Datasheet
178Kb / 11P
   3.0A Positive voltage Regulator
XB1085 TOREX-XB1085_15 Datasheet
178Kb / 11P
   3.0A Positive Voltage Regulator
logo
First Components Intern...
LT1085 FCI-LT1085 Datasheet
5Mb / 5P
   3.0A LOW DROPOUT POSITIVE REGULATOR Adjustable Output Voltage or Fixed
logo
List of Unclassifed Man...
B1085 ETC-B1085 Datasheet
37Kb / 3P
   3.0A Low Dropout Voltage Regulator
logo
SeCoS Halbleitertechnol...
SE78XX SECOS-SE78XX_15 Datasheet
422Kb / 5P
   Positive Voltage Regulator
SU78XX-B SECOS-SU78XX-B_15 Datasheet
534Kb / 4P
   Positive Voltage Regulator
SJ78M09 SECOS-SJ78M09_15 Datasheet
85Kb / 2P
   Positive Voltage Regulator
SSC2146 SECOS-SSC2146 Datasheet
979Kb / 5P
   Positive Voltage Regulator
SL2136 SECOS-SL2136 Datasheet
614Kb / 4P
   Positive Voltage Regulator
logo
Weitron Technology
WT78LXX WEITRON-WT78LXX Datasheet
1Mb / 10P
   Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com