Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC61CC0802NR Datasheet(PDF) 4 Page - Torex Semiconductor

Part # XC61CC0802NR
Description  Low Voltage Detectors (VDF= 0.8V節?.5V) Standard Voltage Detectors (VDF 1.6V節?.0V)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC61CC0802NR Datasheet(HTML) 4 Page - Torex Semiconductor

  XC61CC0802NR Datasheet HTML 1Page - Torex Semiconductor XC61CC0802NR Datasheet HTML 2Page - Torex Semiconductor XC61CC0802NR Datasheet HTML 3Page - Torex Semiconductor XC61CC0802NR Datasheet HTML 4Page - Torex Semiconductor XC61CC0802NR Datasheet HTML 5Page - Torex Semiconductor XC61CC0802NR Datasheet HTML 6Page - Torex Semiconductor XC61CC0802NR Datasheet HTML 7Page - Torex Semiconductor XC61CC0802NR Datasheet HTML 8Page - Torex Semiconductor XC61CC0802NR Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4/17
XC61C Series
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS CIRCUITS
VDF(T)=0.8V~1.5V *1
VDF(T)=1.6V~6.0V *2
VDF(T)
x 0.98
VDF(T)
VDF(T)
x 1.02
V
1
Detect Voltage
VDF
VDF(T)=2.6V~5.0V *2
VDF(T)
x 0.99
VDF(T)
VDF(T)
x 1.01
V
1
Hysteresis Range
VHYS
VDF
x 0.02
VDF
x 0.05
VDF
x 0.08
V
1
VIN = 1.5V
-
0.7
2.3
VIN = 2.0V
-
0.8
2.7
VIN = 3.0V
-
0.9
3.0
VIN = 4.0V
-
1.0
3.2
Supply Current
ISS
VIN = 5.0V
-
1.1
3.6
μ
A2
Operating Voltage *1
VDF(T) = 0.8V to 1.5V
0.7
-
6.0
Operating Voltage *2
VIN
VDF(T) = 1.6V to 6.0V
0.7
-
10.0
V
1
VIN = 0.7V
0.10
0.80
-
N-ch VDS = 0.5V
VIN = 1.0V
0.85
2.70
-
3
Output Current *1
CMOS, P-ch VDS = 2.1V
VIN = 6.0V
-
-7.5
-1.5
4
VIN = 1.0V
1.0
2.2
-
VIN = 2.0V
3.0
7.7
-
VIN = 3.0V
5.0
10.1
-
VIN = 4.0V
6.0
11.5
-
N-ch VDS = 0.5V
VIN = 5.0V
7.0
13.0
-
3
Output Current *2
IOUT
CMOS, P-ch VDS = 2.1V
VIN = 8.0V
-
-10.0
-2.0
mA
4
CMOS
-
10
-
Leak Current
Ileak
VIN=6.0V, VOUT=6.0V*1
VIN=10.0V, VOUT=10.0V*2 N-ch Open Drain
-
10
100
nA
3
Temperature
Characteristics
Δ
VDF
Δ
Topr・VDF
-40℃ ≦ Topr ≦ 85℃
-
±
100
-
ppm/
-
Delay Time
(VDR→VOUT inversion)
tDLY
Inverts from VDR to VOUT
-
0.03
0.20
ms
5
ELECTRICAL CHARACTERISTICS
VDF (T) = 0.8V to 6.0V ± 2%
VDF (T) = 2.6V to 5.0V ± 1%
NOTE:
*1: Low Voltage: VDF(T)=0.8V~1.5V
*2: Standard Voltage: VDF(T)=1.6V~6.0V
VDF (T): Setting detect voltage
Release Voltage: VDR = VDF + VHYS
Ta=25℃


Similar Part No. - XC61CC0802NR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC61CC0902LB TOREX-XC61CC0902LB Datasheet
892Kb / 19P
   Low Voltage Detectors
XC61CC0902LH TOREX-XC61CC0902LH Datasheet
892Kb / 19P
   Low Voltage Detectors
XC61CC0902LL TOREX-XC61CC0902LL Datasheet
892Kb / 19P
   Low Voltage Detectors
XC61CC0902LR TOREX-XC61CC0902LR Datasheet
892Kb / 19P
   Low Voltage Detectors
XC61CC0902MB TOREX-XC61CC0902MB Datasheet
892Kb / 19P
   Low Voltage Detectors
More results

Similar Description - XC61CC0802NR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC61G TOREX-XC61G_1 Datasheet
1Mb / 16P
   Low Voltage Detectors (VDF= 0.8V節?.5V) Standard Voltage Detectors (VDF 1.6V節?.0V)
XE61C TOREX-XE61C Datasheet
339Kb / 15P
   Standard Voltage Detectors (VDF=1.6V節?.0V)
XC61G TOREX-XC61G Datasheet
1Mb / 14P
   LOW VOLTAGE DETECTORS (VDF=0.8V-1.5V)
XC6101 TOREX-XC6101_1 Datasheet
416Kb / 27P
   Voltage Detector (VDF=1.6V~5.0V)
XC61CC2002MRN TOREX-XC61CC2002MRN Datasheet
655Kb / 17P
   Low Voltage Detectors Standard Voltage Detectors
XC61A TOREX-XC61A Datasheet
136Kb / 6P
   Low Voltage Detectors竊늊DF=0.8V)
logo
Gamma Microelectronics ...
GM5510 GAMMA-GM5510 Datasheet
302Kb / 12P
   STANDARD VOLTAGE DETECTORS
GM5511 GAMMA-GM5511 Datasheet
293Kb / 12P
   STANDARD VOLTAGE DETECTORS
logo
Torex Semiconductor
XC61C TOREX-XC61C Datasheet
892Kb / 19P
   Low Voltage Detectors
logo
Unisonic Technologies
82CXX UTC-82CXX_15 Datasheet
423Kb / 20P
   VOLTAGE DETECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com