Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC25BS7 Datasheet(PDF) 5 Page - Torex Semiconductor

Part # XC25BS7
Description  PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC25BS7 Datasheet(HTML) 5 Page - Torex Semiconductor

  XC25BS7 Datasheet HTML 1Page - Torex Semiconductor XC25BS7 Datasheet HTML 2Page - Torex Semiconductor XC25BS7 Datasheet HTML 3Page - Torex Semiconductor XC25BS7 Datasheet HTML 4Page - Torex Semiconductor XC25BS7 Datasheet HTML 5Page - Torex Semiconductor XC25BS7 Datasheet HTML 6Page - Torex Semiconductor XC25BS7 Datasheet HTML 7Page - Torex Semiconductor XC25BS7 Datasheet HTML 8Page - Torex Semiconductor XC25BS7 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5/13
XC25BS7
Series
PARAMETER
SYMBOL
CONDITIONS
MIN.
MAX.
UNIT
Supply Voltage
VDD
3.3V (TYP.) operation
2.97
3.63
V
Input Frequency
fCLKin
(*1)
45.000
60.000
kHz
Multiplier/Divider Ratio
N/M
Typical value is shown
(*1)
256
-
Output Frequency
fQ0
(*1)
11.520
15.360
MHz
Capacity Overload
(*3)
CL
-
15
pF
Output Start Time
(*2)(*3)
TON
fCLKin=45kHz
0.05
20
ms
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNIT
CIRCUIT
H Level Input Voltage
VIH
2.70
-
-
V
L Level Input Voltage
VIL
-
-
0.60
V
H Level Input Current
IiH
VCLKin=VDD-0.3V
-
-
3.0
μ
A
L Level Input Current
IiL
VCLKin=0.3V
-3.0
-
-
μ
A
H Level Output Voltage
VOH
VDD=2.97V, IOH=-4mA
2.50
-
-
V
L Level Output Voltage
VOL
VDD=2.97V, IOL= 4mA
-
-
0.40
V
Supply Current 1
IDD1
VDD=3.63V, CE= 3.63V
-
3.0
6.0
mA
Supply Current 2
IDD2
VDD=3.63V, CE= 0.0V
-
-
10
μ
A
CE H Level Voltage
VCEH
2.70
-
-
V
CE L Level Voltage
VCEL
-
-
0.45
V
CE Pull-Down Resistance 1
Rdn1
CE=VDD
0.2
1.0
1.8
MΩ
CE Pull-Down Resistance 2
Rdn2
CE=0.1 x VDD
10
30
60
kΩ
Output Off Leak Current
IOZ
VDD=Q0=3.63V, CE= 0.0V
-
-
10
μ
A
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNIT
CIRCUIT
Output Rise Time
(*1)
Tr
(20% ~ 80%)
-
2.5
5.0
ns
Output Fall Time
(*1)
Tf
(20% ~ 80%)
-
2.5
5.0
ns
fQ0≦60MHz
45
50
55
Output Signal Duty
(*1)
Duty
fQ0≧60MHz
40
50
60
PLL Output Signal Jitter 1
(*1)
TJ1
1σ (Output Period)
-
20
-
ps
PLL Output Signal Jitter 2
(*1)
TJ
Peak to Peak (Output Tracking)
-
20
-
ns
■ELECTRICAL CHARACTERISTICS (Continued)
●Recommended Operating Conditions: XC25BS7001xx (256 multiplication, Input 48kHz (TYP.)) 3.3V (TYP.)
Tested below Ta=25
OC
NOTE:
*1: Connected CIN=0.1μF of a ceramic capacitor between the VDD pin the VSS pin while testing.
*2: Time until signal via the Q0 pin flows stably from applying supply voltage to the VDD pin and control voltage to the CE pin while
applying the input signal to the CLKin pin.
*3: The value indicated at output start time is designed values which are not guaranteed values.
●DC Characteristics: XC25BS7001xx (256 multiplication, Input 48kHz (TYP.) ) 3.3V (TYP.)
Test Conditions: VDD=3.3V, fCLKin=48kHz, Multiplier ratio=256, Ta=25℃, No Load
●AC Characteristics: XC25BS7001xx (256 multiplication, Input 48kHz (TYP.)) 3.3V (TYP.)
Test Conditions: VDD=3.3V, fCLKin=48kHz, Multiplier ratio=256, Ta=25℃, CL=15pF
NOTE:
*1: Values indicated at the AC Characteristics are designing values, which are not guaranteed values.


Similar Part No. - XC25BS7

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC25BS7 TOREX-XC25BS7 Datasheet
307Kb / 13P
   PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
XC25BS7001ER TOREX-XC25BS7001ER Datasheet
307Kb / 13P
   PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
XC25BS7001ER-G TOREX-XC25BS7001ER-G Datasheet
307Kb / 13P
   PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
XC25BS7001MR TOREX-XC25BS7001MR Datasheet
307Kb / 13P
   PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
XC25BS7001MR-G TOREX-XC25BS7001MR-G Datasheet
307Kb / 13P
   PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
More results

Similar Description - XC25BS7

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC25BS5 TOREX-XC25BS5_12 Datasheet
305Kb / 12P
   PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
XC25BS7 TOREX-XC25BS7_1 Datasheet
307Kb / 13P
   PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
XC25BS8 TOREX-XC25BS8 Datasheet
567Kb / 14P
   Ultra Small PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
XC25BS8 TOREX-XC25BS8_1 Datasheet
597Kb / 14P
   Ultra Small PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
XC25BS5 TOREX-XC25BS5 Datasheet
191Kb / 8P
   PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits (For Low Frequency range)
XC25BS5_002 TOREX-XC25BS5_002 Datasheet
477Kb / 10P
   PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits(For Low Frequency Range)
XC25BS6 TOREX-XC25BS6_1 Datasheet
181Kb / 5P
   Divider Signal Output Clock Generator ICs with Built-In Crystal Oscillator Circuit
XC25BS6 TOREX-XC25BS6 Datasheet
57Kb / 4P
   Divider Signal Output Clock Generator ICs with Built-In Crystal Oscillator Circuit
logo
Texas Instruments
CDC706 TI-CDC706 Datasheet
1Mb / 41P
[Old version datasheet]   PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
CDCE906 TI-CDCE906 Datasheet
1Mb / 33P
[Old version datasheet]   PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com