Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XB1117 Datasheet(PDF) 7 Page - Torex Semiconductor

Part # XB1117
Description  1A Low Dropout Positive Voltage Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XB1117 Datasheet(HTML) 7 Page - Torex Semiconductor

Back Button XB1117 Datasheet HTML 3Page - Torex Semiconductor XB1117 Datasheet HTML 4Page - Torex Semiconductor XB1117 Datasheet HTML 5Page - Torex Semiconductor XB1117 Datasheet HTML 6Page - Torex Semiconductor XB1117 Datasheet HTML 7Page - Torex Semiconductor XB1117 Datasheet HTML 8Page - Torex Semiconductor XB1117 Datasheet HTML 9Page - Torex Semiconductor XB1117 Datasheet HTML 10Page - Torex Semiconductor XB1117 Datasheet HTML 11Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7/13
XB1117
Series
OPERATIONAL EXPLANATION
1. Output voltage adjustment
The XB1117 series provide a stable output by comparing the output voltage to an internal reference voltage. With the
adjustable XB1117K type, a 1.25V reference voltage (VREF) is fixed between the VOUT pin and the ADJ pin and the external
resistors R1 and R2 are used to set the output voltage. The resistance values of R1 and R2 should be set so as to provide a
minimum load current of 10mA. The output voltage is given by the following equation.
VOUT=VREF(1+R2/R1)+IADJ x R2
The output voltage of the XB1117P type is internally fixed to 1.8V, 2.5V, 3.3V, and 5.0V so external resistors are not
necessary.
2. Stability and load regulation
The XB1117 series requires a load capacitor between the VOUT pin and the GND pin to provide phase compensation thereby
ensuring stability of the output voltage. Either a tantalum capacitor of more than 10μF (TYP.) or an aluminum electrolytic
capacitor of more than 50μF (TYP.) should be connected.
(Note : The capacitor's ESR value should not exceed 0.5Ω.)
The output capacitor does not have a theoretical upper limit so increasing its value will increase stability. CL=100μF or
more is typical for high current regulator design.
In order to avoid any reductions in output voltage accuracy with the XB1117K type, we recommend not to place a parasitic
resistor (Rp) between the VOUT pin and the divider resistor R1. The parasitic resistor (Rp) does not influence the output
however if the divider resistor R1 is directly connected to the VOUT pin.
With the XB1117P type, although external resistor (R1) is internally connected to the VOUT pin, stability can be maintained by
not wiring a parasitic resistor to the GND pin.


Similar Part No. - XB1117

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XB1117 TOREX-XB1117 Datasheet
447Kb / 10P
   1A Low Dropout Positive Voltage Regulator
XB1117-12 TOREX-XB1117-12 Datasheet
183Kb / 12P
   1A Low Dropout Positive Voltage Regulator
XB1117K12BFL TOREX-XB1117K12BFL Datasheet
447Kb / 10P
   1A Low Dropout Positive Voltage Regulator
XB1117K12BFR TOREX-XB1117K12BFR Datasheet
447Kb / 10P
   1A Low Dropout Positive Voltage Regulator
XB1117K12BFR-G TOREX-XB1117K12BFR-G Datasheet
183Kb / 12P
   1A Low Dropout Positive Voltage Regulator
More results

Similar Description - XB1117

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LM2940 UTC-LM2940 Datasheet
154Kb / 11P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Cystech Electonics Corp...
LM1117-XXXJ3 CYSTEKEC-LM1117-XXXJ3 Datasheet
309Kb / 5P
   1A Low Dropout Positive Voltage Regulator
logo
Torex Semiconductor
XB1117-12 TOREX-XB1117-12 Datasheet
183Kb / 12P
   1A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
LM1117-1.5L3 CYSTEKEC-LM1117-1.5L3 Datasheet
391Kb / 8P
   1A Low Dropout Positive Voltage Regulator
LM1117-XXXL3 CYSTEKEC-LM1117-XXXL3 Datasheet
427Kb / 8P
   1A Low Dropout Positive Voltage Regulator
logo
Unisonic Technologies
LM2940 UTC-LM2940_V01 Datasheet
539Kb / 12P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS1117BCW12 TSC-TS1117BCW12 Datasheet
247Kb / 7P
   1A Low Dropout Positive Voltage Regulator
logo
E-Tech Electronics LTD
LM2940 ETL-LM2940 Datasheet
369Kb / 12P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Torex Semiconductor
XB1117 TOREX-XB1117_15 Datasheet
183Kb / 12P
   1A Low Dropout Positive Voltage Regulator
logo
E-CMOS Corporation
EC50117S E-CMOS-EC50117S Datasheet
548Kb / 8P
   1A Low Dropout Positive Voltage Regulator
logo
Hi-Sincerity Mocroelect...
H1117E HSMC-H1117E Datasheet
44Kb / 4P
   1A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com