Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XB1085P151JR Datasheet(PDF) 10 Page - Torex Semiconductor

Part # XB1085P151JR
Description  3.0A Positive Voltage Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XB1085P151JR Datasheet(HTML) 10 Page - Torex Semiconductor

Back Button XB1085P151JR Datasheet HTML 3Page - Torex Semiconductor XB1085P151JR Datasheet HTML 4Page - Torex Semiconductor XB1085P151JR Datasheet HTML 5Page - Torex Semiconductor XB1085P151JR Datasheet HTML 6Page - Torex Semiconductor XB1085P151JR Datasheet HTML 7Page - Torex Semiconductor XB1085P151JR Datasheet HTML 8Page - Torex Semiconductor XB1085P151JR Datasheet HTML 9Page - Torex Semiconductor XB1085P151JR Datasheet HTML 10Page - Torex Semiconductor XB1085P151JR Datasheet HTML 11Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10/11
XB1085 Series
①② Represents product series
MARK
PRODUCT SERIES
8
5
XB1085****J*
③ Represent the type of regulator
MARK
TYPE
PRODUCT SERIES
P
Fixed Output Type
XB1085P***J*
K
Adjustable (Externally Set)
XB1085K***J*
④⑤ Represents output voltage
MARK
OUTPUT
VOTLAGE
PRODUCT
SERIES
1
5
1.5V
XB1085P151J*
1
8
1.8V
XB1085P181J*
2
5
2.5V
XB1085P251J*
3
3
3.3V
XB1085P331J*
5
0
5.0V
XB1085P501J*
1
2
ADJ
XB1082K12BJ*
⑥ Represents output voltage accuracy and output type
MARK
OUTPUT VOLTAGE
ACCURACY
(OUTPUT TYPE)
PRODUCT SERIES
1
1%
XB1085P**1J*
B
Adjustable
XB1085K12BJ*
⑦ Represents the last digit of production year
ex.)
MARK
PRODUCTION YEAR
7
2007
8
2008
⑧ Represents production lot number
0 to 9, A to Z repeated.
(G, I, J, O, Q, W excepted. ‘0’ of the first digit does not mark.)
* No character inversion used.
ex.)
MARK
PRODUCTION LOT NUMBER
Blank
3
03
1
A
1A
■MARKING RULE
●TO-252
1
3
2
① ② ③
⑤ ⑥
⑦ ⑧ ⑨
TO-252
(TOP VIEW)


Similar Part No. - XB1085P151JR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XB1085P151JR TOREX-XB1085P151JR Datasheet
178Kb / 11P
   3.0A Positive voltage Regulator
XB1085P151JR-G TOREX-XB1085P151JR-G Datasheet
178Kb / 11P
   3.0A Positive voltage Regulator
More results

Similar Description - XB1085P151JR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XB1085 TOREX-XB1085_12 Datasheet
178Kb / 11P
   3.0A Positive voltage Regulator
XB1085 TOREX-XB1085_15 Datasheet
178Kb / 11P
   3.0A Positive Voltage Regulator
logo
First Components Intern...
LT1085 FCI-LT1085 Datasheet
5Mb / 5P
   3.0A LOW DROPOUT POSITIVE REGULATOR Adjustable Output Voltage or Fixed
logo
List of Unclassifed Man...
B1085 ETC-B1085 Datasheet
37Kb / 3P
   3.0A Low Dropout Voltage Regulator
logo
SeCoS Halbleitertechnol...
SE78XX SECOS-SE78XX_15 Datasheet
422Kb / 5P
   Positive Voltage Regulator
SU78XX-B SECOS-SU78XX-B_15 Datasheet
534Kb / 4P
   Positive Voltage Regulator
SJ78M09 SECOS-SJ78M09_15 Datasheet
85Kb / 2P
   Positive Voltage Regulator
SSC2146 SECOS-SSC2146 Datasheet
979Kb / 5P
   Positive Voltage Regulator
SL2136 SECOS-SL2136 Datasheet
614Kb / 4P
   Positive Voltage Regulator
logo
Weitron Technology
WT78LXX WEITRON-WT78LXX Datasheet
1Mb / 10P
   Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com