Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


ST72F623F2M1 Datasheet(PDF) 9 Page - STMicroelectronics

Part No. ST72F623F2M1
Description  LOW SPEED USB 8-BIT MCU WITH 3 ENDPOINTS, FLASH OR ROM MEMORY, LVD, WDG, 10-BIT ADC, 2 TIMERS, SCI, SPI
Download  139 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo 

 9 page
background image
ST7262
9/139
18 22
9
8
14 19
PB6/PWM0/IT7/
ICCDATA
I/O CT HS x
\
x
Port B6
ART PWM output 0/
Interrupt 7 input/In-
Circuit Communica-
tion Data
19 23 10
9
15 20
PB5/ARTIC2/IT6/
ICCCLK
I/O CT HS x
/
x
Port B5
ART Input Capture 2/
Interrupt 6 input/
In-Circuit Communi-
cation Clock
20 24 11 10 16
1
PB4/ARTIC1/IT5
I/O CT HS x
/
x
Port B4
ART Input Capture
1/Interrupt 5 input
21 25 12 11 17
2
PB3/ARTCLK
I/O CT HS x
x
Port B3
ART Clock input
22 26 13 12 18
3
PB2/TDO
I/O CT HS x
x
Port B2
SCI Transmit Data
Output 1)
23 27 14 13 19
4
PB1/RDI
I/O CT HS x
x
Port B1
SCI Receive Data
Input 1)
24 28 15 14 20
5
PB0/MCO
I/O CT HS x
x
Port B0
CPU clock output
25 29 16 15
-
-
PA7/AIN7
I/O CT
xx
x
Port A7
ADC Analog Input 7
26 30 17 16
-
-
PA6/AIN6
I/O CT
xx
x
Port A6
ADC Analog Input 6
27 31 18 17
-
-
PA5/AIN5
I/O CT
xx
x
Port A5
ADC Analog Input 5
28 32 19 18
-
-
PA4/AIN4
I/O CT
xx
x
Port A4
ADC Analog Input 4
29 33 20 19
-
-
PA3/AIN3/IT4
I/O CT
x\
x
x
Port A3
ADC Analog Input 3/
Interrupt 4 input
30 34 21 20
1
6
PA2/AIN2/IT3
I/O CT
x\
x
x
Port A2
ADC Analog Input 2/
Interrupt 3 input
31 35 22 21
2
7
PA1/AIN1/IT2
I/O CT
x\
x
x
Port A1
ADC Analog Input 1/
Interrupt 2 input
32 36 23 22
3
8
PA0/AIN0/IT1/
USBOE
I/O CT
x\
x
x
Port A0
ADC Analog Input 0/
Interrupt 1 input/
USB Output Enable
33 37 30 29 10 15 RESET
I/O
C
Top priority non maskable inter-
rupt (active low)
34 38 24 23
-
-
VSSA
S
Analog Ground Voltage, must
be connected externally to VSS.
35 39 25 24
5
10 USBDM
I/O
USB bidirectional data (data -)
36 40 26 25
6
11 USBDP
I/O
USB bidirectional data (data +)
37 41 27 26
7
12 USBVCC
S
USB power supply 3.3V output
38 42 28 27
-
-
VDDA
S
Analog Power Supply Voltage,
must be connected externally to
VDD.
39
-
-
-
-
-
Reserved
Must be left unconnected.
40
1
-
-
-
-
PD6
I/O CT
xx
Port D6
41
2
-
-
-
-
PD5
I/O CT
xx
Port D5
42
3
-
-
-
-
PD4
I/O CT
xx
Port D4
Pin n°
Pin Name
Level
Port / Control
Main
Function
(after
reset)
Alternate Function
Input
Output




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ST72260GX8-BIT MCU WITH FLASH OR ROM MEMORY ADC TWO 16-BIT TIMERS I2C SPI SCI INTERFACES 1 2 3 4 5 MoreSTMicroelectronics
ST723408-BIT MCU WITH UP TO 16K FLASH MEMORY 10-BIT ADC TWO 16-BIT TIMERS TWO I2C SPI SCI 1 2 3 4 5 MoreSTMicroelectronics
ST72334J_038-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY ADC 16-BIT TIMERS SPI SCI INTERFACES 1 2 3 4 5 MoreSTMicroelectronics
ST7263BDXLow speed USB 8-bit MCU family with up to 32K Flash/ROM DFU capability 8-bit ADC WDG timer SCI & I²C 1 2 3 4 5 MoreSTMicroelectronics
ST72324_055V RANGE 8-BIT MCU WITH 8 TO 32K FLASH 10-BIT ADC 4 TIMERS SPI SCI INTERFACE 1 2 3 4 5 MoreSTMicroelectronics
ST7MC18-BIT MCU WITH NESTED INTERRUPTS FLASH 10-BIT ADC BRUSHLESS MOTOR CONTROL FIVE TIMERS SPI LINSCI 1 2 3 4 5 MoreSTMicroelectronics
ST72324BXX8-bit MCU 3.8 to 5.5 V operating range with 8 to 32 Kbyte Flash/ROM 10-bit ADC 4 timers SPI SCI 1 2 3 4 5 MoreSTMicroelectronics
ST72104G8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY ADC 16-BIT TIMERS SPI IC INTERFACES 1 2 3 4 5 MoreSTMicroelectronics
ST72324B5V RANGE 8-BIT MCU WITH 8 TO 32K FLASH/ROM 10-BIT ADC 4 TIMERS SPI SCI INTERFACE 1 2 3 4 5 MoreSTMicroelectronics
ST72E311_018-BIT MCU WITH 8 TO 16K OTP/EPROM 384 TO 512 BYTES RAM ADC WDG SCI SPI AND 2 TIMERS 1 2 3 4 5 MoreSTMicroelectronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl