Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


ST72F623F2M1 Datasheet(PDF) 7 Page - STMicroelectronics

Part No. ST72F623F2M1
Description  LOW SPEED USB 8-BIT MCU WITH 3 ENDPOINTS, FLASH OR ROM MEMORY, LVD, WDG, 10-BIT ADC, 2 TIMERS, SCI, SPI
Download  139 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo 

 7 page
background image
ST7262
7/139
Figure 4. 20-pin SO20 Package Pinout
Figure 5. 20-pin DIP20 Package Pinout
14
13
12
11
15
16
17
18
OSCIN
OSCOUT
PB7 (HS) / PWM1 / IT8
PB6 (HS) / PWM0 / IT7/ ICCDATA
USBVCC
VDD
VPP
USBDP
1
2
3
4
5
6
7
8
9
10
IT3 / AIN2 / PA2
PB0 (HS) / MCO
PB1 (HS)
PB2 (HS)
PB3 (HS) / ARTCLK
PB4 (HS) / ARTIC1 / IT5
RESET
IT2 / AIN1 / PA1
19
20
USBOE/ IT1 / AIN0/ PA0
VSS
USBDM
PB5 (HS) / ARTIC2 / IT6 / ICCCLK
14
13
12
11
15
16
17
18
OSCIN
OSCOUT
PB7 (HS) / PWM1 / IT8
PB6 (HS) / PWM0 / IT7/ICCDATA
USBVCC
VDD
VPP
USBDP
1
2
3
4
5
6
7
8
9
10
IT5 / ARTIC1 / PB4 (HS)
MCO / PB0 (HS)
PB1 (HS)
PB2 (HS)
RESET
IT2 / AIN1/ PA1
19
20
USBOE / IT1 / AIN0 / PA0
VSS
USBDM
PB5 (HS) / ARTIC2 / IT6 / ICCCLK
IT3 / AIN2 / PA2
ARTCLK / PB3 (HS)




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ST72260GX8-BIT MCU WITH FLASH OR ROM MEMORY ADC TWO 16-BIT TIMERS I2C SPI SCI INTERFACES 1 2 3 4 5 MoreSTMicroelectronics
ST723408-BIT MCU WITH UP TO 16K FLASH MEMORY 10-BIT ADC TWO 16-BIT TIMERS TWO I2C SPI SCI 1 2 3 4 5 MoreSTMicroelectronics
ST72334J_038-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY ADC 16-BIT TIMERS SPI SCI INTERFACES 1 2 3 4 5 MoreSTMicroelectronics
ST7263BDXLow speed USB 8-bit MCU family with up to 32K Flash/ROM DFU capability 8-bit ADC WDG timer SCI & I²C 1 2 3 4 5 MoreSTMicroelectronics
ST72324_055V RANGE 8-BIT MCU WITH 8 TO 32K FLASH 10-BIT ADC 4 TIMERS SPI SCI INTERFACE 1 2 3 4 5 MoreSTMicroelectronics
ST7MC18-BIT MCU WITH NESTED INTERRUPTS FLASH 10-BIT ADC BRUSHLESS MOTOR CONTROL FIVE TIMERS SPI LINSCI 1 2 3 4 5 MoreSTMicroelectronics
ST72324BXX8-bit MCU 3.8 to 5.5 V operating range with 8 to 32 Kbyte Flash/ROM 10-bit ADC 4 timers SPI SCI 1 2 3 4 5 MoreSTMicroelectronics
ST72104G8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY ADC 16-BIT TIMERS SPI IC INTERFACES 1 2 3 4 5 MoreSTMicroelectronics
ST72324B5V RANGE 8-BIT MCU WITH 8 TO 32K FLASH/ROM 10-BIT ADC 4 TIMERS SPI SCI INTERFACE 1 2 3 4 5 MoreSTMicroelectronics
ST72E311_018-BIT MCU WITH 8 TO 16K OTP/EPROM 384 TO 512 BYTES RAM ADC WDG SCI SPI AND 2 TIMERS 1 2 3 4 5 MoreSTMicroelectronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl