Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62228DDCTG4 Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS62228DDCTG4
Description  400-mA, 1.25-MHz, HIGH-EFFICIENCY, STEP-DOWN CONVERTER IN THIN-SOT23
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62228DDCTG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS62228DDCTG4 Datasheet HTML 6Page - Texas Instruments TPS62228DDCTG4 Datasheet HTML 7Page - Texas Instruments TPS62228DDCTG4 Datasheet HTML 8Page - Texas Instruments TPS62228DDCTG4 Datasheet HTML 9Page - Texas Instruments TPS62228DDCTG4 Datasheet HTML 10Page - Texas Instruments TPS62228DDCTG4 Datasheet HTML 11Page - Texas Instruments TPS62228DDCTG4 Datasheet HTML 12Page - Texas Instruments TPS62228DDCTG4 Datasheet HTML 13Page - Texas Instruments TPS62228DDCTG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
www.ti.com
DETAILED DESCRIPTION
OPERATION
POWER-SAVE MODE OPERATION
I
skip v
66 mA )
Vin
160 W
I
peak +
66 mA )
Vin
80 W
TPS62220, TPS62221, TPS62222
TPS62223, TPS62224, TPS62227
TPS62228, TPS62229
SLVS491D – SEPTEMBER 2003 – REVISED MARCH 2006
The TPS6222x is a synchronous step-down converter operating with typically 1.25-MHz fixed frequency pulse
width modulation (PWM) at moderate to heavy load currents and in power-save mode operating with pulse
frequency modulation (PFM) at light load currents.
During PWM operation, the converter uses a unique fast response, voltage mode, controller scheme with input
voltage feed forward. This achieves good line and load regulation and allows the use of small ceramic input and
output capacitors. At the beginning of each clock cycle initiated by the clock signal (S), the P-channel MOSFET
switch is turned on, and the inductor current ramps up until the comparator trips and the control logic turns off the
switch. The current limit comparator also turns off the switch in case the current limit of the P-channel switch is
exceeded. Then, the N-channel rectifier switch is turned on and the inductor current ramps down. The next cycle
is initiated by the clock signal, again turning off the N-channel rectifier and turning on the P-channel switch.
The GM amplifier and input voltage determines the rise time of the sawtooth generator; therefore, any change in
input voltage or output voltage directly controls the duty cycle of the converter. This gives a very good line and
load transient regulation.
As the load current decreases, the converter enters the power-save mode operation. During power-save mode,
the converter operates with reduced switching frequency in PFM mode and with a minimum quiescent current to
maintain high efficiency. Two conditions allow the converter to enter the power-save mode operation. One is
when the converter detects discontinuous conduction mode. The other is when the peak switch current in the
P-channel switch goes below the skip current limit. The typical skip current limit can be calculated as:
During the power-save mode, the output voltage is monitored with the comparator (comp) by the thresholds
comp low and comp high. As the output voltage falls below the comp low threshold set to 0.8% typical above
Vout, the P-channel switch turns on. The P-channel switch is turned off as the peak switch current is reached.
The typical peak switch current can be calculated:
The N-channel rectifier is turned on and the inductor current ramps down. As the inductor current approaches
zero, the N-channel rectifier is turned off and the P-channel switch is turned on again, starting the next pulse.
The converter continues these pulses until the comp high threshold (set to typically 1.6% above Vout) is reached.
The converter enters a sleep mode, reducing the quiescent current to a minimum. The converter wakes up again
as the output voltage falls below the comp low threshold. This control method reduces the quiescent current
typically to 15 µA and reduces the switching frequency to a minimum, thereby achieving high converter efficiency
at light load. Setting the skip current thresholds to typically 0.8% and 1.6% above the nominal output voltage at
light load current results in a dynamic output voltage achieving lower absolute voltage drops during heavy load
transient changes. This allows the converter to operate with a small output capacitor of just 10 µF and still have a
low absolute voltage drop during heavy load transient changes. See Figure 14 for detailed operation of the
power-save mode.
10
Submit Documentation Feedback


Similar Part No. - TPS62228DDCTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62228DDCTG4 TI-TPS62228DDCTG4 Datasheet
682Kb / 24P
[Old version datasheet]   400-mA, 1.25-MHz, HIGH-EFFICIENCY, STEP-DOWN CONVERTER IN THIN-SOT23
More results

Similar Description - TPS62228DDCTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62220 TI-TPS62220 Datasheet
464Kb / 20P
[Old version datasheet]   400-mA, 1.25-MHz, HIGH-EFFICIENCY, STEP-DOWN CONVERTER IN THIN-SOT23
TPS62220 TI-TPS62220_09 Datasheet
682Kb / 24P
[Old version datasheet]   400-mA, 1.25-MHz, HIGH-EFFICIENCY, STEP-DOWN CONVERTER IN THIN-SOT23
TPS62026 TI-TPS62026 Datasheet
612Kb / 24P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62020 TI1-TPS62020_16 Datasheet
1Mb / 28P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62020 TI-TPS62020_15 Datasheet
1Mb / 28P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62020 TI-TPS62020 Datasheet
425Kb / 18P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62040 TI1-TPS62040_12 Datasheet
944Kb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62040 TI1-TPS62040_17 Datasheet
1Mb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62040 TI-TPS62040_15 Datasheet
1Mb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62040 TI-TPS62040 Datasheet
372Kb / 21P
[Old version datasheet]   1.2 A/1.25 MHZ, HIGH EFFICIENCY STEP DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com