Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62221 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62221
Description  400-mA, 1.25-MHz, HIGH-EFFICIENCY, STEP-DOWN CONVERTER IN THIN-SOT23
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62221 Datasheet(HTML) 1 Page - Texas Instruments

  TPS62221 Datasheet HTML 1Page - Texas Instruments TPS62221 Datasheet HTML 2Page - Texas Instruments TPS62221 Datasheet HTML 3Page - Texas Instruments TPS62221 Datasheet HTML 4Page - Texas Instruments TPS62221 Datasheet HTML 5Page - Texas Instruments TPS62221 Datasheet HTML 6Page - Texas Instruments TPS62221 Datasheet HTML 7Page - Texas Instruments TPS62221 Datasheet HTML 8Page - Texas Instruments TPS62221 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
www.ti.com
FEATURES
DESCRIPTION
APPLICATIONS
VI
GND
EN
SW
FB
C3
4.7 F
m
L1
4.7 H
m
C4
10 F
m
TPS62220
VI
2.5 V to 6 V
VO
1.5 V/400 mA
R1
360 kW
R2
180 kW
C1
22 pF
C2
100 pF
1
2
3
5
4
40
45
50
55
60
65
70
75
80
85
90
95
100
0.01
0.1
1
10
100
1000
VO = 1.8 V,
L = 4.7 H,
m
CO = 22 F
m
IL − Load Current − mA
VI = 3.7 V
Typical Application (Adjustible Output Voltage Version)
VI = 5 V
VI = 2.7 V
TPS62220, TPS62221, TPS62222
TPS62223, TPS62224, TPS62227
TPS62228, TPS62229
SLVS491D – SEPTEMBER 2003 – REVISED MARCH 2006
400-mA, 1.25-MHz, HIGH-EFFICIENCY, STEP-DOWN CONVERTER IN THIN-SOT23
High-Efficiency Synchronous Step-Down
The TPS6222x devices are a family of high-efficiency,
Converter With up to 95% Efficiency
synchronous step-down converters ideally suited for
portable systems powered by 1-cell Li-Ion or 3-cell
2.5-V to 6-V Input Voltage Range
NiMH/NiCd batteries. The devices are also suitable to
Adjustable Output Voltage Range From 0.7 V
operate from a standard 3.3-V or 5-V voltage rail.
to VI
With an output voltage range of 6 V down to 0.7 V
Fixed Output Voltage Options Available
and up to 400-mA output current, the devices are
Up to 400-mA Output Current
ideal for powering the low voltage TMS320™ DSP
1.25-MHz Fixed Frequency PWM Operation
family and processors used in PDAs, pocket PCs,
and smart phones. Under nominal load current, the
Highest Efficiency Over Wide Load Current
devices operate with a fixed switching frequency of
Range Due to Power-Save Mode
typically 1.25 MHz. At light load currents, the part
15-µA Typical Quiescent Current
enters the power-save mode operation; the switching
Soft Start
frequency is reduced and the quiescent current is
typically only 15 µA; therefore, the device achieves
100% Duty Cycle Low-Dropout Operation
the highest efficiency over the entire load current
Dynamic Output-Voltage Positioning
range.
The
TPS6222x
needs
only
three
small
Available in TSOT23 Package
external components. Together with the tiny TSOT23
package, a minimum system solution size can be
achieved. An advanced fast response voltage mode
control scheme achieves superior line and load
PDAs and Pocket PC
regulation with small ceramic input and output
Cellular Phones, Smart Phones
capacitors.
OMAP™ and Low Power DSP Supply
Digital Cameras
Portable Media Players
Portable Equipment
WLAN PC Cards
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
OMAP, TMS320 are trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003–2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS62221

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62221 TI-TPS62221 Datasheet
464Kb / 20P
[Old version datasheet]   400-mA, 1.25-MHz, HIGH-EFFICIENCY, STEP-DOWN CONVERTER IN THIN-SOT23
TPS62221 TI-TPS62221 Datasheet
682Kb / 24P
[Old version datasheet]   400-mA, 1.25-MHz, HIGH-EFFICIENCY, STEP-DOWN CONVERTER IN THIN-SOT23
TPS62221DDC TI-TPS62221DDC Datasheet
464Kb / 20P
[Old version datasheet]   400-mA, 1.25-MHz, HIGH-EFFICIENCY, STEP-DOWN CONVERTER IN THIN-SOT23
TPS62221DDC TI-TPS62221DDC Datasheet
682Kb / 24P
[Old version datasheet]   400-mA, 1.25-MHz, HIGH-EFFICIENCY, STEP-DOWN CONVERTER IN THIN-SOT23
TPS62221DDCR TI-TPS62221DDCR Datasheet
682Kb / 24P
[Old version datasheet]   400-mA, 1.25-MHz, HIGH-EFFICIENCY, STEP-DOWN CONVERTER IN THIN-SOT23
More results

Similar Description - TPS62221

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62220 TI-TPS62220 Datasheet
464Kb / 20P
[Old version datasheet]   400-mA, 1.25-MHz, HIGH-EFFICIENCY, STEP-DOWN CONVERTER IN THIN-SOT23
TPS62220 TI-TPS62220_09 Datasheet
682Kb / 24P
[Old version datasheet]   400-mA, 1.25-MHz, HIGH-EFFICIENCY, STEP-DOWN CONVERTER IN THIN-SOT23
TPS62026 TI-TPS62026 Datasheet
612Kb / 24P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62020 TI1-TPS62020_16 Datasheet
1Mb / 28P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62020 TI-TPS62020_15 Datasheet
1Mb / 28P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62020 TI-TPS62020 Datasheet
425Kb / 18P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62040 TI1-TPS62040_12 Datasheet
944Kb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62040 TI1-TPS62040_17 Datasheet
1Mb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62040 TI-TPS62040_15 Datasheet
1Mb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62040 TI-TPS62040 Datasheet
372Kb / 21P
[Old version datasheet]   1.2 A/1.25 MHZ, HIGH EFFICIENCY STEP DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com