Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74V1G14 Datasheet(PDF) 2 Page - STMicroelectronics

Part # 74V1G14
Description  SINGLE SCHMITT INVERTER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74V1G14 Datasheet(HTML) 2 Page - STMicroelectronics

  74V1G14 Datasheet HTML 1Page - STMicroelectronics 74V1G14 Datasheet HTML 2Page - STMicroelectronics 74V1G14 Datasheet HTML 3Page - STMicroelectronics 74V1G14 Datasheet HTML 4Page - STMicroelectronics 74V1G14 Datasheet HTML 5Page - STMicroelectronics 74V1G14 Datasheet HTML 6Page - STMicroelectronics 74V1G14 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
INPUT EQUIVALENT CIRCUIT
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Val ue
Unit
VCC
Supply Voltage
-0.5 to +7.0
V
VI
DC Input Voltage
-0.5 to +7.0
V
VO
DC Output Voltage
-0.5 to VCC + 0.5
V
IIK
DC Input Diode Current
- 20
mA
IOK
DC Output Diode Current
± 20
mA
IO
DC Output Current
± 25
mA
ICC or IGND DC VCC or Ground Current
± 50
mA
Tstg
Storage Temperature
-65 to +150
oC
TL
Lead Temperature (10 sec)
260
oC
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition is not implied.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Valu e
Uni t
VCC
Supply Voltage
2.0 to 5.5
V
VI
Input Voltage
0 to 5.5
V
VO
Output Voltage
0 to VCC
V
Top
Operating Temperature
-40 to +85
oC
TRUTH TABLE
AY
LH
HL
PIN DESCRIPTION
PI N No
SYMBOL
NAME AND FUNCT ION
1
N.C.
Not Connected
2
1A
Data Input
4
1Y
Data Output
3
GND
Ground (0V)
5VCC
Positive Supply Voltage
74V1G14
2/7


Similar Part No. - 74V1G14

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74V1G14 STMICROELECTRONICS-74V1G14 Datasheet
110Kb / 9P
   SINGLE SCHMITT INVERTER
74V1G14CTR STMICROELECTRONICS-74V1G14CTR Datasheet
110Kb / 9P
   SINGLE SCHMITT INVERTER
74V1G14STR STMICROELECTRONICS-74V1G14STR Datasheet
110Kb / 9P
   SINGLE SCHMITT INVERTER
74V1G14 STMICROELECTRONICS-74V1G14_04 Datasheet
110Kb / 9P
   SINGLE SCHMITT INVERTER
More results

Similar Description - 74V1G14

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74V1T14 STMICROELECTRONICS-74V1T14 Datasheet
47Kb / 7P
   SINGLE SCHMITT INVERTER
October 1999
74V1T14 STMICROELECTRONICS-74V1T14_04 Datasheet
108Kb / 9P
   SINGLE SCHMITT INVERTER
74V1G14 STMICROELECTRONICS-74V1G14_04 Datasheet
110Kb / 9P
   SINGLE SCHMITT INVERTER
logo
Rohm
BU4S584G2 ROHM-BU4S584G2 Datasheet
152Kb / 5P
   Single Schmitt inverter
logo
ON Semiconductor
NLU1G14 ONSEMI-NLU1G14_12 Datasheet
137Kb / 10P
   Single Schmitt-Trigger Inverter
July, 2012 ??Rev. 2
logo
Unisonic Technologies
U74AHCT1G14 UTC-U74AHCT1G14 Datasheet
198Kb / 4P
   SINGLE SCHMITT-TRIGGER INVERTER
logo
NXP Semiconductors
74LVC1G14 NXP-74LVC1G14 Datasheet
99Kb / 16P
   Single Schmitt-trigger inverter
Rev. 07-18 July 2007
74LVC1G14 PHILIPS-74LVC1G14 Datasheet
100Kb / 17P
   Single Schmitt-trigger inverter
2004 Sep 10
logo
Texas Instruments
SN74AUC1G14-EP TI-SN74AUC1G14-EP Datasheet
158Kb / 9P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER INVERTER
SN74AUC1G14 TI-SN74AUC1G14 Datasheet
320Kb / 13P
[Old version datasheet]   SINGLE SCHMITT TRIGGER INVERTER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com