Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74V1G125S Datasheet(PDF) 4 Page - STMicroelectronics

Part # 74V1G125S
Description  SINGLE BUS BUFFER 3-STATE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74V1G125S Datasheet(HTML) 4 Page - STMicroelectronics

  74V1G125S Datasheet HTML 1Page - STMicroelectronics 74V1G125S Datasheet HTML 2Page - STMicroelectronics 74V1G125S Datasheet HTML 3Page - STMicroelectronics 74V1G125S Datasheet HTML 4Page - STMicroelectronics 74V1G125S Datasheet HTML 5Page - STMicroelectronics 74V1G125S Datasheet HTML 6Page - STMicroelectronics 74V1G125S Datasheet HTML 7Page - STMicroelectronics 74V1G125S Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
CAPACITIVE CHARACTERISTICS
Symb ol
Parameter
Test Co nditi ons
Valu e
Un it
TA =25
oC
-40 to 85
oC
Min.
T yp.
Max.
Mi n.
Max.
CIN
Input Capacitance
4
pF
COUT
Output Capacitance
6
10
10
pF
CPD
Power Dissipation
Capacitance (note 1)
14
pF
1) CPD isdefined as the value of the IC’sinternal equivalent capacitance which is calculated fromthe operating current consumption without load. (Referto
Test Circuit).Average operting current can be obtained by the following equation. ICC(opr) = CPD
• VCC • fIN +ICC
TEST CIRCUIT
T EST
SW IT CH
tPLH,tPHL
Open
tPZL,tPLZ
VCC
tPZH,tPHZ
GND
CL = 15/50 pF or equivalent (includes jig and probe capacitance)
RL =R1 =1K
Ω orequivalent
RT =ZOUT of pulse generator (typically 50
Ω)
74V1G125
4/8


Similar Part No. - 74V1G125S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74V1G125STR STMICROELECTRONICS-74V1G125STR Datasheet
127Kb / 10P
   SINGLE BUS BUFFER (3-STATE)
More results

Similar Description - 74V1G125S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74LX1G126 STMICROELECTRONICS-74LX1G126 Datasheet
127Kb / 12P
   SINGLE BUS BUFFER (3-STATE)
74V1T125 STMICROELECTRONICS-74V1T125 Datasheet
55Kb / 8P
   SINGLE BUS BUFFER 3-STATE
74V1G126 STMICROELECTRONICS-74V1G126_04 Datasheet
125Kb / 10P
   SINGLE BUS BUFFER (3-STATE)
74V1T125 STMICROELECTRONICS-74V1T125_04 Datasheet
125Kb / 10P
   SINGLE BUS BUFFER (3-STATE)
74V1T126 STMICROELECTRONICS-74V1T126 Datasheet
54Kb / 8P
   SINGLE BUS BUFFER 3-STATE
74LX1G125 STMICROELECTRONICS-74LX1G125 Datasheet
145Kb / 13P
   SINGLE BUS BUFFER (3-STATE)
April 2004
74V1G126 STMICROELECTRONICS-74V1G126 Datasheet
57Kb / 8P
   SINGLE BUS BUFFER 3-STATE
October 1999
74V1G125 STMICROELECTRONICS-74V1G125_04 Datasheet
127Kb / 10P
   SINGLE BUS BUFFER (3-STATE)
74V1T126 STMICROELECTRONICS-74V1T126_04 Datasheet
125Kb / 10P
   SINGLE BUS BUFFER (3-STATE)
logo
Texas Instruments
SN74AUC1G125 TI-SN74AUC1G125 Datasheet
318Kb / 13P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com