Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SII1392 Datasheet(PDF) 1 Page - Silicon image

Part # SII1392
Description  VastLane??HDMI Transmitter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICONIMAGE [Silicon image]
Direct Link  http://www.siliconimage.com
Logo SILICONIMAGE - Silicon image

SII1392 Datasheet(HTML) 1 Page - Silicon image

  SII1392 Datasheet HTML 1Page - Silicon image SII1392 Datasheet HTML 2Page - Silicon image  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VastLaneHDMI Transmitter
High-definition video and audio solution for PC motherboards
Silicon Image’s SiI1392 VastLane transmitter interfaces seamlessly to a variety of PC
graphics sources to support DVI and HDMI™ displays with resolutions up to UXGA or
1080p. The built-in High-bandwidth Digital Content Protection (HDCP) engine secures the
digital link for transmission of valuable HD video and audio. These transmitters are prepro-
grammed with unique HDCP keys, providing state-of-the-art security while reducing man-
ufacturing complexity and cost.
SiI 1392
Applications
• Media Center PCs
• Desktop PC
Motherboards
• Notebook PCs
• Add In Boards
Key Features
• Compatible with
HDMI 1.2
specification
• Supports 1080p
resolution at 60Hz
• Built-in HDCP
encryption engine
• SVDO 1.21
• Flexible Audio
Input: HD Audio or
S/PDIF
Product Brief
The SiI1392 VastLane transmitter provides
25-165 MHz HDMI and DVI HDCP output
respectively. It accepts the full operating range of
Serial Digital Video Output (SDVO) on the input
port with a robust, high jitter-tolerance imple-
mentation that exceeds the requirements of the
Intel SDVO 1.21 specification. The SiI1392 sup-
ports a variety of audio interfaces including
S/PDIF and Intel HD-Audio interface to enable
broad audio compatibility. When using the high-
resolution HD-Audio port, this chip is capable of
supporting the DVD audio standard and other
digital audio formats consisting of up to eight
channels at 192 kHz.
This latest family of VastLane transmitters brings
a comprehensive suite of solutions to enable PC
platforms to offer new levels of multimedia per-
formance with access to premium HD video and
audio content. Each product is compliant with
HDCP 1.2 and supports repeaters by implement-
ing on-chip Secure Hash Algorithm (SHA-1) logic
and provides convenient and secure on-chip, pre-
programmed HDCP keys. Applications that
require even more performance can utilize the
SiI1392CNU-3, which offers blazing-fast per-
formance of up to 340 MHz or 10.2 Gbps. The
SiI1392-3 supports high resolution displays
including 1440p and WQXGA.
SiI1392 System Diagram


Similar Part No. - SII1392

ManufacturerPart #DatasheetDescription
logo
Silicon image
SII1390 SILICONIMAGE-SII1390 Datasheet
163Kb / 2P
   PanelLink /HDCP Transmitters
SII1390CTU SILICONIMAGE-SII1390CTU Datasheet
163Kb / 2P
   PanelLink /HDCP Transmitters
More results

Similar Description - SII1392

ManufacturerPart #DatasheetDescription
logo
Silicon image
SII9024 SILICONIMAGE-SII9024 Datasheet
208Kb / 2P
   VastLane HDMI Transmitter
SII9034 SILICONIMAGE-SII9034 Datasheet
187Kb / 2P
   VastLane??HDMI Transmitter
SII1932 SILICONIMAGE-SII1932 Datasheet
250Kb / 2P
   VastLane??HDMI Transmitter
SII9022 SILICONIMAGE-SII9022 Datasheet
229Kb / 2P
   VastLane??HDMI Transmitter
SII9134 SILICONIMAGE-SII9134 Datasheet
1Mb / 2P
   VastLane??HDMI Transmitter
SII9204 SILICONIMAGE-SII9204 Datasheet
211Kb / 2P
   VastLane HDMI Transmitter PHY
SII9206 SILICONIMAGE-SII9206 Datasheet
220Kb / 2P
   VastLane HDMI / MHL Transmitter PHY
SII9125 SILICONIMAGE-SII9125 Datasheet
255Kb / 2P
   VastLane??HDMI Receiver
SII9185 SILICONIMAGE-SII9185 Datasheet
240Kb / 2P
   VastLane??HDMI Switch
SII9233 SILICONIMAGE-SII9233 Datasheet
240Kb / 2P
   VastLane HDMI Receiver
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com