Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM488M1684VTC-75FE Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # EM488M1684VTC-75FE
Description  256Mb (4M횞4Bank횞16) Synchronous DRAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM488M1684VTC-75FE Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button EM488M1684VTC-75FE Datasheet HTML 4Page - List of Unclassifed Manufacturers EM488M1684VTC-75FE Datasheet HTML 5Page - List of Unclassifed Manufacturers EM488M1684VTC-75FE Datasheet HTML 6Page - List of Unclassifed Manufacturers EM488M1684VTC-75FE Datasheet HTML 7Page - List of Unclassifed Manufacturers EM488M1684VTC-75FE Datasheet HTML 8Page - List of Unclassifed Manufacturers EM488M1684VTC-75FE Datasheet HTML 9Page - List of Unclassifed Manufacturers EM488M1684VTC-75FE Datasheet HTML 10Page - List of Unclassifed Manufacturers EM488M1684VTC-75FE Datasheet HTML 11Page - List of Unclassifed Manufacturers EM488M1684VTC-75FE Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
eorex
EM48AM1684VTC
Jul. 2006
www.eorex.com
AC Operating Test Characteristics (Continued)
(VDD=3.3V±0.3V, TA=0°C ~70°C for extended grade)
-7
-7.5
Symbol
Parameter
Min.
Max..
Min.
Max.
Units
tRC
ACTIVE to ACTIVE Command
Period
(Note 6)
62
67
ns
tRAS
ACTIVE to PRECHARGE
Command Period
(Note 6)
42
100K
45
100K
ns
tRP
PRECHARGE to ACTIVE
Command Period
(Note 6)
20
20
ns
tRCD
ACTIVE to READ/WRITE Delay
Time
(Note 6)
20
20
ns
tRRD
ACTIVE(one) to ACTIVE(another)
Command
(Note 6)
14
15
ns
tCCD
READ/WRITE Command to
READ/WRITE Command
1
1
CLK
tDPL
Date-in to PRECHARGE
Command
2
2
CLK
tBDL
Date-in to BURST Stop Command
1
1
CLK
CL=3
3
3
tROH
Data-out
to High
Impedance from
PRECHARGE Command
CL=2
2
2
CLK
tREF
Refresh Time (8,192 cycle)
64
64
ms
* All voltages referenced to VSS.
Note 6: These parameters account for the number of clock cycles and depend on the operating frequency
of the clock, as follows:
The number of clock cycles = Specified value of timing/clock period (Count Fractions as a whole
number)
Recommended Power On and Initialization
The following power on and initialization sequence guarantees the device is preconditioned to each user’s
specific needs. (Like a conventional DRAM) During power on, all VDD and VDDQ pins must be built up
simultaneously to the specified voltage when the input signals are held in the “NOP” state. The power on
voltage must not exceed VDD+0.3V on any of the input pins or VDD supplies. (CLK signal started at same
time)
After power on, an initial pause of 200 µs is required followed by a precharge of all banks using the
precharge command.
To prevent data contention on the DQ bus during power on, it is required that the DQM and CKE pins be
held high during the initial pause period. Once all banks have been precharged, the Mode Register Set
Command must be issued to initialize the Mode Register. A minimum of eight Auto Refresh cycles (CBR)
are also required, and these may be done before or after programming the Mode Register.
8/17


Similar Part No. - EM488M1684VTC-75FE

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM488M1684VTC-75FE EOREX-EM488M1684VTC-75FE Datasheet
702Kb / 17P
   256Mb (4M횞4Bank횞16) Synchronous DRAM
More results

Similar Description - EM488M1684VTC-75FE

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM48AM1684VTG EOREX-EM48AM1684VTG Datasheet
480Kb / 20P
   256Mb (4M횞4Bank횞16) Synchronous DRAM
EM48AM1684VBD EOREX-EM48AM1684VBD Datasheet
677Kb / 17P
   256Mb (4M횞4Bank횞16) Synchronous DRAM
EM48AM1684VBE EOREX-EM48AM1684VBE Datasheet
192Kb / 17P
   256Mb (4M횞4Bank횞16) Synchronous DRAM
EM48AM1684LBA EOREX-EM48AM1684LBA_09 Datasheet
660Kb / 18P
   256Mb (4M횞4Bank횞16) Synchronous DRAM
EM48AM1644LBB EOREX-EM48AM1644LBB Datasheet
701Kb / 19P
   256Mb (4M횞4Bank횞16) Synchronous DRAM
EM48AM1684VTC EOREX-EM48AM1684VTC Datasheet
702Kb / 17P
   256Mb (4M횞4Bank횞16) Synchronous DRAM
EM48AM1684VBA EOREX-EM48AM1684VBA Datasheet
669Kb / 17P
   256Mb (4M횞4Bank횞16) Synchronous DRAM
EM48AM1684VBB EOREX-EM48AM1684VBB Datasheet
669Kb / 17P
   256Mb (4M횞4Bank횞16) Synchronous DRAM
EM48AM1684LBA EOREX-EM48AM1684LBA Datasheet
650Kb / 17P
   256Mb (4M횞4Bank횞16) Synchronous DRAM
EM48AM1684VTE EOREX-EM48AM1684VTE Datasheet
222Kb / 19P
   256Mb (4M횞4Bank횞16) Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com