Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5925C Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX5925C
Description  1V to 13.2V, n-Channel Hot-Swap Controllers Require No Sense Resistor
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5925C Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX5925C Datasheet HTML 1Page - Maxim Integrated Products MAX5925C Datasheet HTML 2Page - Maxim Integrated Products MAX5925C Datasheet HTML 3Page - Maxim Integrated Products MAX5925C Datasheet HTML 4Page - Maxim Integrated Products MAX5925C Datasheet HTML 5Page - Maxim Integrated Products MAX5925C Datasheet HTML 6Page - Maxim Integrated Products MAX5925C Datasheet HTML 7Page - Maxim Integrated Products MAX5925C Datasheet HTML 8Page - Maxim Integrated Products MAX5925C Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
1V to 13.2V, n-Channel Hot-Swap Controllers
Require No Sense Resistor
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC, EN (MAX5924/MAX5925), EN1 (MAX5926) = +2.25V to +13.2V; EN2 (MAX5926) = 0V; VS (see Figure 1) = +1.05V to VCC; TA =
-40°C to +85°C, unless otherwise noted. Typical values are at VCC = 5V, RL = 500
Ω from OUT to GND, CL = 1µF, SLEW = open, TA
= +25°C, unless otherwise noted.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
(All voltages referenced to GND, unless otherwise noted).
VCC .........................................................................-0.3V to +14V
GATE*.....................................................................-0.3V to +20V
All Other Pins ............-0.3V to the lower of (VCC + 0.3V) or +14V
SC_DET Current (200ms pulse width, 15% duty cycle) ...140mA
Continuous Current (all other pins) .....................................20mA
Continuous Power Dissipation (TA = +70°C)
10-Pin µMAX (derate 6.9mW/°C above +70°C) ...........556mW
16-Pin QSOP (derate 18.9mW/°C above +70°C).......1509mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature .....................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER SUPPLIES
VCC Operating Range
VCC
2.25
13.2
V
VS Operating Range
VS
VS as defined in Figure 1
1.05
VCC
V
Supply Current
ICC
FET is fully enhanced, SC_DET = VCC
1.5
2.5
mA
UNDERVOLTAGE LOCKOUT (UVLO)
UVLO Threshold
VUVLO
Default value, VS and VCC increasing, Figure 1
1.73
2.06
2.47
V
VCC UVLO Deglitch Time
tDG
(Note 2)
900
µs
VCC UVLO Startup Delay
tD,UVLO
123
200
350
ms
LOAD-PROBE
2.25V < VCC < 5V
4
30
65
Load-Probe Resistance (Note 3)
RLP
5V < VCC < 13.2V
3
10
20
Load-Probe Timeout
tLP
43
102
205
ms
Load-Probe Threshold Voltage
VLP,TH
(Note 4)
172
200
235
mV
CIRCUIT BREAKER
ICB
TC = high (MAX5926), MAX5924
34
37
42
VCC = 2.25V,
TA = +25°C
44
51
58
ICB25
TC = low (MAX5926),
MAX5925 (Note 5)
5V
≤ VCC ≤ 13.2V,
TA = +25°C
49
54
58
VCC = 2.25V,
TA = +85°C
47
52
60
Circuit-Breaker Programming
Current
ICB85
TC = low (MAX5926),
MAX5925 (Note 5)
5V
≤ VCC ≤ 13.2V,
TA = +85°C
58
63
70
µA
*GATE is internally driven and clamped. Do not drive GATE with external source.


Similar Part No. - MAX5925C

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5925CEUB MAXIM-MAX5925CEUB Datasheet
988Kb / 20P
   1V to 13.2V, n-Channel Hot-Swap Controllers Require No Sense Resistor
Rev 0; 10/04
MAX5925CEUB MAXIM-MAX5925CEUB Datasheet
339Kb / 21P
   1V to 13.2V, n-Channel Hot-Swap Controllers Require No Sense Resistor
19-3443; Rev 3; 4/10
MAX5925CEUB MAXIM-MAX5925CEUB Datasheet
1Mb / 22P
   1V to 13.2V, n-Channel Hot-Swap Controllers Require No Sense Resistor
2016
More results

Similar Description - MAX5925C

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5924 MAXIM-MAX5924_10 Datasheet
339Kb / 21P
   1V to 13.2V, n-Channel Hot-Swap Controllers Require No Sense Resistor
19-3443; Rev 3; 4/10
MAX5924 MAXIM-MAX5924 Datasheet
988Kb / 20P
   1V to 13.2V, n-Channel Hot-Swap Controllers Require No Sense Resistor
Rev 0; 10/04
MAX5924 MAXIM-MAX5924_V01 Datasheet
1Mb / 22P
   1V to 13.2V, n-Channel Hot-Swap Controllers Require No Sense Resistor
2016
MAX5977A_1107 MAXIM-MAX5977A_1107 Datasheet
1Mb / 13P
   1V to 16V, Single-Channel, Hot-Swap Controllers 1V to 16V, Single-Channel, Hot-Swap Controllers
Rev 2; 7/11
MAX5977A MAXIM-MAX5977A Datasheet
1Mb / 13P
   1V to 16V, Single-Channel, Hot-Swap Controllers with Precision Current-Sensing Output
Rev 1; 1/11
logo
Micrel Semiconductor
MIC2085 MICREL-MIC2085 Datasheet
1,014Kb / 29P
   Single Channel Hot Swap Controllers
MIC2582 MICREL-MIC2582 Datasheet
190Kb / 22P
   Single Channel Hot Swap Controllers
logo
Microchip Technology
MIC2582 MICROCHIP-MIC2582 Datasheet
2Mb / 32P
   Single-Channel Hot Swap Controllers
02/28/20
logo
Micrel Semiconductor
MIC2582 MICREL-MIC2582_14 Datasheet
1Mb / 27P
   Single-Channel Hot Swap Controllers
MIC2582 MICREL-MIC2582_09 Datasheet
831Kb / 25P
   Single Channel Hot Swap Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com