Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM600HU-24H Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # CM600HU-24H
Description  HIGH POWER SWITCHING USE INSULATED TYPE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

CM600HU-24H Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  CM600HU-24H Datasheet HTML 1Page - Mitsubishi Electric Semiconductor CM600HU-24H Datasheet HTML 2Page - Mitsubishi Electric Semiconductor CM600HU-24H Datasheet HTML 3Page - Mitsubishi Electric Semiconductor CM600HU-24H Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Sep.1998
MITSUBISHI IGBT MODULES
CM600HU-24H
HIGH POWER SWITCHING USE
INSULATED TYPE
Absolute Maximum Ratings, Tj = 25 °C unless otherwise specified
Ratings
Symbol
CM600HU-24H
Units
Junction Temperature
Tj
-40 to 150
°C
Storage Temperature
Tstg
-40 to 125
°C
Collector-Emitter Voltage (G-E SHORT)
VCES
1200
Volts
Gate-Emitter Voltage (C-E SHORT)
VGES
±20
Volts
Collector Current (Tc = 25°C)
IC
600
Amperes
Peak Collector Current (Tj ≤ 150°C)
ICM
1200*
Amperes
Emitter Current** (Tc = 25°C)
IE
600
Amperes
Peak Emitter Current**
IEM
1200*
Amperes
Maximum Collector Dissipation (Tc = 25°C)
Pc
3100
Watts
Mounting Torque, M8 Main Terminal
8.8~10.8
N · m
Mounting Torque, M6 Mounting
3.5~4.5
N · m
Mounting Torque, M4 Terminal
1.3~1.7
N · m
Weight
600
Grams
Isolation Voltage (Main Terminal to Baseplate, AC 1 min.)
Viso
2500
Vrms
* Pulse width and repetition rate should be such that the device junction temperature (Tj) does not exceed Tj(max) rating.
**Represents characteristics of the anti-parallel, emitter-to-collector free-wheel diode (FWDi).
Static Electrical Characteristics, T
j = 25 °C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Collector-Cutoff Current
ICES
VCE = VCES, VGE = 0V
2
mA
Gate Leakage Voltage
IGES
VGE = VGES, VCE = 0V
0.5
µA
Gate-Emitter Threshold Voltage
VGE(th)
IC = 60mA, VCE = 10V
4.5
6
7.5
Volts
Collector-Emitter Saturation Voltage
VCE(sat)
IC = 600A, VGE = 15V, Tj = 25°C
2.9
3.7
Volts
IC = 600A, VGE = 15V, Tj = 125°C
2.85
Volts
Total Gate Charge
QG
VCC = 600V, IC = 600A, VGE = 15V
2250
nC
Emitter-Collector Voltage*
VEC
IE = 600A, VGE = 0V
3.2
Volts
* Pulse width and repetition rate should be such that the device junction temperature (Tj) does not exceed Tj(max) rating.
Dynamic Electrical Characteristics, T
j = 25 °C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Input Capacitance
Cies
––
90
nF
Output Capacitance
Coes
VCE = 10V, VGE = 0V
31.5
nF
Reverse Transfer Capacitance
Cres
––
18
nF
Resistive
Turn-on Delay Time
td(on)
VCC = 600V, IC = 600A,
300
ns
Load
Rise Time
tr
VGE1 = VGE2 = 15V,
700
ns
Switch
Turn-off Delay Time
td(off)
RG = 2.1Ω, Resistive
450
ns
Times
Fall Time
tf
Load Switching Operation
350
ns
Diode Reverse Recovery Time
trr
IE = 600A, diE/dt = -1200A/µs
300
ns
Diode Reverse Recovery Charge
Qrr
IE = 600A, diE/dt = -1200A/µs
3.3
µC
Thermal and Mechanical Characteristics, T
j = 25 °C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Thermal Resistance, Junction to Case
Rth(j-c)Q
Per IGBT Module
0.04
°C/W
Thermal Resistance, Junction to Case
Rth(j-c)D
Per FWDi Module
0.06
°C/W
Contact Thermal Resistance
Rth(c-f)
Per Module, Thermal Grease Applied
0.015
°C/W


Similar Part No. - CM600HU-24H

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CM600HU-24H POWEREX-CM600HU-24H Datasheet
57Kb / 4P
   Single IGBTMOD 600 Amperes/1200 Volts
logo
Mitsubishi Electric Sem...
CM600HU-24H MITSUBISHI-CM600HU-24H Datasheet
83Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE
CM600HU-24H MITSUBISHI-CM600HU-24H_09 Datasheet
83Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE
More results

Similar Description - CM600HU-24H

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM75DY-24H MITSUBISHI-CM75DY-24H Datasheet
48Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM1000HA-28H MITSUBISHI-CM1000HA-28H Datasheet
54Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM75DY-HB MITSUBISHI-QM75DY-HB Datasheet
85Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM400DY-12H MITSUBISHI-CM400DY-12H Datasheet
50Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM200DY-2HB MITSUBISHI-QM200DY-2HB Datasheet
86Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM150TF-12H MITSUBISHI-CM150TF-12H Datasheet
53Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM200DY-HB MITSUBISHI-QM200DY-HB Datasheet
68Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM100DY-12H MITSUBISHI-CM100DY-12H Datasheet
47Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM300HA-24 MITSUBISHI-QM300HA-24 Datasheet
77Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM75E2Y-H MITSUBISHI-QM75E2Y-H Datasheet
90Kb / 6P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM100E3U-24H MITSUBISHI-CM100E3U-24H Datasheet
44Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com