Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FGH30N60LSD Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FGH30N60LSD
Description  Low saturation voltage: VCE(sat) =1.1V @ IC = 30A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FGH30N60LSD Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FGH30N60LSD Datasheet HTML 1Page - Fairchild Semiconductor FGH30N60LSD Datasheet HTML 2Page - Fairchild Semiconductor FGH30N60LSD Datasheet HTML 3Page - Fairchild Semiconductor FGH30N60LSD Datasheet HTML 4Page - Fairchild Semiconductor FGH30N60LSD Datasheet HTML 5Page - Fairchild Semiconductor FGH30N60LSD Datasheet HTML 6Page - Fairchild Semiconductor FGH30N60LSD Datasheet HTML 7Page - Fairchild Semiconductor FGH30N60LSD Datasheet HTML 8Page - Fairchild Semiconductor FGH30N60LSD Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
www.fairchildsemi.com
FGH30N60LSD Rev. A1
Typical Performance Characteristics
Figure 1.Typical Output Characteristics
Figure 2. Typical Saturation Voltage
Characteristics
Figure 3. Typical Saturation Voltage
Figure 4. Transfer characteristics
Characteritics
Figure 5. Saturation Voltage vs. Case
Figure 6. Saturation Voltage vs. Vge
Temperature at Variant Current Level
01
23
4
0
30
60
90
T
C = 25
o
C
V
GE = 20V
15V
12V
10V
8V
Collector-Emitter Voltage, VCE [V]
01
23
4
0
30
60
90
T
C = 125
o
C
V
GE = 20V
15V
12V
10V
8V
Collector-Emitter Voltage, VCE [V]
02
46
8
10
12
0
30
60
90
Common Emitter
VCE = 20V
TC = 25
o
C
TC = 125
o
C
Gate-Emitter Voltage,VGE [V]
0
123
0
30
60
90
Common Emitter
VGE = 15V
TC = 25
o
C
TC = 125
o
C
Collector-Emitter Voltage, VCE [V]
25
50
75
100
125
0.6
0.8
1.0
1.2
1.4
60A
30A
IC = 15A
Common Emitter
VGE = 15V
Collector-EmitterCase Temperature, TC [
o
C]
0
4
8
121620
0
4
8
12
16
20
IC = 15A
30A
60A
Common Emitter
T
C
= 25
o
C
Gate-Emitter Voltage, VGE [V]


Similar Part No. - FGH30N60LSD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGH30N6S2 FAIRCHILD-FGH30N6S2 Datasheet
177Kb / 8P
   600V, SMPS II Series N-Channel IGBT
FGH30N6S2 FAIRCHILD-FGH30N6S2 Datasheet
259Kb / 11P
   600V, SMPS II Series N-Channel IGBT
FGH30N6S2 FAIRCHILD-FGH30N6S2 Datasheet
179Kb / 8P
   600V, SMPS II Series N-Channel IGBT
FGH30N6S2D FAIRCHILD-FGH30N6S2D Datasheet
281Kb / 12P
   600V, SMPS II Series N-Channel IGBT with Anti-Parallel StealthTM Diode
FGH30N6S2D FAIRCHILD-FGH30N6S2D Datasheet
287Kb / 12P
   600V, SMPS II Series N-Channel IGBT with Anti-Parallel StealthTM Diode
More results

Similar Description - FGH30N60LSD

ManufacturerPart #DatasheetDescription
logo
Sanken electric
FGM623S SANKEN-FGM623S Datasheet
387Kb / 7P
   Low Saturation Voltage VCE(sat)=1.5V typ. (IC=30A)
logo
Inchange Semiconductor ...
2N5495 ISC-2N5495 Datasheet
140Kb / 2P
   Low Saturation Voltage-: VCE (sat)= 1V(Max)@IC= 3A
2N5497 ISC-2N5497 Datasheet
140Kb / 2P
   Low Saturation Voltage-: VCE (sat)= 1V(Max)@IC= 3.5A
logo
First Silicon Co., Ltd
FTC2655 FS-FTC2655 Datasheet
162Kb / 2P
   Low Saturation Voltage: VCE(sat)=0.5V(Max)(IC=1A)
logo
Fairchild Semiconductor
SGP23N60UFTU FAIRCHILD-SGP23N60UFTU Datasheet
416Kb / 7P
   Low Saturation Voltage: VCE(sat) = 2.1 V @ IC = 12 A
logo
MAKO SEMICONDUCTOR CO.,...
2SB1073 MAKOSEMI-2SB1073 Datasheet
102Kb / 2P
   Low collector-emitter saturation voltage VCE(sat)
logo
Rohm
2SC5053_REV2008 ROHM-2SC5053_REV2008 Datasheet
84Kb / 3P
   Low saturation voltage, typically VCE(sat)=0.12V at IC/IB=500mA/50mA
logo
MAKO SEMICONDUCTOR CO.,...
2SB1188 MAKOSEMI-2SB1188 Datasheet
147Kb / 2P
   Low VCE(sat).
logo
IXYS Corporation
IXSH45N120 IXYS-IXSH45N120 Datasheet
88Kb / 4P
   High Voltage, Low VCE(sat) IGBT
logo
ON Semiconductor
ECH8502 ONSEMI-ECH8502 Datasheet
405Kb / 8P
   Bipolar Transistor (-)50V, (-)30A, Low VCE(sat) Complementary Dual ECH8
September, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com