Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z3SMC75 Datasheet(PDF) 3 Page - Semikron International

Part # Z3SMC75
Description  Zener silicon diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International

Z3SMC75 Datasheet(HTML) 3 Page - Semikron International

  Z3SMC75 Datasheet HTML 1Page - Semikron International Z3SMC75 Datasheet HTML 2Page - Semikron International Z3SMC75 Datasheet HTML 3Page - Semikron International  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Surface mount diode
Zener silicon diodes
Z3 SMC 1 ... Z3 SMC 200 (3W)
Maximum Power
Dissipation: 3 W
Nominal Z-voltage: 1 to 200 V
Features
Mechanical Data
1)
Z3 SMC 1 ... Z3 SMC 200 (3W)
3
09-03-2007 MAM
© by SEMIKRON


Similar Part No. - Z3SMC75

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
Z3SMC75 DIOTEC-Z3SMC75 Datasheet
121Kb / 2P
   Surface mount Silicon-Zener Diodes (non-planar technology)
logo
Semikron International
Z3SMC75 SEMIKRON-Z3SMC75 Datasheet
46Kb / 1P
   Zener silicon diodes
logo
Diotec Semiconductor
Z3SMC75 DIOTEC-Z3SMC75 Datasheet
99Kb / 2P
   Surface Mount Silicon-Zener Diodes
logo
Semikron International
Z3SMC75 SEMIKRON-Z3SMC75 Datasheet
50Kb / 1P
   Zener silicon diodes
logo
Diotec Semiconductor
Z3SMC75 DIOTEC-Z3SMC75 Datasheet
93Kb / 2P
   Surface Mount Silicon-Zener Diodes (non-planar technology)
More results

Similar Description - Z3SMC75

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
BZX55C2V4 EIC-BZX55C2V4 Datasheet
28Kb / 2P
   SILICON ZENER DIODES
logo
Central Semiconductor C...
CMPZDC2V4 CENTRAL-CMPZDC2V4_15 Datasheet
395Kb / 2P
   SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
2EZ100D10 EIC-2EZ100D10_07 Datasheet
96Kb / 3P
   SILICON ZENER DIODES
logo
Pan Jit International I...
1SMB3EZ6.8 PANJIT-1SMB3EZ6.8 Datasheet
305Kb / 4P
   SILICON ZENER DIODES
logo
Semikron International
SZ3C1 SEMIKRON-SZ3C1_07 Datasheet
54Kb / 3P
   Zener silicon diodes
logo
EIC discrete Semiconduc...
2EZ2.7D10 EIC-2EZ2.7D10 Datasheet
53Kb / 3P
   SILICON ZENER DIODES
3EZ3.9D10 EIC-3EZ3.9D10 Datasheet
41Kb / 3P
   SILICON ZENER DIODES
Z043B EIC-Z043B Datasheet
111Kb / 2P
   SILICON ZENER DIODES
logo
Semikron International
3EZ1 SEMIKRON-3EZ1 Datasheet
42Kb / 1P
   Zener silicon diodes
logo
Continental Device Indi...
CLL957A CDIL-CLL957A Datasheet
287Kb / 3P
   SILICON ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com