Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SII9021 Datasheet(PDF) 2 Page - Silicon image

Part # SII9021
Description  PanelLink Receiver
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICONIMAGE [Silicon image]
Direct Link  http://www.siliconimage.com
Logo SILICONIMAGE - Silicon image

SII9021 Datasheet(HTML) 2 Page - Silicon image

  SII9021 Datasheet HTML 1Page - Silicon image SII9021 Datasheet HTML 2Page - Silicon image  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
©2005 Silicon Image, Inc. All rights reserved. Silicon Image, the Silicon Image logo, PanelLink, the PanelLink logo,
SiI, SiI 9021, SiI 9030 and TMDS are trademarks or registered trademarks of Silicon Image, Inc. in the United States
and other countries. Other trademarks are the property of their respective holders. Product specifications are subject
to change without notice. Printed in the U.S.A. 3/05 SiI PB-0065 Rev. 1
Silicon Image, Inc.
1060 E. Arques, Sunnyvale, CA 94085
T 408.616.4000
F 408.830.9530
www.siliconimage.com
Si
I
9021 Features
PanelLink Receiver
Industry-Standard
Compliance
• HDMI 1.0
• DVI 1.0
• EIA/CEA-861B
• HDCP 1.1
Digital Video Output
• Dual integrated PanelLink® cores
• Supports DTV (480i/576i/480p/
576p/720p/1080i/1080p) and PC
(VGA/XGA/SXGA/WSXGA) resolutions
• Flexible digital video interface
- 24-bit RGB/YCbCr 4:4:4
- 16/20/24-bit YCbCr 4:2:2
- 8/10/12-bit YCbCr 4:2:2
(ITU-R BT.656)
- 12-bit digital media interface
• Analog RGB and YPbPr output
- Integrated 10-bit DAC
- Separate or composite syncs
(sync on Y/G)
• Integrated RGB <—> YCbCr color space
conversion
• 4:2:2 <—> 4:4:4 converter
Digital Audio Output
• Industry-standard S/PDIF and I2S output
• Supports IEC60958 2-channel PCM
- 2-ch. 32-192kHz
• Capable of carrying IEC61937
compressed audio (Dolby Digital,
DTS, etc.)
• Programmable I 2S output supports
numerous low-cost audio DACs
Content Protection
• Integrated HDCP cipher engine
• Pre-programmed HDCP keys
- Simplify manufacturing process
- Most secure solution available
- Lower system, manufacturing costs
• Supports HDCP repeater capability
• Decrypts both video and audio
System Operation
• Register-programmable via slave I2C
interface
• Auto video mode simplifies design
• Auto audio mode allows more robust
system
• Flexible interrupt registers with
interrupt pin
Power Management
• 1.8 V core provides low-power
operation
• Flexible power-down modes
Silicon Image ’s
SiI 9021 Starter Kit
(CP9021HDMI)
Contents include:
Hardware
• SiI 9021 Receiver Daughter Board
• HDMI to HDMI cable
Software
• HDMIGear Receiver Software Tool
Documentation
• User’s Guide
• Schematics
• Bill of Materials (BOM)
Q[23:0]
VSYNC
HSYNC
ODCK
DE
SCDT
INT
I2C
Registers
and
Configuration
Logic
Si
I
9021
PanelLink
TMDS
Core
RGB/YPbPr
DAC
HDCP
Keys
E2PROM
Tx0
Tx1
Tx2
TxC
RESET#
CSDA
CSCL
DSDA0
DSCL0
I2C
I2C
XOR
Mask
HDCP
Decryption
Engine
PanelLink
TMDS
Core
MCLKOUT
MCLK
Gen
MCLKIN
SPDIF
SD0
SCK
WS
MUTE OUT
XTAL
Digital
MUX
Port 1
DSDA1
DSCL1
Tx0
Tx1
Tx2
TxC
Port 0
RGB<—>YCbCr
Color Space
Converter/
4:2:2<—>4:4:4
Converter
Audio
Decode
Logic
Part Number -
SiI9021CTU: 25-112MHz (use for 720p/1080i applications)
SiI9021CTU -7: 25-150MHz (use for WSXGA/1080p applications)


Similar Part No. - SII9021

ManufacturerPart #DatasheetDescription
logo
Silicon image
SII9020 SILICONIMAGE-SII9020 Datasheet
173Kb / 2P
   HDMI Transmitter
SII9022 SILICONIMAGE-SII9022 Datasheet
229Kb / 2P
   VastLane??HDMI Transmitter
SII9022A SILICONIMAGE-SII9022A Datasheet
1Mb / 2P
   HDMI Transmitter
SII9023 SILICONIMAGE-SII9023 Datasheet
310Kb / 2P
   HDMI Receiver
SII9024 SILICONIMAGE-SII9024 Datasheet
208Kb / 2P
   VastLane HDMI Transmitter
More results

Similar Description - SII9021

ManufacturerPart #DatasheetDescription
logo
Silicon image
SII9993-35-IP SILICONIMAGE-SII9993-35-IP Datasheet
158Kb / 2P
   PanelLink Receiver
SII1161 SILICONIMAGE-SII1161 Datasheet
378Kb / 46P
   PanelLink Receiver
SII9011 SILICONIMAGE-SII9011 Datasheet
230Kb / 2P
   PanelLink Receiver
SII9031 SILICONIMAGE-SII9031 Datasheet
170Kb / 2P
   PanelLink Receiver
SII1151 SILICONIMAGE-SII1151 Datasheet
357Kb / 44P
   PanelLink Receiver
SII1169 SILICONIMAGE-SII1169 Datasheet
207Kb / 2P
   PanelLink Receiver
SII1171 SILICONIMAGE-SII1171 Datasheet
511Kb / 2P
   PanelLink Receiver
SII169 SILICONIMAGE-SII169 Datasheet
111Kb / 2P
   PanelLink Receiver
logo
List of Unclassifed Man...
SII161A ETC-SII161A Datasheet
260Kb / 22P
   SiI 161A PanelLink Receiver
SII141 ETC1-SII141 Datasheet
84Kb / 12P
   SiI 141B PanelLink Digital Receiver
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com