Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STR912FAM44X6T Datasheet(PDF) 1 Page - STMicroelectronics

Part # STR912FAM44X6T
Description  ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR912FAM44X6T Datasheet(HTML) 1 Page - STMicroelectronics

  STR912FAM44X6T Datasheet HTML 1Page - STMicroelectronics STR912FAM44X6T Datasheet HTML 2Page - STMicroelectronics STR912FAM44X6T Datasheet HTML 3Page - STMicroelectronics STR912FAM44X6T Datasheet HTML 4Page - STMicroelectronics STR912FAM44X6T Datasheet HTML 5Page - STMicroelectronics STR912FAM44X6T Datasheet HTML 6Page - STMicroelectronics STR912FAM44X6T Datasheet HTML 7Page - STMicroelectronics STR912FAM44X6T Datasheet HTML 8Page - STMicroelectronics STR912FAM44X6T Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 99 page
background image
November 2007
Rev 2
1/99
1
STR91xFAx32
STR91xFAx42 STR91xFAx44
ARM966E-S™ 16/32-Bit Flash MCU with Ethernet, USB, CAN,
AC motor control, 4 timers, ADC, RTC, DMA
Features
16/32-bit 96 MHz ARM9E based MCU
– ARM966E-S RISC core: Harvard archi-
tecture, 5-stage pipeline, Tightly-Coupled
Memories (SRAM and Flash)
– STR91xFA implementation of core adds
high-speed burst Flash memory interface,
instruction prefetch queue, branch cache
– Up to 96 MIPS directly from Flash memory
– Single-cycle DSP instructions supported
– Binary compatible with ARM7 code
Dual burst Flash memories, 32-bits wide
– 256 KB/512 KB Main Flash
– 32 KB Secondary Flash
– Sequential Burst operation up to 96 MHz
– 100 K min erase cycles, 20 yr min retention
SRAM, 32-bits wide
– 64K or 96K bytes, optional battery backup
9 programmable DMA channels
Clock, reset, and supply management
– Internal oscillator operating with external
4-25 MHz crystal
– Internal PLL up to 96 MHz
– Real-time clock provides calendar
functions, tamper, and wake-up functions
– Reset Supervisor monitors supply voltage,
watchdog, wake-up unit, external reset
– Brown-out monitor for early warning
interrupt
– Run, Idle, and Sleep Mode as low as 50 uA
Operating temperature -40 to +85°C
Vectored interrupt controller (VIC)
– 32 IRQ vectors, 30 interrupt pins
– Branch cache minimizes interrupt latency
8-channel, 10-bit A/D converter (ADC)
– 0 to 3.6V range, 0.7 usec conversion
– DMA capability
10 Communication interfaces
– 10/100 Ethernet MAC with DMA and MII
– USB Full-speed (12 Mbps) slave device
– CAN interface (2.0B Active)
– 3 16550-style UARTs with IrDA protocol
–2 Fast I2C™, 400 kHz
– 2 channels for SPI™, SSI™, or Microwire™
External Memory Interface (EMI)
– 8- or 16-bit data, up to 24-bit addressing
– Static Async modes for LQFP128
– Additional burst synchronous modes for
LFBGA144
Up to 80 I/O pins (muxed with interfaces)
16-bit standard timers (TIM)
– 4 timers each with 2 input capture, 2 output
compare, PWM and pulse count modes
3-Phase induction motor controller (IMC)
JTAG interface with boundary scan
Embedded trace module (ARM ETM9)
Table 1.
Device summary
Reference
Root part number
STR91xFAx32
STR910FAM32, STR910FAW32,
STR910FAZ32
STR91xFAx42
STR911FAM42, STR911FAW42,
STR912FAW42, STR912FAZ42
STR91xFAx44
STR911FAM44 STR911FAW44
STR912FAW44, STR912FAZ44
LQFP80 12 x12mm
LQFP128 14 x 14mm
LFBGA144 10 x 10 x 1.7
www.st.com


Similar Part No. - STR912FAM44X6T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STR912FAW32 STMICROELECTRONICS-STR912FAW32 Datasheet
1Mb / 101P
   ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
STR912FAW34X6 STMICROELECTRONICS-STR912FAW34X6 Datasheet
1Mb / 78P
   ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
STR912FAW42 STMICROELECTRONICS-STR912FAW42 Datasheet
1Mb / 101P
   ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
STR912FAW42X6 STMICROELECTRONICS-STR912FAW42X6 Datasheet
1Mb / 78P
   ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
STR912FAW44 STMICROELECTRONICS-STR912FAW44 Datasheet
1Mb / 101P
   ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
More results

Similar Description - STR912FAM44X6T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STR91XF STMICROELECTRONICS-STR91XF Datasheet
1Mb / 72P
   ARM966E-S 16/32-Bit Flash MCU with Ethernet, USB, CAN, AC Motor Control, 4 Timers, ADC, RTC, DMA
STR91XFAX3X STMICROELECTRONICS-STR91XFAX3X Datasheet
1Mb / 101P
   ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
STR91XFA STMICROELECTRONICS-STR91XFA Datasheet
1Mb / 78P
   ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
STR91XF STMICROELECTRONICS-STR91XF_07 Datasheet
1Mb / 73P
   ARM966E-S TM 16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
STR71XF STMICROELECTRONICS-STR71XF Datasheet
678Kb / 49P
   ARM7TDMI 16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES
STR710F STMICROELECTRONICS-STR710F Datasheet
659Kb / 49P
   ARM7TDMI??16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES
STR71XFXX STMICROELECTRONICS-STR71XFXX Datasheet
1Mb / 80P
   ARM7TDMI??32-bit MCU with Flash, USB, CAN, 5 timers, ADC, 10 communication interfaces
April 2013 Rev 13
STR71XF STMICROELECTRONICS-STR71XF_07 Datasheet
1Mb / 77P
   ARM7TDMI??32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
STRT71XF STMICROELECTRONICS-STRT71XF Datasheet
1Mb / 74P
   ARM7TDMI??32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
STR71XF STMICROELECTRONICS-STR71XF_08 Datasheet
1Mb / 78P
   ARM7TDMI??32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com