Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3MBI150U-120 Datasheet(PDF) 1 Page - Fuji Electric

Part # 3MBI150U-120
Description  1200V / 150A 3 in one-package
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

3MBI150U-120 Datasheet(HTML) 1 Page - Fuji Electric

  3MBI150U-120 Datasheet HTML 1Page - Fuji Electric 3MBI150U-120 Datasheet HTML 2Page - Fuji Electric 3MBI150U-120 Datasheet HTML 3Page - Fuji Electric 3MBI150U-120 Datasheet HTML 4Page - Fuji Electric 3MBI150U-120 Datasheet HTML 5Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
3MBI150U-120
1200V / 150A 3 in one-package
Features
· High speed switching
· Voltage drive
· Low inductance module structure
Applications
· Inverter for Motor drive
· AC and DC Servo drive amplifier
· Uninterruptible power supply
· Industrial machines, such as Welding machines
Maximum ratings and characteristics
Absolute maximum ratings (at Tc=25°C unless otherwise specified)
Item
Zero gate voltage collector current
Gate-Emitter leakage current
Gate-Emitter threshold voltage
Collector-Emitter saturation voltage
Input capacitance
Turn-on time
Turn-off time
Forward on voltage
Reverse recovery time
Lead resistance, terminal-chip*3
ICES
IGES
VGE(th)
VCE(sat)
(terminal)
VCE(sat)
(chip)
Cies
ton
tr
tr(i)
toff
tf
V F
(terminal)
V F
(chip)
trr
R lead
1.0
200
4.5
6.5
8.5
2.15
2.50
2.40
1.75
2.10
2.00
–17
0.36
1.20
0.21
0.60
0.03
0.37
1.00
0.07
0.30
2.00
2.30
2.10
1.60
1.90
1.70
0.35
2.4
VGE=0V, VCE=1200V
VCE=0V, VGE=±20V
VCE=20V, IC=150mA
VGE=15V, IC=150A
VCE=10V, VGE=0V, f=1MHz
VCC=600V
IC=150A
VGE=±15V
RG=2.2
VGE=0V
IF=150A
IF=150A
mA
nA
V
V
nF
µs
V
µs
m
Electrical characteristics (at Tj=25°C unless otherwise specified)
Thermal resistance characteristics
Thermal resistance
Contact Thermal resistance
0.17
0.28
0.05
IGBT
FWD
With thermal compound
°C/W
°C/W
°C/W
*1 : All terminals should be connected together when isolation test will be done.
*2 : Recommendable value : 2.5 to 3.5 N·m(M5)
Symbols
Conditions
Characteristics
Unit
Min.
Typ.
Max.
Rth(j-c)
Rth(j-c)
Rth(c-f)*4
IGBT Module U-Series
*4 : This is the value which is defined mounting on the additional cooling fin with thermal compound.
Tj=25°C
Tj=125°C
Tj=25°C
Tj=125°C
Tj=25°C
Tj=125°C
Tj=25°C
Tj=125°C
*3:Biggest internal terminal resistance among arm.
Items
Symbols
Conditions
Characteristics
Unit
Min.
Typ.
Max.
Item
Symbol
Collector-Emitter voltage
VCES
Gate-Emitter voltaga
VGES
Collector current
IC
ICp
-IC
-IC pulse
Collector Power Dissipation
PC
Junction temperature
Tj
Storage temperature
Tstg
Isolation voltage between terminal and copper base *1
Viso
Screw Torque
Mounting *2
Rating
1200
±20
200
150
400
300
150
300
735
+150
-40 to +125
2500
3.5
Unit
V
V
A
W
°C
VAC
N·m
Conditions
Continuous
1ms
1 device
AC:1min.
Tc=25°C
Tc=80°C
Tc=25°C
Tc=80°C


Similar Part No. - 3MBI150U-120

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3MBI150U-120 ETC2-3MBI150U-120 Datasheet
118Kb / 5P
   IGBT Module U-Series 1200V / 150A 3 in one-package
More results

Similar Description - 3MBI150U-120

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
3MBI150UC-120 FUJI-3MBI150UC-120 Datasheet
128Kb / 5P
   1200V / 150A 3 in one-package
logo
List of Unclassifed Man...
3MBI150UC-120 ETC2-3MBI150UC-120 Datasheet
128Kb / 5P
   IGBT Module U-Series 1200V / 150A 3 in one-package
3MBI150U-120 ETC2-3MBI150U-120 Datasheet
118Kb / 5P
   IGBT Module U-Series 1200V / 150A 3 in one-package
logo
Fuji Electric
2MBI150VA-120-50 FUJI-2MBI150VA-120-50 Datasheet
478Kb / 6P
   IGBT MODULE (V series) 1200V / 150A / 2 in one package
logo
List of Unclassifed Man...
2MBI150UA-120 ETC2-2MBI150UA-120 Datasheet
104Kb / 4P
   IGBT Module U-Series 1200V / 150A 2 in one-package
2MBI150UB-120 ETC2-2MBI150UB-120 Datasheet
105Kb / 4P
   IGBT Module U-Series 1200V / 150A 2 in one-package
logo
Fuji Electric
2MBI150HH-120-50 FUJI-2MBI150HH-120-50 Datasheet
558Kb / 6P
   HIGH SPEED IGBT MODULE 1200V / 150A / 2 in one package
2MBI150VB-120-50 FUJI-2MBI150VB-120-50 Datasheet
419Kb / 6P
   IGBT MODULE (V series) 1200V / 150A / 2 in one package
6MBP150RA060 FUJI-6MBP150RA060 Datasheet
357Kb / 7P
   600V / 150A 6 in one-package
1FI150B-060 FUJI-1FI150B-060 Datasheet
86Kb / 2P
   600V / 150A 1 in one-package
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com