Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISD1620BSYI01 Datasheet(PDF) 4 Page - Winbond

Part # ISD1620BSYI01
Description  Single-Message Single-Chip 6.6- to 40-Second Voice Record & Playback Devices with vAlert Option
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

ISD1620BSYI01 Datasheet(HTML) 4 Page - Winbond

  ISD1620BSYI01 Datasheet HTML 1Page - Winbond ISD1620BSYI01 Datasheet HTML 2Page - Winbond ISD1620BSYI01 Datasheet HTML 3Page - Winbond ISD1620BSYI01 Datasheet HTML 4Page - Winbond ISD1620BSYI01 Datasheet HTML 5Page - Winbond ISD1620BSYI01 Datasheet HTML 6Page - Winbond ISD1620BSYI01 Datasheet HTML 7Page - Winbond ISD1620BSYI01 Datasheet HTML 8Page - Winbond ISD1620BSYI01 Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
ISD1600B SERIES
- 4 -
2. FEATURES
• User-friendly single-chip, single-message voice record & playback devices
• Wide operating voltage: 2.4V to 5.5V
• Push-button interface
o
Record is level-triggered
o
Playback is either edge- or level-triggered
• Selectable sampling frequency controlled by an external oscillator resistor
Sampling Frequency
12 kHz
8 kHz
6.4 kHz
5.3 kHz
4 kHz
Rosc
53 k
Ω
80 k
Ω
100 k
Ω
120 k
Ω
160 k
Ω
• Variable duration selected by external oscillator resistor
Sample Frequency
12 KHz
8 KHz
6.4 KHz
5.3 KHz
4 HKz
ISD1610B
6.6 secs
10 secs
12.5 secs
15 secs
20 secs
ISD1612B
8 secs
12 secs
15 secs
18 secs
24 secs
ISD1616B
10.6 secs
16 secs
20 secs
24 secs
32 secs
ISD1620B
13.3 secs
20 secs
25 secs
30 secs
40 secs
• Message and operation indicators
o
Optional vAlert (voiceAlert) to indicate the presence of new messages
o
LED: stay on during recording, blink during playback operation
• Automatic power-down mode
o
Enters standby mode immediately after a record or playback cycle
o
Standby current: 1µA typical and 10µA maximum
• Dual output channels
o
PWM Class D speaker amplifier to directly drive an 8 Ω speaker or a typical buzzer
o
AUD single-ended current output to drive external power amplifier
• ChipCorder standard features
o
High-quality, natural voice and audio reproduction
o
Zero-power message storage: Eliminates battery backup circuits
o
100-year message retention (typical)
o
100,000 record cycles (typical)
• Package options: Leaded and Lead-free packaged units
• Available in die, 16L 150mil SOIC and 16L 300mil PDIP
• Temperature options:
o
Commercial: 0
°C to +50°C (Die); 0°C to +70°C (Packaged)
o
Industrial: -40
°C to +85°C (Packaged)


Similar Part No. - ISD1620BSYI01

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
ISD1620BSYI NUVOTON-ISD1620BSYI Datasheet
313Kb / 22P
   Single-Message Single-Chip 6.6- to 40-Second Voice Record & Playback Devices
More results

Similar Description - ISD1620BSYI01

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
ISD1600B NUVOTON-ISD1600B Datasheet
313Kb / 22P
   Single-Message Single-Chip 6.6- to 40-Second Voice Record & Playback Devices
logo
Winbond
ISD1700 WINBOND-ISD1700 Datasheet
356Kb / 24P
   Multi-Message Single-Chip Voice Record & Playback Devices
logo
Nuvoton Technology Corp...
ISD1700 NUVOTON-ISD1700 Datasheet
990Kb / 23P
   Multi-Message Single-Chip Voice Record & Playback Devices
logo
Winbond
ISD1700A WINBOND-ISD1700A Datasheet
360Kb / 31P
   Multi-Message Single-Chip Voice Record&Playback Devices
ISD1810 WINBOND-ISD1810 Datasheet
278Kb / 18P
   Single-Chip, Single-Message Voice Record/Playback Device 8- to 16-Second Durations
logo
Nuvoton Technology Corp...
ISD18C00 NUVOTON-ISD18C00 Datasheet
332Kb / 23P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
logo
Winbond
ISD1800 WINBOND-ISD1800 Datasheet
709Kb / 26P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
logo
Nuvoton Technology Corp...
ISD1800 NUVOTON-ISD1800 Datasheet
420Kb / 27P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
ISD18B00 NUVOTON-ISD18B00 Datasheet
610Kb / 20P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
ISD14B00 NUVOTON-ISD14B00 Datasheet
993Kb / 27P
   SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com