Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN7316 Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FAN7316
Description  LCD Backlight Inverter Drive IC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7316 Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button FAN7316 Datasheet HTML 3Page - Fairchild Semiconductor FAN7316 Datasheet HTML 4Page - Fairchild Semiconductor FAN7316 Datasheet HTML 5Page - Fairchild Semiconductor FAN7316 Datasheet HTML 6Page - Fairchild Semiconductor FAN7316 Datasheet HTML 7Page - Fairchild Semiconductor FAN7316 Datasheet HTML 8Page - Fairchild Semiconductor FAN7316 Datasheet HTML 9Page - Fairchild Semiconductor FAN7316 Datasheet HTML 10Page - Fairchild Semiconductor FAN7316 Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN7316 • 1.0.1
7
Electrical Characteristics (Continued)
For typical values, TA=25°C, VIN=18V, and -25°C ≤ TA ≤ 85°C, unless otherwise specified. Specifications to -25°C ~
85°C are guaranteed by design based on final characterization results.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Protection Section
Vscp
Short-Circuit Protection Voltage
1.9
2.0
2.1
V
Vcmpr
CMP Protection Voltage
2.8
3.0
3.2
V
Volp
Open-Lamp Protection Voltage
1.4
1.5
1.6
V
Vovp
Over-Voltage Protection
2.85
3.00
3.15
V
Volr1
Open-Lamp Regulation Voltage 1
1.60
1.75
1.90
V
Volr2
Open-Lamp Regulation Voltage 2
1.9
2.0
2.1
V
Volrhy
Open-Lamp Regulation Hysteresis
(5)
250
mV
Striking, foscb=300Hz
1.4
1.5
1.6
s
tscp
Short-Circuit Protection Delay
(5)
Normal, foscb=300Hz
80
100
120
ms
Striking, foscb=300Hz
1.4
1.5
1.6
s
tcmp
CMP Protection Delay
(5)
Normal, foscb=300Hz
80
100
120
ms
Striking, foscb=300Hz
1.4
1.5
1.6
s
tolp
Open-Lamp Protection Delay
(5)
Normal, foscb=300Hz
6
10
ms
Striking, foscb=300Hz
1.4
1.5
1.6
s
tolr
Open-Lamp Regulation Delay
(5)
Normal, foscb=300Hz
80
100
120
ms
TSD
Thermal Shutdown
(5)
150
°C
Output Section
TA=25°C, RT=27kΩ
47.4
49.0
50.6
fnrmo
Output Normal Frequency
RT=27kΩ
47
49
51
kHz
TA=25°C, RT=27kΩ
61.5
64.0
66.4
fstr
Output Striking Frequency
RT=27kΩ
61
64
67
kHz
Vouvh
OUTH Voltage Before Start-up
VIN=Vth-0.6
-0.45
0
0.45
V
Vouvl
OUTL Voltage Before Start-up
VIN=Vth-0.6
-0.45
0
0.45
V
Vosth
High-Side Output Voltage at VENA=0V
VIN=18V
-0.45
0
0.45
V
Vost
Low-Side Output Voltage at VENA=0V
VIN=18V
-0.45
0
0.45
V
Vohh
High-Side Output Voltage
VIN=18V
5.5
6.0
6.5
V
Vohl
Low-Side Output Voltage
VIN=18V
5.5
6.0
6.5
V
Idsurh
High-Side Output Drive Source Current
(5)
VIN=18V
500
mA
Idsinh
High-Side Output Drive Sink Current
(5)
VIN=18V
500
mA
Idsurl
Low-Side Output Drive Source Current
(5)
VIN=18V
500
mA
Idsinl
Low-Side Output Drive Sink Current
(5)
VIN=18V
500
mA
tdead
Dead Time
(5)
500
ns
Note:
5.
These parameters, although guaranteed, are not 100% tested in production.


Similar Part No. - FAN7316

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7316 FAIRCHILD-FAN7316 Datasheet
435Kb / 3P
   LCD Backlight Inverter Drive IC
FAN7316M FAIRCHILD-FAN7316M Datasheet
435Kb / 3P
   LCD Backlight Inverter Drive IC
FAN7316MX FAIRCHILD-FAN7316MX Datasheet
435Kb / 3P
   LCD Backlight Inverter Drive IC
FAN7316 FAIRCHILD-FAN7316_08 Datasheet
435Kb / 3P
   LCD Backlight Inverter Drive IC
More results

Similar Description - FAN7316

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7318 FAIRCHILD-FAN7318 Datasheet
590Kb / 3P
   LCD Backlight Inverter Drive IC
FAN7314A FAIRCHILD-FAN7314A Datasheet
496Kb / 3P
   LCD Backlight Inverter Drive IC
FAN7319 FAIRCHILD-FAN7319 Datasheet
1Mb / 23P
   LCD Backlight Inverter Drive IC
FAN7313 FAIRCHILD-FAN7313 Datasheet
312Kb / 11P
   LCD Backlight Inverter Drive IC
FAN7316 FAIRCHILD-FAN7316_08 Datasheet
435Kb / 3P
   LCD Backlight Inverter Drive IC
FAN7318A FAIRCHILD-FAN7318A Datasheet
1Mb / 24P
   LCD Backlight Inverter Drive IC
FAN7314 FAIRCHILD-FAN7314 Datasheet
546Kb / 14P
   LCD Backlight Inverter Drive IC
FAN7311 FAIRCHILD-FAN7311_07 Datasheet
374Kb / 16P
   LCD Backlight Inverter Drive IC
FAN7311 FAIRCHILD-FAN7311 Datasheet
461Kb / 13P
   LCD Backlight Inverter Drive IC
FAN7314 FAIRCHILD-FAN7314_07 Datasheet
254Kb / 3P
   LCD Backlight Inverter Drive IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com