Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SJ314-01L Datasheet(PDF) 1 Page - Fuji Electric

Part # 2SJ314-01L
Description  P-CHANNEL SILICON POWER MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

2SJ314-01L Datasheet(HTML) 1 Page - Fuji Electric

  2SJ314-01L Datasheet HTML 1Page - Fuji Electric 2SJ314-01L Datasheet HTML 2Page - Fuji Electric 2SJ314-01L Datasheet HTML 3Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Item
Symbol
Rating
Unit
Drain-source voltage
VDS
-60
Drain-gate voltage (RGS=20k
Ω)VDGR
-60
Continuous drain current
ID
-5
Pulsed drain current
ID(puls]
-20
Gate-source voltage
VGS
±20
Max. power dissipation
PD
20
Operating and storage
Tch
+150
temperature range
Tstg
2SJ314-01L,S
FUJI POWER MOSFET
P-CHANNEL SILICON POWER MOSFET
Equivalent circuit schematic
Maximum ratings and characteristics
Absolute maximum ratings (Tc=25°C unless otherwise specified)
V
A
A
A
V
W
°C
°C
-55 to +150
FAP-III SERIES
Electrical characteristics (Tc =25°C unless otherwise specified)
Thermal characteristics
Item
Symbol
Zero gate voltage drain current
IDSS
Min.
Typ.
Max.
Units
V
V
μA
mA
nA
m
Ω
m
Ω
S
pF
ns
A
A
A
V
ns
μC
Min.
Typ.
Max.
Units
Thermal resistance
Rth(ch-c)
Rth(ch-a)
6.25
125.0
°C/W
°C/W
Symbol
V(BR)DSS
VGS(th)
IGSS
RDS(on)
gfs
Ciss
Coss
Crss
td(on)
tr
td(off)
tf
IAV
IDR
IDRM
VSD
trr
Qrr
Item
Drain-source breakdown voltage
Gate threshold voltage
Gate-source leakage current
Drain-source on-state resistance
Forward transconductance
Input capacitance
Output capacitance
Reverse transfer capacitance
Turn-on time ton
(ton=td(on)+tr)
Turn-off time toff
(toff=td(off)+tf)
Avalanche capability
Continuous reverse drain current
Pulsed reverse drain current
Diode forward on-voltage
Reverse recovery time
Reverse recovery charge
Test Conditions
ID=1mA
VGS=0V
ID=1mA
VDS=VGS
VDS= -60V
Tch=25°C
VGS=0V
Tch=125°C
VGS=±20V VDS=0V
ID= -2.5A
VGS= -4V
VGS= -10V
ID=2.5A VDS= -25V
VDS= -25V
VGS=0V
f=1MHz
VCC= -30V RG=25
Ω
ID= -3A
VGS= -10V
L=100μH
Tch=25°C
Tc=25°C
Tc=25°C
IF=2xIDR VGS=0V Tch=25°C
IF=IDR VGS=0V
-di/dt=100A/
μs Tch=25°C
-60
-1.0
-1.5
-2.5
-10
-500
-0.2
-1.0
10
100
280
480
200
300
2.0
4.5
500
750
200
300
120
180
15
23
20
30
100
150
80
120
-5
-5
-20
-4.0
80
0.18
Gate(G)
Source(S)
Drain(D)
Outline Drawings
Features
High speed switching
Low on-resistance
No secondary breakdown
Low driving power
High forward Transconductance
Avalanche-proof
Applications
Switching regulators
DC-DC converters
General purpose power amplifier
K-Pack(L)
K-Pack(S)
L-type
EIAJ


Similar Part No. - 2SJ314-01L

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
2SJ314-01L VBSEMI-2SJ314-01L Datasheet
976Kb / 7P
   P-Channel 4 0 V (D-S) MOSFET
More results

Similar Description - 2SJ314-01L

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
2SJ474-01L FUJI-2SJ474-01L_05 Datasheet
543Kb / 4P
   P-CHANNEL SILICON POWER MOSFET
logo
Guangdong Kexin Industr...
2SJ0582 KEXIN-2SJ0582 Datasheet
46Kb / 2P
   Silicon P-channel power MOSFET
logo
Fuji Electric
2SJ475-01 FUJI-2SJ475-01_06 Datasheet
300Kb / 4P
   P-CHANNEL SILICON POWER MOSFET
2SJ477-01MR FUJI-2SJ477-01MR_06 Datasheet
299Kb / 4P
   P-CHANNEL SILICON POWER MOSFET
logo
Dongguan Pingjingsemi T...
PJM3415PSC PJSEMI-PJM3415PSC Datasheet
6Mb / 6P
   Silicon P-Channel Power MOSFET
PJM2035PSA PJSEMI-PJM2035PSA Datasheet
1Mb / 6P
   Silicon P-Channel Power MOSFET
PJM3415PSA-4K PJSEMI-PJM3415PSA-4K Datasheet
1Mb / 6P
   Silicon P-Channel Power MOSFET
logo
Fuji Electric
2SJ472-01L FUJI-2SJ472-01L_06 Datasheet
249Kb / 4P
   P-CHANNEL SILICON POWER MOSFET
2SJ473-01L FUJI-2SJ473-01L_06 Datasheet
241Kb / 4P
   P-CHANNEL SILICON POWER MOSFET
2SJ476-01L FUJI-2SJ476-01L_06 Datasheet
308Kb / 4P
   P-CHANNEL SILICON POWER MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com