Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM561JRZ Datasheet(PDF) 6 Page - Analog Devices

Part # ADM561JRZ
Description  Ultralow Power 3.3 V, RS-232 Notebook PC Serial Port Drivers/Receivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM561JRZ Datasheet(HTML) 6 Page - Analog Devices

Back Button ADM561JRZ Datasheet HTML 2Page - Analog Devices ADM561JRZ Datasheet HTML 3Page - Analog Devices ADM561JRZ Datasheet HTML 4Page - Analog Devices ADM561JRZ Datasheet HTML 5Page - Analog Devices ADM561JRZ Datasheet HTML 6Page - Analog Devices ADM561JRZ Datasheet HTML 7Page - Analog Devices ADM561JRZ Datasheet HTML 8Page - Analog Devices ADM561JRZ Datasheet HTML 9Page - Analog Devices ADM561JRZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ADM560/ADM561
Rev. B | Page 6 of 12
TYPICAL PERFORMANCE CHARACTERISTICS
6
0
3000
3
1
500
2
0
5
4
2500
2000
1500
1000
LOAD CAPACITANCE (pF)
20kbps
80kbps
160kbps
TA = 25°C
VCC = 3.3V
4 TRANSMITTERS LOADED
WITH RL = 5kΩ || CL
C1 TO C4 = 1µF
Figure 4. Transmitter Output Voltage High vs. Load Capacitance
6.25
4.75
5
5.25
0
5.75
34
2
1
| IOUT | (mA)
TA = 25°C
C1 TO C4 = 1µF
VCC = 3.3V
TRANSMITTERS UNLOADED
TOUT LOW
TOUT HIGH
Figure 5. Transmitter Output Voltage vs. Load Current
10.5
3.5
5.5
5.5
2.5
7.5
6.5
8.5
9.5
5.0
4.5
4.0
3.5
3.0
4.5
VCC (V)
TA = 25°C
C1 TO C4 = 1µF
TRANSMITTERS LOADED
WITH 5kΩ || 2500pF
1 TRANSMITTER
LOADED
4 TRANSMITTERS
LOADED
Figure 6. Transmitter Output Voltage High vs. VCC
0
–6
3000
–3
–5
500
–4
0
–1
–2
2500
2000
1500
1000
LOAD CAPACITANCE (pF)
80kbps
160kbps
20kbps
TA = 25°C
VCC = 3.3V
4 TRANSMITTERS LOADED
WITH RL = 5kΩ || CL
C1 TO C4 = 1µF
Figure 7. Transmitter Output Voltage Low vs. Load Capacitance
45
0
3000
500
2500
2000
1500
1000
LOAD CAPACITANCE (pF)
40
35
30
25
20
15
10
5
3 TRANSMITTERS
LOADED
4 TRANSMITTERS
LOADED
Figure 8. Transmitter Slew Rate vs. Load Capacitance
–3
–10
5.5
–7
–9
3.0
–8
2.5
–4
–6
–5
5.0
4.5
4.0
3.5
VCC (V)
4 TRANSMITTERS
LOADED
1 TRANSMITTER
LOADED
TA = 25°C
C1 TO C4 = 1µF
TRANSMITTERS LOADED
WITH 5kΩ || 2500pF
Figure 9. Transmitter Output Voltage Low vs. VCC


Similar Part No. - ADM561JRZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM561JR AD-ADM561JR Datasheet
246Kb / 6P
   Ultralow Power, 3.3 V, RS-232 Notebook PC Serial Port Drivers/Receivers
REV. B
ADM561JRS AD-ADM561JRS Datasheet
246Kb / 6P
   Ultralow Power, 3.3 V, RS-232 Notebook PC Serial Port Drivers/Receivers
REV. B
More results

Similar Description - ADM561JRZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM560 AD-ADM560 Datasheet
246Kb / 6P
   Ultralow Power, 3.3 V, RS-232 Notebook PC Serial Port Drivers/Receivers
REV. B
ADM561 AD-ADM561_15 Datasheet
247Kb / 12P
   Notebook PC Serial Port Drivers/Receivers
REV. B
ADM560 AD-ADM560_15 Datasheet
247Kb / 12P
   Notebook PC Serial Port Drivers/Receivers
REV. B
ADM3202ARN-REEL AD-ADM3202ARN-REEL Datasheet
328Kb / 16P
   Low Power, 3.3 V, RS-232 Line Drivers/Receivers
Rev. E
ADM3202ARUZ-REEL7 AD-ADM3202ARUZ-REEL7 Datasheet
328Kb / 16P
   Low Power, 3.3 V, RS-232 Line Drivers/Receivers
Rev. E
ADM3202 AD-ADM3202 Datasheet
153Kb / 8P
   Low Power, 3.3 V, RS-232 Line Drivers/Receivers
REV. A
ADM3202ARWZ AD-ADM3202ARWZ Datasheet
328Kb / 16P
   Low Power, 3.3 V, RS-232 Line Drivers/Receivers
Rev. E
ADM3222ARSZ AD-ADM3222ARSZ Datasheet
328Kb / 16P
   Low Power, 3.3 V, RS-232 Line Drivers/Receivers
Rev. E
ADM3202 AD-ADM3202_V01 Datasheet
327Kb / 16P
   Low Power, 3.3 V, RS-232 Line Drivers/Receivers
Rev. E
ADM232A AD-ADM232A_15 Datasheet
183Kb / 11P
   CMOS RS-232 Drivers/Receivers
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com