Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AO4407A Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AO4407A
Description  P-Channel Enhancement Mode Field Effect Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AO4407A Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AO4407A Datasheet HTML 1Page - Alpha & Omega Semiconductors AO4407A Datasheet HTML 2Page - Alpha & Omega Semiconductors AO4407A Datasheet HTML 3Page - Alpha & Omega Semiconductors AO4407A Datasheet HTML 4Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AO4407A
Symbol
Min
Typ
Max
Units
BVDSS
-30
V
-10
TJ = 55°C
-50
IGSS
±100
nA
VGS(th)
-1.7
-2.3
-3
V
ID(ON)
-60
A
8.5
11
TJ=125°C
11.5
15
10
13
27
38
gFS
21
S
VSD
-0.7
-1
V
IS
-3
A
Ciss
2060
2600
pF
Coss
370
pF
Crss
295
pF
Rg
2.4
3.6
Qg
30
39
nC
Qgs
4.6
nC
Qgd
10
nC
tD(on)
11
ns
tr
9.4
ns
tD(off)
24
ns
tf
12
ns
trr
30
40
ns
Qrr
22
nC
THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
VGS=0V, VDS=-15V, f=1MHz
Input Capacitance
Output Capacitance
Turn-On Rise Time
Turn-Off DelayTime
VGS=-10V, VDS=-15V, RL=1.25Ω,
RGEN=3Ω
Turn-Off Fall Time
Turn-On DelayTime
m
SWITCHING PARAMETERS
Gate Source Charge
Gate Drain Charge
Total Gate Charge
VGS=-10V, VDS=-15V, ID=-12A
DYNAMIC PARAMETERS
Maximum Body-Diode Continuous Current
Gate resistance
VGS=0V, VDS=0V, f=1MHz
VGS = -5V, ID = -10A
IS = -1A,VGS = 0V
VDS = -5V, ID = -10A
VGS = -10V, ID = -12A
RDS(ON)
Static Drain-Source On-Resistance
Forward Transconductance
Diode Forward Voltage
IDSS
µA
Gate Threshold Voltage
VDS = VGS ID = -250µA
VDS = -30V, VGS = 0V
VDS = 0V, VGS = ±25V
Zero Gate Voltage Drain Current
Gate-Body leakage current
Electrical Characteristics (TJ=25°C unless otherwise noted)
STATIC PARAMETERS
Parameter
Conditions
Body Diode Reverse Recovery Time
Body Diode Reverse Recovery Charge IF=-12A, dI/dt=100A/µs
Drain-Source Breakdown Voltage
On state drain current
ID = -250µA, VGS = 0V
VGS = -10V, VDS = -5V
VGS = -20V, ID = -12A
Reverse Transfer Capacitance
IF=-12A, dI/dt=100A/µs
A: The value of R θJA is measured with the device mounted on 1 in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A = 25°C. The
value in any given application depends on the user's specific board design. The current rating is based on the t ≤ 10s thermal resistance
rating.
B: Repetitive rating, pulse width limited by junction temperature.
C. The R θJA is the sum of the thermal impedence from junction to lead R θJL and lead to ambient.
D. The static characteristics in Figures 1 to 6 are obtained using < 300
µs pulses, duty cycle 0.5% max.
E. These tests are performed with the device mounted on 1 in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A=25°C. The SOA
curve provides a single pulse rating.
F. The current rating is based on the t ≤ 10s thermal resistance rating.
G. EAR and IAR ratings are based on low frequency and duty cycles to keep Tj=25C.
Rev3: Jan 2008
Alpha & Omega Semiconductor, Ltd.
www.aosmd.com


Similar Part No. - AO4407A

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4407A AOSMD-AO4407A Datasheet
192Kb / 5P
   30V P-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4407A WHXPCB-AO4407A Datasheet
2Mb / 5P
   30V P-Channel MOSFET
logo
Guangdong Kexin Industr...
AO4407A KEXIN-AO4407A Datasheet
1Mb / 4P
   P-Channel MOSFET
logo
VBsemi Electronics Co.,...
AO4407A VBSEMI-AO4407A Datasheet
996Kb / 9P
   P-Channel 30-V (D-S) MOSFET
logo
SHENZHEN DOINGTER SEMIC...
AO4407A DOINGTER-AO4407A Datasheet
1Mb / 7P
   P-Channel MOSFET uses advanced trench technology
More results

Similar Description - AO4407A

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD419 AOSMD-AOD419 Datasheet
119Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM4435A CET-CEM4435A Datasheet
106Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CES2321 CET-CES2321 Datasheet
108Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CED2303 CET-CED2303 Datasheet
140Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CED3423 CET-CED3423 Datasheet
258Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
BSS84W DIODES-BSS84W_1 Datasheet
100Kb / 4P
   P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30205 Rev. 9 - 2
logo
Alpha & Omega Semicondu...
AO6403 AOSMD-AO6403 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AO6419 AOSMD-AO6419 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AO7413 AOSMD-AO7413 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AOU403 AOSMD-AOU403 Datasheet
72Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com