Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7MBR75U4B120 Datasheet(PDF) 9 Page - Fuji Electric

Part # 7MBR75U4B120
Description  Power Integrated Module
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

7MBR75U4B120 Datasheet(HTML) 9 Page - Fuji Electric

Back Button 7MBR75U4B120 Datasheet HTML 5Page - Fuji Electric 7MBR75U4B120 Datasheet HTML 6Page - Fuji Electric 7MBR75U4B120 Datasheet HTML 7Page - Fuji Electric 7MBR75U4B120 Datasheet HTML 8Page - Fuji Electric 7MBR75U4B120 Datasheet HTML 9Page - Fuji Electric 7MBR75U4B120 Datasheet HTML 10Page - Fuji Electric 7MBR75U4B120 Datasheet HTML 11Page - Fuji Electric 7MBR75U4B120 Datasheet HTML 12Page - Fuji Electric 7MBR75U4B120 Datasheet HTML 13Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
H04-004-03a
MS6M0855
15
9
Reliability Test Results
Test
cate-
gorie
s
Test items
Reference
norms
EIAJ ED-4701
(Aug.-2001 edition)
Number
of test
sample
Number
of
failure
sample
1 Terminal Strength
Test Method 401
5
0
(Pull test)
MethodⅠ
2 Mounting Strength
Test Method 402
5
0
methodⅡ
3 Vibration
Test Method 403
5
0
Condition code B
4 Shock
Test Method 404
5
0
Condition code B
5 Solderabitlity
Test Method 303
5
0
Condition code A
6 Resistance to Soldering Heat
Test Method 302
5
0
Condition code A
1 High Temperature Storage
Test Method 201
5
0
2 Low Temperature Storage
Test Method 202
5
0
3 Temperature Humidity
Test Method 103
5
*
Storage
Test code C
4 Unsaturated
Test Method 103
5
0
Pressurized Vapor
Test code E
5 Temperature Cycle
Test Method 105
5
0
6 Thermal Shock
Test Method 307
5
0
method Ⅰ
Condition code A
1 High temperature Reverse Bias Test Method 101
5
*
2 High temperature Bias
Test Method 101
5
0
( for gate )
3 Temperature Humidity Bias
Test Method 102
5
*
Condition code C
4 Intermitted Operating Life
Test Method 106
5
0
(Power cycling)
( for IGBT )
* under confirmation


Similar Part No. - 7MBR75U4B120

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
7MBR75U2B060 FUJI-7MBR75U2B060 Datasheet
197Kb / 7P
   IGBT MODULE (U series) 600V / 75A / PIM
logo
List of Unclassifed Man...
7MBR75UB120 ETC2-7MBR75UB120 Datasheet
156Kb / 7P
   IGBT MODULE (U series) 1200V / 75A / PIM
More results

Similar Description - 7MBR75U4B120

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
7MBR15SA140 FUJI-7MBR15SA140 Datasheet
2Mb / 10P
   Power Integrated Module
7MBR35SB140 FUJI-7MBR35SB140 Datasheet
2Mb / 10P
   Power Integrated Module
7MBR10UF120 FUJI-7MBR10UF120 Datasheet
1Mb / 16P
   Power Integrated Module
7MBR20SA060A FUJI-7MBR20SA060A Datasheet
389Kb / 10P
   Power Integrated Module
7MBR25SA140 FUJI-7MBR25SA140 Datasheet
2Mb / 10P
   Power Integrated Module
7MBR15UF060 FUJI-7MBR15UF060 Datasheet
1,007Kb / 16P
   Power Integrated Module
7MBR30UF060 FUJI-7MBR30UF060 Datasheet
1,004Kb / 16P
   Power Integrated Module
7MBR20SA060 FUJI-7MBR20SA060 Datasheet
420Kb / 10P
   Power Integrated Module
7MBR100U4B120 FUJI-7MBR100U4B120 Datasheet
506Kb / 15P
   Power Integrated Module
7MBR15UF120 FUJI-7MBR15UF120 Datasheet
1Mb / 16P
   Power Integrated Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com