Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6MBI75S-060 Datasheet(PDF) 10 Page - Fuji Electric

Part # 6MBI75S-060
Description  IGBT Module
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

6MBI75S-060 Datasheet(HTML) 10 Page - Fuji Electric

Back Button 6MBI75S-060 Datasheet HTML 5Page - Fuji Electric 6MBI75S-060 Datasheet HTML 6Page - Fuji Electric 6MBI75S-060 Datasheet HTML 7Page - Fuji Electric 6MBI75S-060 Datasheet HTML 8Page - Fuji Electric 6MBI75S-060 Datasheet HTML 9Page - Fuji Electric 6MBI75S-060 Datasheet HTML 10Page - Fuji Electric 6MBI75S-060 Datasheet HTML 11Page - Fuji Electric 6MBI75S-060 Datasheet HTML 12Page - Fuji Electric 6MBI75S-060 Datasheet HTML 13Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
H04-004-03
13
MS5F5326
0
5 0
10 0
15 0
1 0
10 0
100 0
ton
tr
toff
tf
[ Inverter ]
Switching time vs.
Collector curren t (typ .)
Vcc=300V, VGE=±15V, Rg =33Ω, Tj= 25 ℃
C olle ctor curr ent
:
Ic
[ A ]
0
5 0
10 0
15 0
1 0
10 0
100 0
tf
tr
ton
toff
[ I nverter ]
Switchi ng tim e vs.
Collector current (typ .)
Vcc=300V, VGE =±15V , Rg= 33Ω, Tj= 125℃
C olle ctor curr ent
:
Ic
[ A ]
1 0
10 0
30 0
1 0
10 0
100 0
500 0
toff
ton
tr
tf
[ Inverter ]
Switching time vs.
Gate resistanc e (typ .)
Vcc= 300V, Ic=75A , VGE= ±15V, Tj= 25℃
Gate resi stan ce
: R g [ Ω ]
0
5 0
10 0
15 0
0
2
4
6
8
Err(25℃)
Eoff(25℃)
Eon(25℃)
Err(125℃)
Eoff(125℃)
Eon(125℃)
[ I nverter ]
Switching los s vs.
Coll ector curren t (typ.)
V cc=300 V, VGE =±15V , Rg=33Ω
C olle ctor curr ent
:
Ic
[ A ]
1 0
10 0
30 0
0
5
1 0
1 5
[ I nvert er ]
Switching loss
vs. G ate re sistan ce (typ .)
Vcc=3 00V, I c=75A, VGE=±15V, Tj= 125℃
Gate resi stan ce
: R g [ Ω ]
Eon
Err
Eoff
0
20 0
40 0
60 0
80 0
0
5 0
10 0
15 0
20 0
[ Inverter ]
Reverse bias safe opera ting ar ea
+ VGE=15 V, -VGE≦15V, Rg≧33Ω, Tj≦125 ℃
Coll ecto r - Emit ter v olta ge
: V CE
[ V ]
10


Similar Part No. - 6MBI75S-060

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
6MBI75S-120 FUJI-6MBI75S-120 Datasheet
506Kb / 4P
   IGBT(1200V/75A)
6MBI75S-120 FUJI-6MBI75S-120 Datasheet
169Kb / 4P
   IGBT MODULE
6MBI75S-120-01 FUJI-6MBI75S-120-01 Datasheet
552Kb / 8P
   IGBT Module
6MBI75S-120 FUJI-6MBI75S-120_10 Datasheet
169Kb / 4P
   IGBT MODULE
6MBI75S-140 FUJI-6MBI75S-140 Datasheet
2Mb / 8P
   IGBT Module
More results

Similar Description - 6MBI75S-060

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
FS10R06VL4B2 EUPEC-FS10R06VL4B2 Datasheet
634Kb / 7P
   IGBT-Module IGBT-modules
FS10R12VT3 EUPEC-FS10R12VT3 Datasheet
653Kb / 8P
   IGBT-Module IGBT-modules
FS10R12YT3 EUPEC-FS10R12YT3 Datasheet
706Kb / 7P
   IGBT-Module IGBT-modules
FZ400R12KS4 EUPEC-FZ400R12KS4 Datasheet
287Kb / 8P
   IGBT-Module / IGBT-inverter
logo
Fuji Electric
1MBI400F-060 FUJI-1MBI400F-060 Datasheet
140Kb / 5P
   IGBT MODULE
1MBI600PX-120-01 FUJI-1MBI600PX-120-01 Datasheet
313Kb / 8P
   IGBT Module
2MBI200LB-060 FUJI-2MBI200LB-060 Datasheet
144Kb / 5P
   IGBT MODULE
6MBI150FB-060 FUJI-6MBI150FB-060 Datasheet
151Kb / 5P
   IGBT MODULE
logo
SanRex Corporation
GAE75AA120 SANREX-GAE75AA120 Datasheet
505Kb / 3P
   IGBT MODULE
logo
List of Unclassifed Man...
FD800R33KF2 ETC1-FD800R33KF2 Datasheet
123Kb / 9P
   IGBT-Module
logo
Fuji Electric
6MBI100FA-060 FUJI-6MBI100FA-060 Datasheet
182Kb / 4P
   IGBT MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com