Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVQ02T Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74LVQ02T
Description  QUAD 2-INPUT NOR GATE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LVQ02T Datasheet(HTML) 1 Page - STMicroelectronics

  74LVQ02T Datasheet HTML 1Page - STMicroelectronics 74LVQ02T Datasheet HTML 2Page - STMicroelectronics 74LVQ02T Datasheet HTML 3Page - STMicroelectronics 74LVQ02T Datasheet HTML 4Page - STMicroelectronics 74LVQ02T Datasheet HTML 5Page - STMicroelectronics 74LVQ02T Datasheet HTML 6Page - STMicroelectronics 74LVQ02T Datasheet HTML 7Page - STMicroelectronics 74LVQ02T Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
74LVQ02
QUAD 2-INPUT NOR GATE
®
February 1999
PIN CONNECTION AND IEC LOGIC SYMBOLS
s
HIGH SPEED: tPD = 5 ns (TYP.) at VCC = 3.3V
s
COMPATIBLE WITH TTL OUTPUTS
s
LOW POWER DISSIPATION:
ICC =2
µA (MAX.) at TA =25 oC
s
LOW NOISE:
VOLP = 0.3 V (TYP.) at VCC =3.3V
s
75
Ω TRANSMISSION LINE DRIVING
CAPABILITY
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH|=IOL = 12 mA (MIN)
s
PCI BUS LEVELS GUARANTEED AT 24mA
s
BALANCED PROPAGATION DELAYS:
tPLH
≅ tPHL
s
OPERATING VOLTAGE RANGE:
VCC (OPR) = 2V to 3.6V (1.2V Data Retention)
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 02
s
IMPROVED LATCH-UP IMMUNITY
DESCRIPTION
The LVQ02 is a low voltage CMOS QUAD
2-INPUT NOR GATE fabricated with sub-micron
silicon gate and double-layer metal wiring C
2MOS
technology. It is ideal for low power and low noise
3.3V applications.
The internal circuit is composed of 3 stages
including buffer output, which enables high noise
immunity and stable output.
It has better speed performance at 3.3V than 5V
LS-TTL family combined with the true CMOS low
power consumption.
All inputs
and
outputs are
equipped with
protection circuits against static discharge, giving
them 2KV ESD immunity and transient excess
voltage.
ORDER CODES :
74LVQ02M
74LVQ02T
M
(Micro Package)
T
(TSSOP Package)
1/8


Similar Part No. - 74LVQ02T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74LVQ02TTR STMICROELECTRONICS-74LVQ02TTR Datasheet
227Kb / 11P
   LOW VOLTAGE CMOS QUAD 2-INPUT NOR GATE
More results

Similar Description - 74LVQ02T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74VHC02 NXP-74VHC02 Datasheet
92Kb / 14P
   Quad 2-input NOR gate
Rev. 01-13 August 2009
logo
Toshiba Semiconductor
TC74VHC02F TOSHIBA-TC74VHC02F_07 Datasheet
255Kb / 9P
   Quad 2-Input NOR Gate
logo
Integral Corp.
IN74HC02A INTEGRAL-IN74HC02A Datasheet
232Kb / 5P
   Quad 2-Input NOR Gate
logo
Texas Instruments
CD74AC02 TI-CD74AC02 Datasheet
33Kb / 5P
[Old version datasheet]   Quad 2-Input NOR Gate
logo
Toshiba Semiconductor
TC4001BP TOSHIBA-TC4001BP_07 Datasheet
250Kb / 9P
   Quad 2 Input NOR Gate
logo
Fairchild Semiconductor
74VHC02 FAIRCHILD-74VHC02_07 Datasheet
291Kb / 9P
   Quad 2-Input NOR Gate
logo
Toshiba Semiconductor
TC74AC02F TOSHIBA-TC74AC02F_12 Datasheet
238Kb / 8P
   Quad 2-Input NOR Gate
logo
NXP Semiconductors
74LVC02AD112 NXP-74LVC02AD112 Datasheet
164Kb / 14P
   Quad 2-input NOR gate
Rev. 8-16 November 2011
logo
Fairchild Semiconductor
74ACTQ02 FAIRCHILD-74ACTQ02_05 Datasheet
114Kb / 8P
   Quad 2-Input NOR Gate
logo
National Semiconductor ...
54AC02 NSC-54AC02 Datasheet
111Kb / 6P
   Quad 2-Input NOR Gate
logo
NXP Semiconductors
74F02 PHILIPS-74F02 Datasheet
99Kb / 11P
   Quad 2-input NOR gate
1990 Oct 04
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com