Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6MBI150U4B-120 Datasheet(PDF) 7 Page - Fuji Electric

Part # 6MBI150U4B-120
Description  IGBT MODULE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

6MBI150U4B-120 Datasheet(HTML) 7 Page - Fuji Electric

Back Button 6MBI150U4B-120 Datasheet HTML 3Page - Fuji Electric 6MBI150U4B-120 Datasheet HTML 4Page - Fuji Electric 6MBI150U4B-120 Datasheet HTML 5Page - Fuji Electric 6MBI150U4B-120 Datasheet HTML 6Page - Fuji Electric 6MBI150U4B-120 Datasheet HTML 7Page - Fuji Electric 6MBI150U4B-120 Datasheet HTML 8Page - Fuji Electric 6MBI150U4B-120 Datasheet HTML 9Page - Fuji Electric 6MBI150U4B-120 Datasheet HTML 10Page - Fuji Electric 6MBI150U4B-120 Datasheet HTML 11Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
H04-004-03a
MS5F6013
13
7
Reliability Test Items
Test
cate-
gories
Test items
Test methods and conditions
Reference
norms
EIAJ ED-4701
(Aug.-2001 edition)
Number
of
sample
Accept-
ance
number
1 High temperature
Test Method 101
5
( 0 : 1 )
Reverse Bias
Test temp.
: Ta = 125±5 ℃
(Tj ≦ 150 ℃)
Bias Voltage
: VC = 0.8×VCES
Bias Method
: Applied DC voltage to C-E
VGE = 0V
Test duration
: 1000hr.
2 High temperature
Test Method 101
5
( 0 : 1 )
Bias (for gate)
Test temp.
: Ta = 125±5 ℃
(Tj ≦ 150 ℃)
Bias Voltage
: VC = VGE = +20V or -20V
Bias Method
: Applied DC voltage to G-E
VCE = 0V
Test duration
: 1000hr.
3 Temperature
Test Method 102
5
( 0 : 1 )
Humidity Bias
Test temp.
: 85±2
oC
Condition code C
Relative humidity
: 85±5%
Bias Voltage
: VC = 0.8×VCES
Bias Method
: Applied DC voltage to C-E
VGE = 0V
Test duration
: 1000hr.
4 Intermitted
ON time
: 2 sec.
Test Method 106
5
( 0 : 1 )
Operating Life
OFF time
: 18 sec.
(Power cycle)
Test temp.
:
Tj=100±5 deg
( for IGBT )
Tj ≦ 150 ℃, Ta=25±5 ℃
Number of cycles
: 15000 cycles
Failure Criteria
Item
Characteristic
Symbol
Failure criteria
Unit
Note
Lower limit Upper limit
Electrical
Leakage current
ICES
-
USL×2
mA
characteristic
±IGES
-
USL×2
A
Gate threshold voltage VGE(th)
LSL×0.8
USL×1.2
mA
Saturation voltage
VCE(sat)
-
USL×1.2
V
Forward voltage
VF
-
USL×1.2
V
Thermal
IGBT
VGE
-
USL×1.2
mV
resistance
or
VCE
FWD
VF
-
USL×1.2
mV
Isolation voltage
Viso
Broken insulation
-
Visual
Visual inspection
inspection
Peeling
-
The visual sample
-
Plating
and the others
LSL : Lower specified limit.
USL : Upper specified limit.
Note : Each parameter measurement read-outs shall be made after stabilizing the components
at room ambient for 2 hours minimum, 24 hours maximum after removal from the tests.
And in case of the wetting tests, for example, moisture resistance tests, each component
shall be made wipe or dry completely before the measurement.
Each parameter measurement read-outs shall be made after stabilizing the components
at room ambient for 2 hours minimum, 24 hours maximum after removal from the tests.
And in case of the wetting tests, for example, moisture resistance tests, each component
shall be made wipe or dry completely before the measurement.


Similar Part No. - 6MBI150U4B-120

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
6MBI150U4B-170 FUJI-6MBI150U4B-170 Datasheet
468Kb / 13P
   IGBT MODULE
More results

Similar Description - 6MBI150U4B-120

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
FS10R06VL4B2 EUPEC-FS10R06VL4B2 Datasheet
634Kb / 7P
   IGBT-Module IGBT-modules
FS10R12VT3 EUPEC-FS10R12VT3 Datasheet
653Kb / 8P
   IGBT-Module IGBT-modules
FS10R12YT3 EUPEC-FS10R12YT3 Datasheet
706Kb / 7P
   IGBT-Module IGBT-modules
FZ400R12KS4 EUPEC-FZ400R12KS4 Datasheet
287Kb / 8P
   IGBT-Module / IGBT-inverter
logo
Fuji Electric
1MBI400F-060 FUJI-1MBI400F-060 Datasheet
140Kb / 5P
   IGBT MODULE
1MBI600PX-120-01 FUJI-1MBI600PX-120-01 Datasheet
313Kb / 8P
   IGBT Module
2MBI200LB-060 FUJI-2MBI200LB-060 Datasheet
144Kb / 5P
   IGBT MODULE
6MBI150FB-060 FUJI-6MBI150FB-060 Datasheet
151Kb / 5P
   IGBT MODULE
logo
SanRex Corporation
GAE75AA120 SANREX-GAE75AA120 Datasheet
505Kb / 3P
   IGBT MODULE
logo
List of Unclassifed Man...
FD800R33KF2 ETC1-FD800R33KF2 Datasheet
123Kb / 9P
   IGBT-Module
logo
Fuji Electric
6MBI100FA-060 FUJI-6MBI100FA-060 Datasheet
182Kb / 4P
   IGBT MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com